Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC660AIN Datasheet(PDF) 2 Page - Texas Instruments

Part # LMC660AIN
Description  LMC660 CMOS Quad Operational Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC660AIN Datasheet(HTML) 2 Page - Texas Instruments

  LMC660AIN Datasheet HTML 1Page - Texas Instruments LMC660AIN Datasheet HTML 2Page - Texas Instruments LMC660AIN Datasheet HTML 3Page - Texas Instruments LMC660AIN Datasheet HTML 4Page - Texas Instruments LMC660AIN Datasheet HTML 5Page - Texas Instruments LMC660AIN Datasheet HTML 6Page - Texas Instruments LMC660AIN Datasheet HTML 7Page - Texas Instruments LMC660AIN Datasheet HTML 8Page - Texas Instruments LMC660AIN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LMC660
SNOSBZ3D – APRIL 1998 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Differential Input Voltage
±Supply Voltage
Supply Voltage
16V
Output Short Circuit to V+
See(2)
Output Short Circuit to V
See(3)
Lead Temperature
(Soldering, 10 sec.)
260°C
Storage Temp. Range
−65°C to +150°C
Voltage at Input/Output Pins
(V+) + 0.3V, (V)
− 0.3V
Current at Output Pin
±18 mA
Current at Input Pin
±5 mA
Current at Power Supply Pin
35 mA
Power Dissipation
See(4)
Junction Temperature
150°C
ESD tolerance(5)
1000V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed.
(2)
Do not connect output to V+ when V+ is greater than 13V or reliability may be adversely affected.
(3)
Applies to both single supply and split supply operation. Continuous short circuit operation at elevated ambient temperature and/or
multiple Op Amp shorts can result in exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of ±30
mA over long term may adversely affect reliability.
(4)
The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) − TA)/θJA.
(5)
Human Body Model is 1.5 k
Ω in series with 100 pF.
Operating Ratings
Temperature Range
LMC660AI
−40°C ≤ TJ ≤ +85°C
LMC660C
0°C
≤ TJ ≤ +70°C
Supply Voltage Range
4.75V to 15.5V
Power Dissipation
See(1)
Thermal Resistance (
θJA)
(2)
14-Pin SOIC
115°C/W
14-Pin PDIP
85°C/W
(1)
For operating at elevated temperatures the device must be derated based on the thermal resistance
θJA with PD = (TJ − TA)/θJA.
(2)
All numbers apply for packages soldered directly into a PC board.
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LMC660


Similar Part No. - LMC660AIN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC660AIN NSC-LMC660AIN Datasheet
461Kb / 14P
   CMOS Quad Operational Amplifier
LMC660AIN NSC-LMC660AIN Datasheet
441Kb / 12P
   CMOS Quad Operational Amplifier
LMC660AIN NSC-LMC660AIN Datasheet
873Kb / 14P
   CMOS Quad Operational Amplifier
More results

Similar Description - LMC660AIN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6034 TI1-LMC6034 Datasheet
1Mb / 22P
[Old version datasheet]   CMOS Quad Operational Amplifier
logo
National Semiconductor ...
LMC660 NSC-LMC660_00 Datasheet
441Kb / 12P
   CMOS Quad Operational Amplifier
LMC660EP NSC-LMC660EP Datasheet
891Kb / 15P
   CMOS Quad Operational Amplifier
LMC660 NSC-LMC660_06 Datasheet
873Kb / 14P
   CMOS Quad Operational Amplifier
LMC660 NSC-LMC660 Datasheet
461Kb / 14P
   CMOS Quad Operational Amplifier
LMC6034 NSC-LMC6034 Datasheet
301Kb / 12P
   CMOS Quad Operational Amplifier
LMC6044 NSC-LMC6044 Datasheet
387Kb / 12P
   CMOS Quad Micropower Operational Amplifier
logo
Texas Instruments
LMC6034IMX TI-LMC6034IMX Datasheet
1Mb / 22P
[Old version datasheet]   LMC6034 CMOS Quad Operational Amplifier
LMC6044 TI1-LMC6044_17 Datasheet
1Mb / 23P
[Old version datasheet]   CMOS Quad Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6084 NSC-LMC6084 Datasheet
729Kb / 14P
   Precision CMOS Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com