Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4900M Datasheet(PDF) 12 Page - Texas Instruments

Part # LM4900M
Description  LM4900 Boomer Audio Power Amplifier Series 265mW at 3.3V Supply Audio Power Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4900M Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM4900M Datasheet HTML 8Page - Texas Instruments LM4900M Datasheet HTML 9Page - Texas Instruments LM4900M Datasheet HTML 10Page - Texas Instruments LM4900M Datasheet HTML 11Page - Texas Instruments LM4900M Datasheet HTML 12Page - Texas Instruments LM4900M Datasheet HTML 13Page - Texas Instruments LM4900M Datasheet HTML 14Page - Texas Instruments LM4900M Datasheet HTML 15Page - Texas Instruments LM4900M Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
OBSOLETE
LM4900
SNAS121D – APRIL 2001 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Power Supply
Power Supply
Rejection Ratio
Rejection Ratio
Figure 38.
Figure 39.
Power Supply Rejection Ratio
Power Supply Rejection Ratio
vs Supply Voltage
vs Supply Voltage
Figure 40.
Figure 41.
Supply Current vs
Shutdown Voltage
LM4900MM Power Derating Curve
Figure 42.
Figure 43.
12
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LM4900


Similar Part No. - LM4900M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4900M NSC-LM4900M Datasheet
772Kb / 19P
   265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
LM4900MM NSC-LM4900MM Datasheet
772Kb / 19P
   265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
More results

Similar Description - LM4900M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4902 TI-LM4902_15 Datasheet
1Mb / 24P
[Old version datasheet]   Boomer Audio Power Amplifier Series 265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
logo
National Semiconductor ...
LM4902 NSC-LM4902 Datasheet
772Kb / 18P
   265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
LM4900 NSC-LM4900 Datasheet
772Kb / 19P
   265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
LM4855 NSC-LM4855 Datasheet
1Mb / 24P
   Boomer AUDIO POWER AMPLIFIER Integrated Audio Amplifier System
LM4995 NSC-LM4995 Datasheet
769Kb / 15P
   BOOMER-R AUDIO POWER AMPLIFIER SERIES
logo
Texas Instruments
LM4670SD TI1-LM4670SD Datasheet
1Mb / 24P
[Old version datasheet]   LM4670 Boomer Audio Power Amplifier Series Filterless High
LM4952 TI-LM4952_15 Datasheet
1Mb / 25P
[Old version datasheet]   Boomer Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
LM4950TSX-NOPB TI1-LM4950TSX-NOPB Datasheet
3Mb / 30P
[Old version datasheet]   LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
LM4670 TI1-LM4670 Datasheet
1Mb / 24P
[Old version datasheet]   LM4670 Boomer??Audio Power Amplifier Series Filterless High Efficiency 3W Switching Audio Amplifier
logo
Power Integrations, Inc...
DI-134 POWERINT-DI-134 Datasheet
388Kb / 2P
   Audio Amplifier Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com