Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3490IM5-12 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM3490IM5-12
Description  LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3490IM5-12 Datasheet(HTML) 2 Page - Texas Instruments

  LM3490IM5-12 Datasheet HTML 1Page - Texas Instruments LM3490IM5-12 Datasheet HTML 2Page - Texas Instruments LM3490IM5-12 Datasheet HTML 3Page - Texas Instruments LM3490IM5-12 Datasheet HTML 4Page - Texas Instruments LM3490IM5-12 Datasheet HTML 5Page - Texas Instruments LM3490IM5-12 Datasheet HTML 6Page - Texas Instruments LM3490IM5-12 Datasheet HTML 7Page - Texas Instruments LM3490IM5-12 Datasheet HTML 8Page - Texas Instruments LM3490IM5-12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
LM3490
SNVS012E – JUNE 1999 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Input Voltage (IN to GND)
35V
Voltage ON/OFF to GND
5.5V
Power Dissipation(3)
400 mW
Junction Temp. (TJ)
(3)
+150°C
Ambient Storage Temp.
−65 to +150°C
Wave
4sec., 260°C
Soldering Time, Temp.(4)
Infrared
10sec., 240°C
Vapor Phase
75sec., 219°C
ON/OFF
1.0kV
ESD(5)
All Other Pins
2.0kV
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is specified. Operating Ratings do not imply ensured performance limits. For ensured performance limits and
associated test conditions, see the Electrical Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The Absolute Maximum power dissipation depends on the ambient temperature and can be calculated using P = (TJ - TA)/θJA where TJ
is the junction temperature, TA is the ambient temperature, and θJA is the junction-to-ambient thermal resistance. The 400 mW rating
results from substituting the Absolute Maximum junction temperature, 150°C, for TJ , 50°C for TA, and 250°C/W for θJA. More power can
be safely dissipated at lower ambient temperatures. Less power can be safely dissipated at higher ambient temperatures. The Absolute
Maximum power dissipation can be increased by 4 mW for each °C below 50°C ambient. It must be derated by 4 mW for each °C above
50°C ambient. A
θJA of 250°C/W represents the worst-case condition of no heat sinking of the 5-lead plastic SOT-23 package. Heat
sinking enables the safe dissipation of more power. The LM3490 actively limits its junction temperature to about 150°C.
(4)
Times shown are dwell times. Temperatures shown are dwell temperatures. For detailed information on soldering plastic small-outline
packages, see http://www.ti.com.
(5)
For testing purposes, ESD was applied using the human-body model, a 100 pF capacitor discharged through a 1.5 k
Ω resistor.
OPERATING RATINGS
(1)
Maximum Input Voltage (IN to GND)
30V
Voltage ON/OFF to GND
0 to 5V
Junction Temperature (TJ)
−40 to +125°C
Maximum Power Dissipation(2)
300 mW
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is specified. Operating Ratings do not imply ensured performance limits. For ensured performance limits and
associated test conditions, see the Electrical Characteristics tables.
(2)
As with the Absolute Maximum power dissipation, the maximum power dissipation for operation depends on the ambient temperature.
The 300 mW rating appearing under Operating Ratings results from substituting the maximum junction temperature for operation,
125°C, for TJ, 50°C for TA, and 250°C/W for θJA in P = (TJ − TA)/θJA. More power can be dissipated at lower ambient temperatures. Less
power can be dissipated at higher ambient temperatures. The maximum power dissipation for operation appearing under Operating
Ratings can be increased by 4 mW for each °C below 50°C ambient. It must be derated by 4 mW for each °C above 50°C ambient. A
θJA of 250°C/W represents the worst-case condition of no heat sinking of the 5-lead plastic SOT-23 package. Heat sinking enables the
dissipation of more power during operation.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM3490


Similar Part No. - LM3490IM5-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3490IM5-12 NSC-LM3490IM5-12 Datasheet
291Kb / 10P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
LM3490IM5-12 NSC-LM3490IM5-12 Datasheet
310Kb / 12P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
logo
Texas Instruments
LM3490IM5-12 TI-LM3490IM5-12 Datasheet
1,007Kb / 17P
[Old version datasheet]   LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-
More results

Similar Description - LM3490IM5-12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3490IM5-12 TI-LM3490IM5-12 Datasheet
1,007Kb / 17P
[Old version datasheet]   LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-
logo
National Semiconductor ...
LM3490 NSC-LM3490 Datasheet
291Kb / 10P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
LM3490 NSC-LM3490_07 Datasheet
310Kb / 12P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
logo
TECH PUBLIC Electronics...
TLV76033DBZR TECHPUBLIC-TLV76033DBZR Datasheet
1Mb / 4P
   100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
LM3480IM3X-3.3 TECHPUBLIC-LM3480IM3X-3.3 Datasheet
2Mb / 4P
   100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
National Semiconductor ...
LM3480 NSC-LM3480 Datasheet
277Kb / 9P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LM3480 TI-LM3480_15 Datasheet
1,021Kb / 20P
[Old version datasheet]   LM3480 100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
LM3480IM3X-15 TI-LM3480IM3X-15 Datasheet
996Kb / 15P
[Old version datasheet]   LM3480 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
Calogic, LLC
CLM2805 CALOGIC-CLM2805 Datasheet
35Kb / 3P
   Micropower SOT-23, 120mA Low-Dropout Voltage Regulator ON/OFF Switch
logo
NXP Semiconductors
SA57031-XX PHILIPS-SA57031-XX Datasheet
161Kb / 13P
   Micropower 150 mA, low-noise, low dropout linear regulator with on/off
2003 Jun 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com