Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC756 Datasheet(PDF) 2 Page - API Technologies Corp

Part # DC756
Description  QUADRATURE HYBRID OCTAVE BAND, 3dB
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

DC756 Datasheet(HTML) 2 Page - API Technologies Corp

  DC756 Datasheet HTML 1Page - API Technologies Corp DC756 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRODUCT
QUADRATURE HYBRID
SPECIFICATION
OCTAVE BAND, 3dB
Spectrum Microwave
8 Executive Drive
Hudson, NH 03051
Phone: 603-459-1600
Fax: 603.459.1605
www.SpectrumMicrowave.com
Model
Dimensions (See Drawing)
Weights
Numbers
A”
A (cm)
B”
B (cm)
C”
C (cm)
Ounces
Grams
DC751
3.27
(8,31)
3.13
(7,95)
2.71
(6,88)
1.4
40
DC752
1.84
(4,67)
1.70
(4,32)
1.28
(3,25)
1.0
28
DC752E
1.57
(3,99)
1.43
(3,63)
1.01
(2,57)
1.2
34
DC753
1.19
(3,02)
1.05
(2,67)
.63
(1,60)
.5
14
DC753E
1.06
(2,69)
.92
(2,34)
.50
(1,27)
.5
14
DC754
1.06
(2,69)
.92
(2,34)
.50
(1,27)
.5
14
DC754E
1.06
(2,69)
.92
(2,34)
.50
(1,27)
.5
14
DC755
1.06
(2,69)
.92
(2,34)
.50
(1,27)
.5
14
DC756
1.06
(2,69)
.92
(2,34)
.50
(1.27)
.5
14
MISCELLANEOUS:
1.
Spectrum Microwave “Standard Warranty and Order Terms and Conditions” apply to all orders.
2.
All specifications subject to change without notice.
3.
Check “Ordering and Availability Listing” for delivery and ordering information.
4.
Contact our local Manufacturers Representative for pricing.
Specification Revision – 071510
OUTLINE DRAWING


Similar Part No. - DC756

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
DC756 APITECH-DC756 Datasheet
162Kb / 2P
   QUADRATURE HYBRID OCTAVE BAND, 3dB
DC756 APITECH-DC756 Datasheet
162Kb / 2P
   QUADRATURE HYBRID OCTAVE BAND, 3dB
DC756 APITECH-DC756 Datasheet
162Kb / 2P
   QUADRATURE HYBRID OCTAVE BAND, 3dB
DC756 APITECH-DC756 Datasheet
162Kb / 2P
   QUADRATURE HYBRID OCTAVE BAND, 3dB
DC756 APITECH-DC756 Datasheet
162Kb / 2P
   QUADRATURE HYBRID OCTAVE BAND, 3dB
More results

Similar Description - DC756

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
DC754 APITECH-DC754 Datasheet
162Kb / 2P
   QUADRATURE HYBRID OCTAVE BAND, 3dB
DC753E APITECH-DC753E Datasheet
162Kb / 2P
   QUADRATURE HYBRID OCTAVE BAND, 3dB
DC751 APITECH-DC751 Datasheet
162Kb / 2P
   QUADRATURE HYBRID OCTAVE BAND, 3dB
DC753 APITECH-DC753 Datasheet
162Kb / 2P
   QUADRATURE HYBRID OCTAVE BAND, 3dB
DC752E APITECH-DC752E Datasheet
162Kb / 2P
   QUADRATURE HYBRID OCTAVE BAND, 3dB
DC755 APITECH-DC755 Datasheet
162Kb / 2P
   QUADRATURE HYBRID OCTAVE BAND, 3dB
DC754E APITECH-DC754E Datasheet
162Kb / 2P
   QUADRATURE HYBRID OCTAVE BAND, 3dB
DC752 APITECH-DC752 Datasheet
162Kb / 2P
   QUADRATURE HYBRID OCTAVE BAND, 3dB
2375-5 APITECH-2375-5 Datasheet
187Kb / 2P
   QUADRATURE HYBRID MULTI-OCTAVE BAND
2375-4 APITECH-2375-4 Datasheet
182Kb / 2P
   QUADRATURE HYBRID MULTI-OCTAVE BAND
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com