Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DE11XKX470J Datasheet(PDF) 19 Page - Murata Manufacturing Co., Ltd.

Part # DE11XKX470J
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DE11XKX470J Datasheet(HTML) 19 Page - Murata Manufacturing Co., Ltd.

Back Button DE11XKX470J Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. DE11XKX470J Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. DE11XKX470J Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. DE11XKX470J Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. DE11XKX470J Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. DE11XKX470J Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. DE11XKX470J Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. DE11XKX470J Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. DE11XKX470J Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 83 page
background image
C85E.pdf
Jul.13,2011
17
5
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
Safety Standard Certified Ceramic Capacitors
DEJ Series Based on the Electrical Appliance and Material Safety Law of Japan
s Features
1. This type is based on the electrical appliance and
material safety law of Japan (separated table 4).
2. Coated with flame-retardant epoxy resin (conforming
to UL94V-0 standard).
Please contact us when a halogen-free product*
is necessary.
* Cl=900ppm max., Br=900ppm max. and
Cl+Br=1500ppm max.
3. Taping available for automatic insertion.
s Applications
Ideal for use on AC line filters and primary-secondary
coupling for switching power supplies and AC adapters.
Do not use these products in any automotive
power train or safety equipment including battery
chargers for electric vehicles and plug-in hybrids.
Only Murata products clearly stipulated as
"for Automotive use" on its catalog can be used
for automobile applications such as power train and
safety equipment.
Lead Code Coating Extension e
A3
C3
Up to the end of crimp
3.0 max.
(in mm)
ø d
0.6
±0.05
0.6
±0.05
Style
Fig. 1
Fig. 2
D max.
T max.
T max.
<Fig. 1>
<Fig. 2>
e
ø d
F
±1.0
[Bulk]
Vertical Crimp Long (A3)
Straight Long (C3)
D max.
T max.
T max.
<Fig. 1>
<Fig. 2>
F
±0.8
e
ø d
Lead Code Coating Extension e
B3
D3
Up to the end of crimp
3.0 max.
(in mm)
ø d
0.6
±0.05
0.6
±0.05
Style
Fig. 1
Fig. 2
[Bulk]
Vertical Crimp Short (B3)
Straight Short (D3)
s Marking
Temp. Char.
Manufactured Date Code
Abbreviation
E, F
Manufacturer's
Identification
Rated Voltage
Marked with code
Capacitance Tolerance
Marked with code
Nominal Capacitance
ø9-11mm
ø7-8mm
Marked with 3 figures
102Z
250~
16
Marked with
(omitted for nominal body diameter ø8mm and under)
332Z
250~
16
Part Number
AC Rated
Voltage
(Vac)
Temp.
Char.
Capacitance
(pF)
Body
Dia. D
(mm)
Lead
Spacing F
(mm)
Body
Thickness T
(mm)
Lead
Package
Long Bulk
Lead
Package
Short Bulk
Lead
Package
Taping (1)
Lead
Package
Taping (2)
DEJE3E2102Zppp
250
E
1000 +80/-20%
7 max.
7.5
4.0 max.
C3B
D3B
N2A
P3A
DEJE3E2222Zppp
250
E
2200 +80/-20%
8 max.
7.5
4.0 max.
A3B
B3B
N2A
N3A
DEJE3E2332Zppp
250
E
3300 +80/-20%
9 max.
7.5
4.0 max.
A3B
B3B
N2A
N3A
DEJE3E2472Zppp
250
E
4700 +80/-20%
11 max.
7.5
4.0 max.
A3B
B3B
N2A
N3A
DEJF3E2472Zppp
250
F
4700 +80/-20%
8 max.
7.5
4.0 max.
A3B
B3B
N2A
N3A
DEJF3E2103Zppp
250
F
10000 +80/-20% 11 max.
7.5
4.0 max.
A3B
B3B
N2A
N3A
Three blank columns are filled with the lead and packaging codes. Please refer to the 3 columns on the right for the appropriate code.
Taping (1): Lead spacing F=5.0mm, Taping (2): Lead spacing F=7.5mm.


Similar Part No. - DE11XKX470J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE11XKX470JA5B MURATA1-DE11XKX470JA5B Datasheet
286Kb / 18P
   Safety Standard Certified Lead Type Disc Ceramic Capacitors for General Purpose
May. 2018
DE11XKX470JB5B MURATA1-DE11XKX470JB5B Datasheet
286Kb / 18P
   Safety Standard Certified Lead Type Disc Ceramic Capacitors for General Purpose
May. 2018
DE11XKX470JN5A MURATA1-DE11XKX470JN5A Datasheet
286Kb / 18P
   Safety Standard Certified Lead Type Disc Ceramic Capacitors for General Purpose
May. 2018
More results

Similar Description - DE11XKX470J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DEBB33A102KA2B MURATA-DEBB33A102KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A222KA3B MURATA-DEHR33A222KA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA2BM01 MURATA-DE2B3KY331KA2BM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEA1X3D101JN2A MURATA-DEA1X3D101JN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KB2B MURATA-DEHR33A102KB2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KY102MN2AM01 MURATA-DE2E3KY102MN2AM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com