Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DE11XKX470J Datasheet(PDF) 16 Page - Murata Manufacturing Co., Ltd.

Part # DE11XKX470J
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DE11XKX470J Datasheet(HTML) 16 Page - Murata Manufacturing Co., Ltd.

Back Button DE11XKX470J Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. DE11XKX470J Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. DE11XKX470J Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. DE11XKX470J Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. DE11XKX470J Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. DE11XKX470J Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. DE11XKX470J Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. DE11XKX470J Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. DE11XKX470J Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 83 page
background image
C85E.pdf
Jul.13,2011
Safety Standard Certified Type KY/KH/KX Specifications and Test Methods
Continued from the preceding page.
Continued on the following page.
Apply the rated voltage for 500
±12 hrs. at 40±2°C in 90 to 95%
relative humidity.
Post-treatment:
Capacitor should be stored for 1 to 2 hrs. at room condition.*
2
13
Humidity
Loading
Appearance
No marked defect
I.R.
3000M
Ω min.
D.F.
Q
Capacitance
Change
Dielectric
Strength
Per Item 6
Set the capacitor for 500
±12 hrs. at 40±2°C in 90 to 95%
relative humidity.
Post-treatment:
Capacitor should be stored for 1 to 2 hrs. at room condition.*
2
12
Humidity
(Under
Steady
State)
Appearance
No marked defect
I.R.
3000M
Ω min.
D.F.
Q
Capacitance
Change
Dielectric
Strength
Per Item 6
The capacitor should be firmly soldered to the supporting lead
wire and vibrated at a frequency range of 10 to 55Hz, 1.5mm in
total amplitude, with about a 1-minute rate of vibration change
from 10Hz to 55Hz and back to 10Hz.
Apply for a total of 6 hrs., 2 hrs. each in 3 mutually
perpendicular directions.
11
Vibration
Resistance
Appearance
No marked defect
Capacitance
Within the specified tolerance
D.F.
Q
First the capacitor should be
stored at 120+0/-5
°C for
60+0/-5 sec.
Then, as in the figure, the lead
wires should be immersed in
solder of 260+0/-5
°C up to 1.5 to
2.0mm from the root of terminal
for 7.5+0/-1 sec.
Pre-treatment:
Capacitor should be stored at 85
±2°C for 1 hr., then placed at
room condition*
2 for 24
±2 hrs. before initial measurements.
Post-treatment:
Capacitor should be stored for 1 to 2 hrs. at room condition.*
2
10
Soldering
Effect
(On-Preheat)
Appearance
No marked defect
I.R.
1000M
Ω min.
Capacitance
Change
Within
±10%
Dielectric
Strength
Per Item 6
As shown in the figure, the lead
wires should be immersed in
solder of 350
±10°C or 260±5°C up
to 1.5 to 2.0mm from the root of
terminal for 3.5
±0.5 sec. (10±1
sec. for 260
±5°C).
Pre-treatment:
Capacitor should be stored at 85
±2°C for 1 hr., then placed at
room condition*
2 for 24
±2 hrs. before initial measurements.
Post-treatment:
Capacitor should be stored for 1 to 2 hrs. at room condition.*
2
9
Soldering
Effect
(Non-Preheat)
Appearance
No marked defect
I.R.
1000M
Ω min.
Capacitance
Change
Within
±10%
Dielectric
Strength
Per Item 6
Char.
Specifications
D.F.
V2.5%
D.F.
V5.0%
Q
U400+20C*1(CF30pF)
Q
U1000
(C
U30pF)
B, E
F
SL
Char.
Capacitance Change
Within
±10%
Within
±15%
Within
± 5%
B
E, F
SL
Char.
Capacitance Change
Within
±10%
Within
±15%
Within
± 5%
B
E, F
SL
Char.
Specifications
D.F.
V5.0%
D.F.
V7.5%
Q
U275+5/2C*1(CF30pF)
Q
U350
(C
U30pF)
B, E
F
SL
Char.
Specifications
D.F.
V5.0%
D.F.
V7.5%
Q
U275+5/2C*1(CF30pF)
Q
U350
(C
U30pF)
B, E
F
SL
*
1 "C" expresses nominal capacitance value (pF).
*
2 "Room condition" Temperature: 15 to 35
°C, Relative humidity: 45 to 75%, Atmospheric pressure: 86 to 106kPa
No.
Test Method
Specifications
Item
,,,,,,,,,,
,,,,,,,,,,
,,
,,
,,
,,,,
,,,,,,
,
,
,
,
,
,
,
Thermal
Screen
Capacitor
1.5
to 2.0mm
Molten
Solder
,,,,,,,,,,
,,,,,,,,,,
,,
,,
,,
,,
,,,,
,,,,,,
,
,
,
,
,
,
Thermal
Screen
Capacitor
1.5
to 2.0mm
Molten
Solder
Type KY/KH/KX Specifications and Test Methods
14
4
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.


Similar Part No. - DE11XKX470J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE11XKX470JA5B MURATA1-DE11XKX470JA5B Datasheet
286Kb / 18P
   Safety Standard Certified Lead Type Disc Ceramic Capacitors for General Purpose
May. 2018
DE11XKX470JB5B MURATA1-DE11XKX470JB5B Datasheet
286Kb / 18P
   Safety Standard Certified Lead Type Disc Ceramic Capacitors for General Purpose
May. 2018
DE11XKX470JN5A MURATA1-DE11XKX470JN5A Datasheet
286Kb / 18P
   Safety Standard Certified Lead Type Disc Ceramic Capacitors for General Purpose
May. 2018
More results

Similar Description - DE11XKX470J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DEBB33A102KA2B MURATA-DEBB33A102KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A222KA3B MURATA-DEHR33A222KA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA2BM01 MURATA-DE2B3KY331KA2BM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEA1X3D101JN2A MURATA-DEA1X3D101JN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KB2B MURATA-DEHR33A102KB2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KY102MN2AM01 MURATA-DE2E3KY102MN2AM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com