Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DE11XKX150J Datasheet(PDF) 12 Page - Murata Manufacturing Co., Ltd.

Part # DE11XKX150J
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DE11XKX150J Datasheet(HTML) 12 Page - Murata Manufacturing Co., Ltd.

Back Button DE11XKX150J Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DE11XKX150J Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DE11XKX150J Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. DE11XKX150J Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. DE11XKX150J Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. DE11XKX150J Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. DE11XKX150J Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. DE11XKX150J Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. DE11XKX150J Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 83 page
background image
C85E.pdf
Jul.13,2011
10
3
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
s Standard Certification
Standard No.
Rated Voltage
Certified No.
UL
CSA
VDE
BSI
SEMKO
DEMKO
FIMKO
NEMKO
ESTI
IMQ
E37921
1343810
40002831
KM 37901
812158
314577
24191
P08209173
08.0707
V4069
AC250V(r.m.s.)
UL1414
CSA E60384-14
IEC 60384-14
EN 60384-14
EN 60065 (8.8, 14.2)
IEC 60384-14
EN 60384-14
IEC 60384-14
EN 60384-14
EN 60384-14
• The certification number might change due to revision of the application
standard and changes in the range of acquisition.
• Please contact us when the certification of Chinese Safety Standard or South
Korean Safety Standard is necessary.
s Marking
t Manufactured Date Code
Class Code
X1Y1
Rated Voltage Mark
250~
e Capacitance Tolerance
w Nominal Capacitance
(Marked with 3 figures)
q Type Designation KX
472M
KX250~
X1 Y1
8
16
q
w
e
r
t
Example
Item
r Company Name Code
: Made in Taiwan
: Made in Thailand
8
15
Part Number
AC Rated
Voltage
(Vac)
Temp.
Char.
Capacitance
(pF)
Body
Dia. D
(mm)
Lead
Spacing F
(mm)
Body
Thickness T
(mm)
Lead
Package
Long Bulk
Lead
Package
Short Bulk
Lead
Package
Taping (1)
DE1B3KX101KpppL01
250
B
100
±10%
8 max.
10.0
7.0 max.
A4B
B4B
N4A
DE1B3KX151KpppL01
250
B
150
±10%
8 max.
10.0
7.0 max.
A4B
B4B
N4A
DE1B3KX221KpppL01
250
B
220
±10%
8 max.
10.0
7.0 max.
A4B
B4B
N4A
DE1B3KX331KpppL01
250
B
330
±10%
8 max.
10.0
7.0 max.
A4B
B4B
N4A
DE1B3KX471KpppL01
250
B
470
±10%
8 max.
10.0
7.0 max.
A4B
B4B
N4A
DE1B3KX681KpppL01
250
B
680
±10%
9 max.
10.0
7.0 max.
A4B
B4B
N4A
DE1E3KX102MpppL01
250
E
1000
±20%
7 max.
10.0
7.0 max.
A4B
B4B
N4A
DE1E3KX152MpppL01
250
E
1500
±20%
8 max.
10.0
7.0 max.
A4B
B4B
N4A
DE1E3KX222MpppL01
250
E
2200
±20%
9 max.
10.0
7.0 max.
A4B
B4B
N4A
DE1E3KX332MpppL01
250
E
3300
±20%
10 max.
10.0
7.0 max.
A4B
B4B
N4A
DE1E3KX472MpppL01
250
E
4700
±20%
12 max.
10.0
7.0 max.
A4B
B4B
N4A
Three blank columns are filled with the lead and packaging codes. Please refer to the 3 columns on the right for the appropriate code.
Murata part numbers might be changed depending on lead code or any other changes. Therefore, please specify only the type name (KX) and capacitance of products
in the parts list when it is required for applying safety standard of electric equipment.


Similar Part No. - DE11XKX150J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE11XKX150JA5B MURATA1-DE11XKX150JA5B Datasheet
286Kb / 18P
   Safety Standard Certified Lead Type Disc Ceramic Capacitors for General Purpose
May. 2018
DE11XKX150JB5B MURATA1-DE11XKX150JB5B Datasheet
286Kb / 18P
   Safety Standard Certified Lead Type Disc Ceramic Capacitors for General Purpose
May. 2018
DE11XKX150JN5A MURATA1-DE11XKX150JN5A Datasheet
286Kb / 18P
   Safety Standard Certified Lead Type Disc Ceramic Capacitors for General Purpose
May. 2018
More results

Similar Description - DE11XKX150J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DEBB33A102KA2B MURATA-DEBB33A102KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A222KA3B MURATA-DEHR33A222KA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA2BM01 MURATA-DE2B3KY331KA2BM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEA1X3D101JN2A MURATA-DEA1X3D101JN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KB2B MURATA-DEHR33A102KB2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KY102MN2AM01 MURATA-DE2E3KY102MN2AM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com