Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV339ID Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMV339ID
Description  GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV339ID Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMV339ID Datasheet HTML 5Page - Texas Instruments LMV339ID Datasheet HTML 6Page - Texas Instruments LMV339ID Datasheet HTML 7Page - Texas Instruments LMV339ID Datasheet HTML 8Page - Texas Instruments LMV339ID Datasheet HTML 9Page - Texas Instruments LMV339ID Datasheet HTML 10Page - Texas Instruments LMV339ID Datasheet HTML 11Page - Texas Instruments LMV339ID Datasheet HTML 12Page - Texas Instruments LMV339ID Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
18-Oct-2013
Addendum-Page 3
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LMV393IDRG4
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
MV393I
LMV393IPW
ACTIVE
TSSOP
PW
8
150
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
MV393I
LMV393IPWE4
ACTIVE
TSSOP
PW
8
150
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
MV393I
LMV393IPWG4
ACTIVE
TSSOP
PW
8
150
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
MV393I
LMV393IPWR
ACTIVE
TSSOP
PW
8
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
MV393I
LMV393IPWRE4
ACTIVE
TSSOP
PW
8
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
MV393I
LMV393IPWRG4
ACTIVE
TSSOP
PW
8
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
MV393I
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.


Similar Part No. - LMV339ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV339ID TI-LMV339ID Datasheet
534Kb / 17P
[Old version datasheet]   GENRAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV339ID TI1-LMV339ID Datasheet
1Mb / 39P
[Old version datasheet]   Quad General-purpose Low-voltage Comparators
LMV339IDE4 TI-LMV339IDE4 Datasheet
534Kb / 17P
[Old version datasheet]   GENRAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV339IDG4 TI-LMV339IDG4 Datasheet
534Kb / 17P
[Old version datasheet]   GENRAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV339IDG4 TI1-LMV339IDG4 Datasheet
1Mb / 39P
[Old version datasheet]   Quad General-purpose Low-voltage Comparators
More results

Similar Description - LMV339ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV331-Q1 TI1-LMV331-Q1_14 Datasheet
779Kb / 15P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331-Q1 TI-LMV331-Q1 Datasheet
297Kb / 12P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331 TI-LMV331_11 Datasheet
1Mb / 29P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV393QDR TI-LMV393QDR Datasheet
764Kb / 14P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
logo
STMicroelectronics
LMV331 STMICROELECTRONICS-LMV331_11 Datasheet
610Kb / 17P
   General-purpose low voltage comparators
logo
Texas Instruments
LMV331 TI1-LMV331_14 Datasheet
1Mb / 31P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331 TI1-LMV331_15 Datasheet
1Mb / 39P
[Old version datasheet]   Quad General-purpose Low-voltage Comparators
logo
National Semiconductor ...
LMV331 NSC-LMV331 Datasheet
480Kb / 21P
   General Purpose, Low Voltage, TinyPack Comparators
logo
Maxim Integrated Produc...
MAX9647 MAXIM-MAX9647_12 Datasheet
2Mb / 11P
   General-Purpose, Low-Voltage, Tiny Pack Comparators
Rev 1; 1/12
logo
Texas Instruments
LMV331-N TI1-LMV331-N_15 Datasheet
1Mb / 38P
[Old version datasheet]   General-Purpose, Low-Voltage, Tiny Pack Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com