Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP8603MME Datasheet(PDF) 6 Page - Texas Instruments

Part # LMP8603MME
Description  60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8603MME Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMP8603MME Datasheet HTML 2Page - Texas Instruments LMP8603MME Datasheet HTML 3Page - Texas Instruments LMP8603MME Datasheet HTML 4Page - Texas Instruments LMP8603MME Datasheet HTML 5Page - Texas Instruments LMP8603MME Datasheet HTML 6Page - Texas Instruments LMP8603MME Datasheet HTML 7Page - Texas Instruments LMP8603MME Datasheet HTML 8Page - Texas Instruments LMP8603MME Datasheet HTML 9Page - Texas Instruments LMP8603MME Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
OFFSET
+IN
VS
OUT
-IN
GND
A1
A2
1
2
3
4
5
6
7
8
Level shift
+
-
Preamplifier
Gain = 10
+IN
-IN
Output Buffer
Gain = K2
A1 A2
OFFSET
100 k:
OUT
VS
GND
8
1
3
4
5
7
2
6
LMP8602, LMP8602Q, LMP8603, LMP8603Q
SNOSB36D – JULY 2009 – REVISED MARCH 2013
www.ti.com
BLOCK DIAGRAM
Figure 1. K2 = 5 for LMP8602, K2 = 10 for LMP8603
Connection Diagram
Figure 2. 8-Pin SOIC / VSSOP
Top View
PIN DESCRIPTIONS
Pin
Name
Description
2
GND
Power Ground
Power Supply
6
VS
Positive Supply Voltage
1
−IN
Negative Input
Inputs
8
+IN
Positive Input
3
A1
Preamplifier output
Filter Network
4
A2
Input from the external filter network and / or A1
Offset
7
OFFSET
DC Offset for bidirectional signals
Output
5
OUT
Single ended output
6
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LMP8602 LMP8602Q LMP8603 LMP8603Q


Similar Part No. - LMP8603MME

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8603MME/NOPB TI1-LMP8603MME/NOPB Datasheet
1Mb / 42P
[Old version datasheet]   Current-Sensing Amplifiers
More results

Similar Description - LMP8603MME

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8602 NSC-LMP8602 Datasheet
597Kb / 24P
   60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
LMP8602 NSC-LMP8602_10 Datasheet
604Kb / 24P
   60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
logo
Texas Instruments
LMP8602 TI-LMP8602_15 Datasheet
1Mb / 34P
[Old version datasheet]   60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
logo
National Semiconductor ...
LMP8601 NSC-LMP8601 Datasheet
533Kb / 22P
   60V Common Mode, Bidirectional Precision Current Sensing Amplifier
logo
Texas Instruments
LMP8602 TI1-LMP8602 Datasheet
541Kb / 26P
[Old version datasheet]   60V Common Mode, Fixed Gain, Bidirectional Precision
LMP8601 TI1-LMP8601_14 Datasheet
1Mb / 29P
[Old version datasheet]   LMP8601/LMP8601Q 60V Common Mode, Bidirectional Precision Current Sensing Amplifier
LMP8601 TI1-LMP8601_15 Datasheet
1Mb / 33P
[Old version datasheet]   Common-Mode Bidirectional Precision Current-Sensing Amplifier
LMP8601MAX-NOPB TI1-LMP8601MAX-NOPB Datasheet
1Mb / 29P
[Old version datasheet]   60-V Common-Mode Bidirectional Precision Current Sensing Amplifier
LMP8278Q TI1-LMP8278Q Datasheet
392Kb / 17P
[Old version datasheet]   High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
LMP8278 TI-LMP8278_15 Datasheet
952Kb / 23P
[Old version datasheet]   High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com