Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEA1X3D101JN2A Datasheet(PDF) 77 Page - Murata Manufacturing Co., Ltd.

Part # DEA1X3D101JN2A
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DEA1X3D101JN2A Datasheet(HTML) 77 Page - Murata Manufacturing Co., Ltd.

Back Button DEA1X3D101JN2A Datasheet HTML 73Page - Murata Manufacturing Co., Ltd. DEA1X3D101JN2A Datasheet HTML 74Page - Murata Manufacturing Co., Ltd. DEA1X3D101JN2A Datasheet HTML 75Page - Murata Manufacturing Co., Ltd. DEA1X3D101JN2A Datasheet HTML 76Page - Murata Manufacturing Co., Ltd. DEA1X3D101JN2A Datasheet HTML 77Page - Murata Manufacturing Co., Ltd. DEA1X3D101JN2A Datasheet HTML 78Page - Murata Manufacturing Co., Ltd. DEA1X3D101JN2A Datasheet HTML 79Page - Murata Manufacturing Co., Ltd. DEA1X3D101JN2A Datasheet HTML 80Page - Murata Manufacturing Co., Ltd. DEA1X3D101JN2A Datasheet HTML 81Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 83 page
background image
C85E.pdf
Jul.13,2011
Item
Pitch of component
Pitch of sprocket hole
Lead spacing
Length from hole center to component center
Length from hole center to lead
Body diameter
Deviation along tape, left or right
Carrier tape width
Position of sprocket hole
Lead distance between reference and bottom planes
Protrusion length
Diameter of sprocket hole
Lead diameter
Total tape thickness
Total thickness, tape and lead wire
Body thickness
Portion to cut in case of defect
Hold down tape width
Hold down tape position
Coating extension on lead
Deviation across tape, front
Deviation across tape, rear
P
P0
F
P2
P1
D
∆S
W
W1
H0
r
øD0
ød
t1
t2
T
L
W0
W2
e
∆h1
∆h2
15.0
±2.0
15.0
±0.3
7.5
±1.0
7.5
±1.5
3.75
±1.0
0
±2.0
See the individual product specifications.
18.0
±0.5
9.0
±0.5
2.0 max.
(in mm)
N3
Code
18.0
+2.0
–0
+0.5 to -1.0
4.0
±0.1
0.6
±0.3
1.5 max.
7.0 max.
11.0
11.5 min.
1.5
±1.5
+0
–1.0
15mm pitch / lead spacing 7.5mm taping
Vertical crimp type
(Lead Code: N3)
0.6
±0.05
P1
P2
P0
P
D
∆S
F
ød
øD0
R
t2
t1
Up to the end of crimp
3.0 max.
H0
s Taping Specifications
T max.
∆h1
∆h2
O
Marked side
Taping
Bulk
Polyethylene Bag
Ammo Pack
s Packaging Styles
s Minimum Quantity (Order in Sets Only)
7 to 10
12
Body Dia. D
(mm)
250
200
Lead Code
A3
500
250
Lead Code
B3
Long
Short
[Bulk]
(pcs./Bag)
[Taping]
Lead Code: N3
700pcs./Ammo Pack
Safety Certified Ceramic Capacitors for Automotive Packaging
75
12
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.


Similar Part No. - DEA1X3D101JN2A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DEA1X3D101J MURATA-DEA1X3D101J Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors
DEA1X3D101JA2B MURATA-DEA1X3D101JA2B Datasheet
3Mb / 2P
   capacitor data sheet
More results

Similar Description - DEA1X3D101JN2A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DEBB33A102KA2B MURATA-DEBB33A102KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A222KA3B MURATA-DEHR33A222KA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA2BM01 MURATA-DE2B3KY331KA2BM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KB2B MURATA-DEHR33A102KB2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KY102MN2AM01 MURATA-DE2E3KY102MN2AM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com