Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP2022MA Datasheet(PDF) 7 Page - Texas Instruments

Part # LMP2022MA
Description  LMP2021/LMP2022 Zero Drift, Low Noise, EMI Hardened Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP2022MA Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMP2022MA Datasheet HTML 3Page - Texas Instruments LMP2022MA Datasheet HTML 4Page - Texas Instruments LMP2022MA Datasheet HTML 5Page - Texas Instruments LMP2022MA Datasheet HTML 6Page - Texas Instruments LMP2022MA Datasheet HTML 7Page - Texas Instruments LMP2022MA Datasheet HTML 8Page - Texas Instruments LMP2022MA Datasheet HTML 9Page - Texas Instruments LMP2022MA Datasheet HTML 10Page - Texas Instruments LMP2022MA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
2
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
-10
-5
0
5
10
2.5
-40°C
25°C
85°C
125°C
10
1k
1M
FREQUENCY (Hz)
0
40
80
140
100k
10k
100
120
60
20
100
+PSRR
-PSRR
VS = 2.5V, 5V
VCM = VS/2
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
2
4
6
8
10
12
14
16
18
VOS (PV)
VS = 5V
TA = 25°C
VCM = VS/2
UNITS TESTED = 6200
-20
-10
0
10
20
0
2
4
6
8
10
12
14
16
TCVOS (nV/°C)
VS = 5V
VCM = VS/2
-40°C d TA d 125°C
UNITS TESTED = 6200
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
2
4
6
8
10
12
14
16
VOS (PV)
VS = 2.5V
TA = 25°C
VCM = VS/2
UNITS TESTED > 1700
-20
-10
0
10
20
0
2
4
6
8
10
12
14
TCVOS (nV/°C)
VS = 2.5V
VCM = VS/2
-40°C d TA d 125°C
UNITS TESTED > 1700
LMP2021, LMP2022
www.ti.com
SNOSAY9E – SEPTEMBER 2008 – REVISED MARGH 2013
Typical Performance Characteristics
Unless otherwise noted: TA = 25°C, RL > 10 kΩ, VS= V
+ – V, V
S= 5V, VCM = VS/2.
Offset Voltage Distribution
TCVOS Distribution
Figure 5.
Figure 6.
Offset Voltage Distribution
TCVOS Distribution
Figure 7.
Figure 8.
Offset Voltage
PSRR
vs.
vs.
Supply Voltage
Frequency
Figure 9.
Figure 10.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMP2021 LMP2022


Similar Part No. - LMP2022MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP2022MA NSC-LMP2022MA Datasheet
702Kb / 20P
   Zero Drift, Low Noise, EMI Hardened Amplifiers
logo
Texas Instruments
LMP2022MA/NOPB TI1-LMP2022MA/NOPB Datasheet
1Mb / 37P
[Old version datasheet]   Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
logo
National Semiconductor ...
LMP2022MAX NSC-LMP2022MAX Datasheet
702Kb / 20P
   Zero Drift, Low Noise, EMI Hardened Amplifiers
logo
Texas Instruments
LMP2022MAX/NOPB TI1-LMP2022MAX/NOPB Datasheet
1Mb / 37P
[Old version datasheet]   Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
More results

Similar Description - LMP2022MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP2021 TI1-LMP2021_14 Datasheet
1Mb / 31P
[Old version datasheet]   LMP2021/LMP2022 Zero Drift, Low Noise, EMI Hardened Amplifiers
LMP2021 TI1-LMP2021 Datasheet
1Mb / 37P
[Old version datasheet]   Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
logo
National Semiconductor ...
LMP2021 NSC-LMP2021 Datasheet
702Kb / 20P
   Zero Drift, Low Noise, EMI Hardened Amplifiers
logo
Texas Instruments
LMP2021 TI-LMP2021_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMP202x Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
LMP2021 TI-LMP2021_15 Datasheet
1Mb / 36P
[Old version datasheet]   LMP202x Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
logo
Linear Technology
LTC2054 LINER-LTC2054 Datasheet
199Kb / 12P
   Low Power Zero-Drift Operational Amplifiers
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
   Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
   Zero Drift operational amplifiers
logo
Texas Instruments
OPA4188 TI1-OPA4188 Datasheet
1Mb / 35P
[Old version datasheet]   Zero-Drift Operational Amplifiers
logo
Asahi Kasei Microsystem...
AK2920T AKM-AK2920T Datasheet
345Kb / 15P
   Zero Drift operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com