Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP8602MA Datasheet(PDF) 4 Page - Texas Instruments

Part # LMP8602MA
Description  60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8602MA Datasheet(HTML) 4 Page - Texas Instruments

  LMP8602MA Datasheet HTML 1Page - Texas Instruments LMP8602MA Datasheet HTML 2Page - Texas Instruments LMP8602MA Datasheet HTML 3Page - Texas Instruments LMP8602MA Datasheet HTML 4Page - Texas Instruments LMP8602MA Datasheet HTML 5Page - Texas Instruments LMP8602MA Datasheet HTML 6Page - Texas Instruments LMP8602MA Datasheet HTML 7Page - Texas Instruments LMP8602MA Datasheet HTML 8Page - Texas Instruments LMP8602MA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
LMP8602, LMP8602Q, LMP8603, LMP8603Q
SNOSB36D – JULY 2009 – REVISED MARCH 2013
www.ti.com
3.3V Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits ensured at TA = 25°C, VS = 3.3V, GND = 0V, −4V ≤ VCM ≤ 27V, and RL = ∞, Offset (Pin
7) is grounded, 10nF between VS and GND. Boldface limits apply at the temperature extremes.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(2)
(3)
(2)
K1
Gain(4)
9.95
10.0
10.05
V/V
RF-INT
Output Impedance Filter Resistor
99
100
101
k
TCRF-INT
Output Impedance Filter Resistor Drift
±5
±50
ppm/°C
VOL
RL = ∞
2
10
mV
A1 VOUT
A1 Output Voltage Swing
VOH
3.2
3.25
V
Output Buffer (From A2 (pin 4) to OUT ( pin 5 )
−2
2
VOS
Input Offset Voltage
0V
≤ VCM ≤ VS
±0.5
mV
−2.5
2.5
LMP8602
4.975
5
5.025
K2
Gain(4)
V/V
LMP8603
9.95
10
10.05
−40
fA
IB
Input Bias Current of A2(8)
±20
n A
VOL,
LMP8602
10
40
mV
RL = 100 kΩ
LMP8603
10
80
A2 VOUT
A2 Output Voltage Swing(9)(10)
VOH,
3.28
3.29
V
RL = 100 kΩ
Sourcing, VIN = VS, VOUT = GND
-25
-38
-60
ISC
Output Short-Circuit Current(11)
mA
Sinking, VIN = GND, VOUT = VS
30
46
65
(8)
Positive current corresponds to current flowing into the device.
(9)
For this test input is driven from A1 stage in uni-directional mode (Offset pin connected to GND).
(10) For VOL, RL is connected to VS and for VOH, RL is connected to GND.
(11) Short-Circuit test is a momentary test. Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature of 150°C.
5V Electrical Characteristics
(1)
Unless otherwise specified, all limits ensured for at TA = 25°C, VS = 5V, GND = 0V, −22V ≤ VCM ≤ 60V, and RL = ∞, Offset
(Pin 7) is grounded, 10nF between VS and GND. Boldface limits apply at the temperature extremes.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(2)
(3)
(2)
Overall Performance (From -IN (pin 1) and +IN (pin 8) to OUT (pin 5) with pins A1 (pin 3) and A2 (pin 4) connected)
IS
Supply Current
1.1
1.5
mA
LMP8602
49.75
50
50.25
AV
Total Gain(4)
V/V
LMP8603
99.5
100
100.5
Gain Drift
−40°C ≤ TA ≤ 125°C
−2.8
±20
ppm/°C
SR
Slew Rate(5)
VIN = ±0.25V
0.6
0.83
V/
μs
BW
Bandwidth
50
60
kHz
VOS
Input Offset Voltage
0.15
±1
mV
TCVOS
Input Offset Voltage Drift(6)
−40°C ≤ TA ≤ 125°C
2
±10
μV/°C
0.1 Hz
− 10 Hz, 6 Sigma
17.5
μVP-P
eN
Input Referred Voltage Noise
Spectral Density, 1 kHz
890
nV/
√Hz
(1)
The electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as otherwise
modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and are not
ensured.
(2)
Datasheet min/max specification limits are ensured by test.
(3)
Typical values represent the most likely parameter norms at TA = +25°C, and at the Recommended Operation Conditions at the time of
product characterization and are not ensured.
(4)
Both the gain of the preamplifier A1V and the gain of the buffer amplifier A2V are measured individually. The over all gain of both
amplifiers AV is also measured to assure the gain of all parts is always within the AV limits.
(5)
Slew rate is the average of the rising and falling slew rates.
(6)
Offset voltage drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
4
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LMP8602 LMP8602Q LMP8603 LMP8603Q


Similar Part No. - LMP8602MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8602MA NSC-LMP8602MA Datasheet
597Kb / 24P
   60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
LMP8602MA NSC-LMP8602MA Datasheet
604Kb / 24P
   60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
logo
Texas Instruments
LMP8602MA TI1-LMP8602MA Datasheet
541Kb / 26P
[Old version datasheet]   60V Common Mode, Fixed Gain, Bidirectional Precision
LMP8602MA/NOPB TI1-LMP8602MA/NOPB Datasheet
1Mb / 42P
[Old version datasheet]   Current-Sensing Amplifiers
logo
National Semiconductor ...
LMP8602MAX NSC-LMP8602MAX Datasheet
597Kb / 24P
   60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
More results

Similar Description - LMP8602MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8602 NSC-LMP8602 Datasheet
597Kb / 24P
   60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
LMP8602 NSC-LMP8602_10 Datasheet
604Kb / 24P
   60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
logo
Texas Instruments
LMP8602 TI-LMP8602_15 Datasheet
1Mb / 34P
[Old version datasheet]   60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
logo
National Semiconductor ...
LMP8601 NSC-LMP8601 Datasheet
533Kb / 22P
   60V Common Mode, Bidirectional Precision Current Sensing Amplifier
logo
Texas Instruments
LMP8602 TI1-LMP8602 Datasheet
541Kb / 26P
[Old version datasheet]   60V Common Mode, Fixed Gain, Bidirectional Precision
LMP8601 TI1-LMP8601_14 Datasheet
1Mb / 29P
[Old version datasheet]   LMP8601/LMP8601Q 60V Common Mode, Bidirectional Precision Current Sensing Amplifier
LMP8601 TI1-LMP8601_15 Datasheet
1Mb / 33P
[Old version datasheet]   Common-Mode Bidirectional Precision Current-Sensing Amplifier
LMP8601MAX-NOPB TI1-LMP8601MAX-NOPB Datasheet
1Mb / 29P
[Old version datasheet]   60-V Common-Mode Bidirectional Precision Current Sensing Amplifier
LMP8278Q TI1-LMP8278Q Datasheet
392Kb / 17P
[Old version datasheet]   High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
LMP8278 TI-LMP8278_15 Datasheet
952Kb / 23P
[Old version datasheet]   High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com