Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR14206XMKX Datasheet(PDF) 1 Page - Texas Instruments

Part # LMR14206XMKX
Description  LMR14206 SIMPLE SWITCHER 42Vin, 0.6A Step-Down Voltage Regulator in SOT-23
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMR14206XMKX Datasheet(HTML) 1 Page - Texas Instruments

  LMR14206XMKX Datasheet HTML 1Page - Texas Instruments LMR14206XMKX Datasheet HTML 2Page - Texas Instruments LMR14206XMKX Datasheet HTML 3Page - Texas Instruments LMR14206XMKX Datasheet HTML 4Page - Texas Instruments LMR14206XMKX Datasheet HTML 5Page - Texas Instruments LMR14206XMKX Datasheet HTML 6Page - Texas Instruments LMR14206XMKX Datasheet HTML 7Page - Texas Instruments LMR14206XMKX Datasheet HTML 8Page - Texas Instruments LMR14206XMKX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
10
20
30
40
50
60
70
80
90
100
LOAD CURRENT (A)
1.2Vout
3.3Vout
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
10
20
30
40
50
60
70
80
90
100
LOAD CURRENT (A)
1.2Vout
3.3Vout
LMR14206
www.ti.com
SNVS733D – OCTOBER 2011 – REVISED APRIL 2013
LMR14206 SIMPLE SWITCHER® 42Vin, 0.6A Step-Down Voltage Regulator in SOT-23
Check for Samples: LMR14206
1
FEATURES
DESCRIPTION
The LMR14206 is a PWM DC/DC buck (step-down)
2
Input Voltage Range of 4.5V to 42V
regulator. With a wide input range from 4.5V-42V,
Output Voltage Range of 0.765V to 34V
they are suitable for a wide range of applications
Output Vurrent up to 0.6A
such
as
power
conditioning
from
unregulated
sources. They feature a low RDSON (0.9Ω typical)
1.25 MHz Switching Frequency
internal switch for maximum efficiency (85% typical).
Low Shutdown Iq, 16 µA Typical
Operating frequency is fixed at 1.25 MHz allowing the
Short Circuit Protected
use of small external components while still being
able to have low output voltage ripple. Soft-start can
Internally Compensated
be implemented using the shutdown pin with an
Soft-Start Function
external RC circuit allowing the user to tailor the soft-
Thin 6-Pin SOT Package (2.97 x 1.65 x 1mm)
start time to a specific application.
Fully Enabled for WEBENCH® Power Designer
The LMR14206 is optimized for up to 600 mA load
current with a 0.765V nominal feedback voltage.
PERFORMANCE BENEFITS
Additional features include: thermal shutdown, VIN
Tight Accuracy for Powering Digital ICs
under-voltage lockout, and gate drive under-voltage
Extremely Easy to Use
lockout. The LMR14206 is available in a low profile 6-
pin SOT package.
Tiny Overall Solution Reduces System Cost
APPLICATIONS
Point-of-Load Conversions from 5V, 12V, and
24V Rails
Space Constrained Applications
Battery Powered Equipment
Industrial Distributed Power Applications
Power Meters
Portable Hand-Held Instruments
System Performance
Efficiency vs Load Current
Efficiency vs Load Current
VIN = 12V, VOUT = 1.2V and 3.3V
VIN = 24V, VOUT = 1.2V and 3.3V
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMR14206XMKX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14206XMKX TI1-LMR14206XMKX Datasheet
268Kb / 13P
[Old version datasheet]   SIMPLE SWITCHER짰 42Vin, 0.6A Step-Down Voltage SWITCHER짰 42Vin, 0.6A Step-Down Voltage
LMR14206XMKX TI1-LMR14206XMKX Datasheet
366Kb / 12P
[Old version datasheet]   SIMPLE SWITCHER짰 42Vin, 0.6A Step-Down Voltage Regulator in SOT-23
LMR14206XMKX/NOPB TI1-LMR14206XMKX/NOPB Datasheet
841Kb / 17P
[Old version datasheet]   LMR14206 SIMPLE SWITCHER 42Vin, 0.6A Step-Down Voltage Regulator in SOT-23
More results

Similar Description - LMR14206XMKX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14206XMK TI1-LMR14206XMK Datasheet
841Kb / 17P
[Old version datasheet]   LMR14206 SIMPLE SWITCHER 42Vin, 0.6A Step-Down Voltage Regulator in SOT-23
LMR62014 TI1-LMR62014 Datasheet
366Kb / 12P
[Old version datasheet]   SIMPLE SWITCHER짰 42Vin, 0.6A Step-Down Voltage Regulator in SOT-23
LMR14203 TI-LMR14203_15 Datasheet
817Kb / 17P
[Old version datasheet]   SIMPLE SWITCHER 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
LMR14203 TI1-LMR14203 Datasheet
272Kb / 13P
[Old version datasheet]   SIMPLE SWITCHER짰 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
LMR14206 TI1-LMR14206 Datasheet
268Kb / 13P
[Old version datasheet]   SIMPLE SWITCHER짰 42Vin, 0.6A Step-Down Voltage SWITCHER짰 42Vin, 0.6A Step-Down Voltage
LMR24210 TI-LMR24210_15 Datasheet
1Mb / 25P
[Old version datasheet]   SIMPLE SWITCHER 42Vin, 1.0A Step-Down Voltage Regulator
LMR24220 TI-LMR24220_15 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER 42Vin, 2.0A Step-Down Voltage Regulator
LMR12010 TI-LMR12010_15 Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER 20Vin, 1A Step-Down Voltage Regulator in SOT-23
LMR62421 TI-LMR62421_15 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 24Vout, 2.1A Step-Up Voltage Regulator in SOT-23
LMR10515 TI1-LMR10515_15 Datasheet
1Mb / 26P
[Old version datasheet]   LMR10515 SIMPLE SWITCHER 5.5Vin, 1.5A Step-Down Voltage Regulator in SOT-23 and WSON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com