Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6503MAX Datasheet(PDF) 4 Page - Texas Instruments

Part # LMH6503MAX
Description  LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6503MAX Datasheet(HTML) 4 Page - Texas Instruments

  LMH6503MAX Datasheet HTML 1Page - Texas Instruments LMH6503MAX Datasheet HTML 2Page - Texas Instruments LMH6503MAX Datasheet HTML 3Page - Texas Instruments LMH6503MAX Datasheet HTML 4Page - Texas Instruments LMH6503MAX Datasheet HTML 5Page - Texas Instruments LMH6503MAX Datasheet HTML 6Page - Texas Instruments LMH6503MAX Datasheet HTML 7Page - Texas Instruments LMH6503MAX Datasheet HTML 8Page - Texas Instruments LMH6503MAX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
+0.2VDC
+VIN
-VIN
RF IN
R2
50:
RG
820:
R1
50:
C1
0.01PF
+5V
-5V
0V
DC
RT
50:
RP1
10k:
RF
910:
ROUT
50:
RL
50:
2
VG
+
-
LMH6503
PORT 1
PORT 2
LMH6503
SNOSA78E – OCTOBER 2003 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
(1)
Unless otherwise specified, all limits ensured for TJ = 25°C, VS = ±5V, AV(MAX) = 10, VCM = 0V, RF = 1kΩ, RG = 174Ω, VIN_DIFF
= ±0.1V, RL = 100Ω, VG = +1V. Boldface limits apply at the temperature extremes.
Parameter
Test Conditions
Min(2)
Typ(2)
Max(2)
Units
Frequency Domain Response
BW
-3dB Bandwidth
VOUT < 0.5PP
135
MHz
VOUT < 0.5PP, AV(MAX) = 100
50
GF
Gain Flatness
VOUT < 0.5VPP,
40
MHz
−1V < VG < 1V, ±0.2dB
Att Range
Flat Band (Relative to Max Gain)
±0.2dB Flatness, f < 30MHZ
20
MHz
Attenuation Range(3)
±0.1dB, f < 30MHZ
6.6
BW
Gain Control Bandwidth
VG = 0V
(4)
100
MHz
Control
PL
Linear Phase Deviation
DC to 60MHz
1.6
deg
G Delay
Group Delay
DC to 130MHz
2.6
ns
CT (dB)
Feed-through
VG = −1.2V, 30MHz (Output
−48
dB
Referred)
GR
Gain Adjustment Range
f < 10MHz
79
dB
f < 30MHz
68
Time Domain Response
tr , tf
Rise and Fall Time
0.5V Step
2.2
ns
OS%
Overshoot
0.5V Step
10
%
SR
Slew Rate
4V Step(5)
1800
V/µs
ΔG Rate
Gain Change Rate
VIN = 0.3V, 10%−90% of final
4.6
dB/ns
output
Distortion & Noise performance
HD2
2nd Harmonic Distortion
2VPP, 20MHz
−60
dBc
HD3
3rdHarmonic Distortion
2VPP, 20MHz
−61
dBc
THD
Total Harmonic Distortion
2VPP, 20MHz
−57
dBc
En tot
Total Equivalent Input Noise
1MHz to 150MHz
6.6
nV/
√Hz
In
Input Noise Current
1MHz to 150MHz
2.4
pA/
√Hz
DG
Differential Gain
f = 4.43MHz, RL = 150Ω, Neg.
0.15
%
Sync
DP
Differential Phase
f = 4.43MHz, RL = 150Ω, Neg.
0.22
deg
Sync
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self-heating where TJ > TA.
(2)
Typical values represent the most likely parametric norm. Bold numbers refer to over temperature limits.
(3)
Flat Band Attenuation (Relative To Max Gain) Range Definition: Specified as the attenuation range from maximum which allows gain
flatness specified (either ±0.2dB or ±0.1dB), relative to AVMAX gain. For example, for f<30MHz, here are the Flat Band Attenuation
ranges:±0.2dB:
10V/V down to 1V/V=20dB range±0.1dB:
10V/V down to 4.7V/V=6.5dB range
(4)
Gain Control Frequency Response Schematic:
(5)
Slew Rate is the average of the rising and falling rates.
4
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6503


Similar Part No. - LMH6503MAX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6503MAX NSC-LMH6503MAX Datasheet
1,009Kb / 20P
   Wideband, Low Power, Linear Variable Gain Amplifier
logo
Texas Instruments
LMH6503MAX TI-LMH6503MAX Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6503MAX/NOPB TI1-LMH6503MAX/NOPB Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
More results

Similar Description - LMH6503MAX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6503 TI1-LMH6503 Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6503MT TI-LMH6503MT Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
logo
National Semiconductor ...
LMH6503 NSC-LMH6503 Datasheet
1,009Kb / 20P
   Wideband, Low Power, Linear Variable Gain Amplifier
LMH6502 NSC-LMH6502 Datasheet
941Kb / 19P
   Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
logo
Intersil Corporation
LMH6505 INTERSIL-LMH6505 Datasheet
715Kb / 18P
   Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6505 NSC-LMH6505 Datasheet
1Mb / 20P
   Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
Texas Instruments
LMH6504 TI1-LMH6504_14 Datasheet
1Mb / 29P
[Old version datasheet]   Wideband, Low Power, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6504 NSC-LMH6504 Datasheet
759Kb / 19P
   Wideband, Low Power, Variable Gain Amplifier
logo
Texas Instruments
LMH6502 TI-LMH6502_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
LMH6505 TI1-LMH6505 Datasheet
1Mb / 30P
[Old version datasheet]   LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com