Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6082IM Datasheet(PDF) 11 Page - Texas Instruments

Part # LMC6082IM
Description  LMC6082 Precision CMOS Dual Operational Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6082IM Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMC6082IM Datasheet HTML 7Page - Texas Instruments LMC6082IM Datasheet HTML 8Page - Texas Instruments LMC6082IM Datasheet HTML 9Page - Texas Instruments LMC6082IM Datasheet HTML 10Page - Texas Instruments LMC6082IM Datasheet HTML 11Page - Texas Instruments LMC6082IM Datasheet HTML 12Page - Texas Instruments LMC6082IM Datasheet HTML 13Page - Texas Instruments LMC6082IM Datasheet HTML 14Page - Texas Instruments LMC6082IM Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LMC6082
www.ti.com
SNOS630D – AUGUST 2000 – REVISED MARCH 2013
Figure 26. LMC6082 Noninverting Gain of 10 Amplifier, Compensated to Handle Capacitive Loads
In the circuit of Figure 26, R1 and C1 serve to counteract the loss of phase margin by feeding the high frequency
component of the output signal back to the amplifier's inverting input, thereby preserving phase margin in the
overall feedback loop.
Capacitive load driving capability is enhanced by using a pull up resistor to V+ Figure 27. Typically a pull up
resistor conducting 500
μA or more will significantly improve capacitive load responses. The value of the pull up
resistor must be determined based on the current sinking capability of the amplifier with respect to the desired
output swing. Open loop gain of the amplifier can also be affected by the pull up resistor (see Electrical
Characteristics).
Figure 27. Compensating for Large Capacitive Loads with a Pull Up Resistor
PRINTED-CIRCUIT-BOARD LAYOUT FOR HIGH-IMPEDANCE WORK
It is generally recognized that any circuit which must operate with less than 1000 pA of leakage current requires
special layout of the PC board. When one wishes to take advantage of the ultra-low bias current of the
LMC6082, typically less than 10 fA, it is essential to have an excellent layout. Fortunately, the techniques of
obtaining low leakages are quite simple. First, the user must not ignore the surface leakage of the PC board,
even though it may sometimes appear acceptably low, because under conditions of high humidity or dust or
contamination, the surface leakage will be appreciable.
To minimize the effect of any surface leakage, lay out a ring of foil completely surrounding the LMC6082's inputs
and the terminals of capacitors, diodes, conductors, resistors, relay terminals, etc. connected to the op-amp's
inputs, as in Figure 28. To have a significant effect, guard rings should be placed on both the top and bottom of
the PC board. This PC foil must then be connected to a voltage which is at the same voltage as the amplifier
inputs, since no leakage current can flow between two points at the same potential. For example, a PC board
trace-to-pad resistance of 1012
Ω, which is normally considered a very large resistance, could leak 5 pA if the
trace were a 5V bus adjacent to the pad of the input. This would cause a 100 times degradation from the
LMC6082's actual performance. However, if a guard ring is held within 5 mV of the inputs, then even a
resistance of 1011
Ω would cause only 0.05 pA of leakage current. See Figure 29 for typical connections of guard
rings for standard op-amp configurations.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMC6082


Similar Part No. - LMC6082IM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6082IM NSC-LMC6082IM Datasheet
322Kb / 12P
   Precision CMOS Dual Operational Amplifier
logo
Texas Instruments
LMC6082IM TI1-LMC6082IM Datasheet
1Mb / 22P
[Old version datasheet]   LMC6082 Precision CMOS Dual Operational Amplifier
LMC6082IM/NOPB TI1-LMC6082IM/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LMC6082 Precision CMOS Dual Operational Amplifier
LMC6082IMX TI1-LMC6082IMX Datasheet
1Mb / 22P
[Old version datasheet]   LMC6082 Precision CMOS Dual Operational Amplifier
LMC6082IMX/NOPB TI1-LMC6082IMX/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LMC6082 Precision CMOS Dual Operational Amplifier
More results

Similar Description - LMC6082IM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6082 TI1-LMC6082 Datasheet
1Mb / 22P
[Old version datasheet]   LMC6082 Precision CMOS Dual Operational Amplifier
logo
National Semiconductor ...
LMC6082 NSC-LMC6082 Datasheet
322Kb / 12P
   Precision CMOS Dual Operational Amplifier
logo
Advanced Linear Devices
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
   PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2732A ALD-ALD2732A Datasheet
92Kb / 9P
   PRECISION DUAL LOW POWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6062IMNOPB TI1-LMC6062IMNOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6062 NSC-LMC6062_14 Datasheet
1Mb / 21P
   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6062AIMX TI-LMC6062AIMX Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
LMC6062 TI1-LMC6062 Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
LMC6062IM-NOPB TI1-LMC6062IM-NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com