Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM8261M5 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM8261M5
Description  LM8261 Single RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT-23-5
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM8261M5 Datasheet(HTML) 3 Page - Texas Instruments

  LM8261M5 Datasheet HTML 1Page - Texas Instruments LM8261M5 Datasheet HTML 2Page - Texas Instruments LM8261M5 Datasheet HTML 3Page - Texas Instruments LM8261M5 Datasheet HTML 4Page - Texas Instruments LM8261M5 Datasheet HTML 5Page - Texas Instruments LM8261M5 Datasheet HTML 6Page - Texas Instruments LM8261M5 Datasheet HTML 7Page - Texas Instruments LM8261M5 Datasheet HTML 8Page - Texas Instruments LM8261M5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
LM8261
www.ti.com
SNOS469I – APRIL 2000 – REVISED MARCH 2013
2.7V ELECTRICAL CHARACTERISTICS
Unless otherwise specified, all limits guaranteed for TA = 25°C, V
+ = 2.7V, V= 0V, V
CM = 0.5V, VO = V
+/2, and R
L > 1MΩ to
V
. Boldface limits apply at the temperature extremes.(1)
Symbol
Parameter
Condition
Typ(2)
Limit(3)
Units
VOS
Input Offset Voltage
VCM = 0.5V & VCM = 2.2V
+/
−0.7
+/
−5
mV
+/
−7
max
TC VOS
Input Offset Average Drift
VCM = 0.5V & VCM = 2.2V
(4)
+/
−2
µV/C
IB
Input Bias Current
VCM = 0.5V
(5)
−1.20
−2.00
−2.70
µA
max
VCM = 2.2V
(5)
+0.49
+1.00
+1.60
IOS
Input Offset Current
VCM = 0.5V & VCM = 2.2V
20
250
nA
400
max
CMRR
Common Mode Rejection Ratio
VCM stepped from 0V to 1.0V
100
76
60
dB
VCM stepped from 1.7V to 2.7V
100
min
VCM stepped from 0V to 2.7V
70
58
50
+PSRR
Positive Power Supply Rejection
V+ = 2.7V to 5V
104
78
dB
Ratio
74
min
CMVR
Input Common-Mode Voltage
CMRR > 50dB
−0.3
−0.1
V
Range
0.0
max
3.0
2.8
V
2.7
min
AVOL
Large Signal Voltage Gain
VO = 0.5 to 2.2V,
78
70
dB
RL = 10K to V
67
min
VO = 0.5 to 2.2V,
73
67
dB
RL = 2K to V
63
min
VO
Output Swing
RL = 10K to V
2.59
2.49
High
2.46
V
min
RL = 2K to V
2.53
2.45
2.41
Output Swing
RL = 10K to V
90
100
mV
Low
120
max
ISC
Output Short Circuit Current
Sourcing to V
48
30
mA
VID = 200mV
(6) (7)
20
min
Sinking to V+
65
50
mA
VID = −200mV
(6) (7)
30
min
IS
Supply Current
No load, VCM = 0.5V
0.95
1.20
mA
1.50
max
SR
Slew Rate(8)
AV = +1,VI = 2VPP
9
V/µs
fu
Unity Gain-Frequency
VI = 10mV, RL = 2KΩ to V
+/2
10
MHz
GBWP
Gain Bandwidth Product
f = 50KHz
21
15.5
MHz
14
min
Phim
Phase Margin
VI = 10mV
50
Deg
en
Input-Referred Voltage Noise
f = 2KHz, RS = 50Ω
15
nV/
√Hz
in
Input-Referred Current Noise
f = 2KHz
1
pA/
√Hz
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No guarantee of parametric performance is indicated in the electrical tables under
conditions of internal self heating where TJ > TA.
(2)
Typical Values represent the most likely parametric norm.
(3)
All limits are guaranteed by testing or statistical analysis.
(4)
Offset voltage average drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
(5)
Positive current corresponds to current flowing into the device.
(6)
Production Short Circuit test is a momentary test. See Note 7.
(7)
Allowable Output Short Circuit duration is infinite for VS
≤ 6V at room temperature and below. For VS > 6V, allowable short circuit
duration is 1.5ms.
(8)
Slew rate is the slower of the rising and falling slew rates. Connected as a Voltage Follower.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM8261


Similar Part No. - LM8261M5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8261M5 NSC-LM8261M5 Datasheet
915Kb / 19P
   RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT23-5
logo
Texas Instruments
LM8261M5 TI1-LM8261M5 Datasheet
1Mb / 29P
[Old version datasheet]   LM8261 Single RRIO, High Output Current and Unlimited Cap Load Op Amp in SOT-23-5
LM8261M5 TI1-LM8261M5 Datasheet
2Mb / 34P
[Old version datasheet]   Single RRIO High Output Current & Unlimited Cap Load Op Amp
LM8261M5/NOPB TI1-LM8261M5/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LM8261 Single RRIO, High Output Current and Unlimited Cap Load Op Amp in SOT-23-5
logo
National Semiconductor ...
LM8261M5X NSC-LM8261M5X Datasheet
915Kb / 19P
   RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT23-5
More results

Similar Description - LM8261M5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM8261M5 TI1-LM8261M5 Datasheet
1Mb / 29P
[Old version datasheet]   LM8261 Single RRIO, High Output Current and Unlimited Cap Load Op Amp in SOT-23-5
logo
National Semiconductor ...
LM8261 NSC-LM8261 Datasheet
915Kb / 19P
   RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT23-5
logo
Texas Instruments
LM8261M5 TI1-LM8261M5_15 Datasheet
2Mb / 34P
[Old version datasheet]   Single RRIO High Output Current & Unlimited Cap Load Op Amp
SM73301 TI1-SM73301 Datasheet
672Kb / 22P
[Old version datasheet]   RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT23-5
logo
National Semiconductor ...
LM8262 NSC-LM8262 Datasheet
255Kb / 10P
   RRIO, High Output Current & Unlimited Cap Load Op Amp in MSOP
LM8272 NSC-LM8272 Datasheet
667Kb / 14P
   RRIO, High Output Current & Unlimited Cap Load Op Amp in Miniature Package
logo
Texas Instruments
LM8262 TI1-LM8262 Datasheet
956Kb / 19P
[Old version datasheet]   Dual RRIO, High Output Current and Unlimited Cap Load Op Amp in VSSOP
LM8272 TI1-LM8272 Datasheet
1Mb / 26P
[Old version datasheet]   Dual RRIO, High Output Current & Unlimited Cap Load
logo
Micrel Semiconductor
MIC910 MICREL-MIC910_14 Datasheet
2Mb / 14P
   135MHz, Low-Power SOT-23-5 Op Amp
MIC910 MICREL-MIC910 Datasheet
552Kb / 12P
   135MHz Low-Power SOT-23-5 Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com