Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5005 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM5005
Description  LM5005 High Voltage 2.5 Amp Buck Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5005 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5005 Datasheet HTML 4Page - Texas Instruments LM5005 Datasheet HTML 5Page - Texas Instruments LM5005 Datasheet HTML 6Page - Texas Instruments LM5005 Datasheet HTML 7Page - Texas Instruments LM5005 Datasheet HTML 8Page - Texas Instruments LM5005 Datasheet HTML 9Page - Texas Instruments LM5005 Datasheet HTML 10Page - Texas Instruments LM5005 Datasheet HTML 11Page - Texas Instruments LM5005 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
FB
SW
RT
VIN
BST
SD
5V
S
R
Q
Q
AGND
IS
CLK
+
SS
PRE
3, 4
2
11
7
6
5
8
9
12
10
13, 14
1
SD
Ir
LM5005
SHUTDOWN
STANDBY
7V
REGULATOR
SYNC
SYNC
OSCILLATOR
RAMP
OUT
PGND
CLK
CLK
COMP
ERROR
AMP
R3
21k
C3
330p
C11
330p
R7
10
C9
22
C10
150
R6
1.65k
R5
5.11k
L1
33 PH
C7
0.022
C8
0.47
D1
CSHD6-100C
15, 16
19
17, 18
20
THERMAL
SHUTDOWN
UVLO
UVLO
CLK
DIS
VCC
LEVEL
SHIFT
DRIVER
1.225V
1.225V
0.7V
0.7V
R4
49.9k
C5
0.01
C6
open
R2
OPEN
C12
OPEN
C4
0.01
C2
2.2
C1
2.2
R1
OPEN
7 ± 75V
VIN
VIN
1.75V
PWM
C_LIMIT
10 PA
5 PA
VIN
TRACK
SAMPLE
and
HOLD
0.5V/A
RAMP GENERATOR
Ir = (5 PA x (VIN ± VOUT))
+ 25 PA
LM5005
SNVS397D – SEPTEMBER 2005 – REVISED MARCH 2013
www.ti.com
Typical Application Circuit and Block Diagram
Figure 9. Circuit Diagram
Detailed Operating Description
The LM5005 high voltage switching regulator features all of the functions necessary to implement an efficient
high voltage buck regulator using a minimum of external components. This easy to use regulator integrates a
75V N-Channel buck switch with an output current capability of 2.5 Amps. The regulator control method is based
on current mode control utilizing an emulated current ramp. Peak current mode control provides inherent line
feed-forward, cycle-by-cycle current limiting and ease of loop compensation. The use of an emulated control
ramp reduces noise sensitivity of the pulse-width modulation circuit, allowing reliable processing of very small
duty cycles necessary in high input voltage applications. The operating frequency is user programmable from
50kHz to 500kHz. An oscillator synchronization pin allows multiple LM5005 regulators to self synchronize or be
synchronized to an external clock. The output voltage can be set from 1.225V. Fault protection features include,
current limiting, thermal shutdown and remote shutdown capability. The device is available in the HTSSOP
package featuring an exposed pad to aid thermal dissipation.
The functional block diagram and typical application of the LM5005 is shown in Figure 9. The LM5005 can be
applied in numerous applications to efficiently step-down a high unregulated input voltage. The device is well
suited for telecom, industrial and automotive power bus voltage ranges.
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM5005


Similar Part No. - LM5005

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5005 NSC-LM5005 Datasheet
774Kb / 21P
   High Voltage 2.5 Amp Buck Regulator
logo
Texas Instruments
LM5005 TI-LM5005 Datasheet
947Kb / 28P
[Old version datasheet]   LM5005 High Voltage 2.5 Amp Buck Regulator
LM5005 TI1-LM5005 Datasheet
986Kb / 28P
[Old version datasheet]   High Voltage 2.5 Amp Buck Regulator
logo
National Semiconductor ...
LM5005MH NSC-LM5005MH Datasheet
774Kb / 21P
   High Voltage 2.5 Amp Buck Regulator
logo
Texas Instruments
LM5005MH TI-LM5005MH Datasheet
947Kb / 28P
[Old version datasheet]   LM5005 High Voltage 2.5 Amp Buck Regulator
More results

Similar Description - LM5005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5005MH TI-LM5005MH Datasheet
947Kb / 28P
[Old version datasheet]   LM5005 High Voltage 2.5 Amp Buck Regulator
logo
National Semiconductor ...
LM5005 NSC-LM5005 Datasheet
774Kb / 21P
   High Voltage 2.5 Amp Buck Regulator
logo
Texas Instruments
LM5005 TI1-LM5005_14 Datasheet
986Kb / 28P
[Old version datasheet]   High Voltage 2.5 Amp Buck Regulator
logo
ON Semiconductor
FAN53741 ONSEMI-FAN53741 Datasheet
407Kb / 18P
   Synchronous Buck Regulator, 2.5 MHz
April, 2021 ??Rev. 4
logo
Allegro MicroSystems
SI-3025LSA ALLEGRO-SI-3025LSA Datasheet
163Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 2.5 V LINEAR REGULATOR
logo
ON Semiconductor
NCV8800 ONSEMI-NCV8800 Datasheet
89Kb / 12P
   Synchronous Buck Regulator with 1.0 Amp Switch
September, 2003 ??Rev. 10
logo
List of Unclassifed Man...
OM7620ST ETC1-OM7620ST Datasheet
37Kb / 4P
   1.5 AMP HIGH VOLTAGE POSITIVE ADJUSTABLE REGULATOR
OM7612ST ETC-OM7612ST Datasheet
35Kb / 4P
   1.5 AMP HIGH VOLTAGE NEGATIVE ADJUSTABLE REGULATOR
logo
Renesas Technology Corp
ISL95338 RENESAS-ISL95338_V01 Datasheet
840Kb / 51P
   Bidirectional Buck-Boost Voltage Regulator
Jul.18.19
ISL95338 RENESAS-ISL95338 Datasheet
1Mb / 48P
   Bidirectional Buck-Boost Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com