Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4862MX Datasheet(PDF) 4 Page - Texas Instruments

Part # LM4862MX
Description  LM4862 675 mW Audio Power Amplifier with Shutdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4862MX Datasheet(HTML) 4 Page - Texas Instruments

  LM4862MX Datasheet HTML 1Page - Texas Instruments LM4862MX Datasheet HTML 2Page - Texas Instruments LM4862MX Datasheet HTML 3Page - Texas Instruments LM4862MX Datasheet HTML 4Page - Texas Instruments LM4862MX Datasheet HTML 5Page - Texas Instruments LM4862MX Datasheet HTML 6Page - Texas Instruments LM4862MX Datasheet HTML 7Page - Texas Instruments LM4862MX Datasheet HTML 8Page - Texas Instruments LM4862MX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LM4862
SNAS102F – MAY 1997 – REVISED MAY 2013
www.ti.com
External Components Description
(Figure 1)
Components
Functional Description
1.
Ri
Inverting input resistance which sets the closed-loop gain in conjunction with Rf. This resistor also forms a high pass filter
with Ci at fc = 1/(2πRiCI).
2.
Ci
Input coupling capacitor which blocks the DC voltage at the amplifier's input terminals. Also creates a highpass filter with Ri
at fc = 1/(2πRiCi). Refer to PROPER SELECTION OF EXTERNAL COMPONENTS for an explanation of how to determine
the value of Ci.
3.
RF
Feedback resistance which sets the closed-loop gain in conjunction with Ri.
4.
CS
Supply bypass capacitor which provides power supply filtering. Refer to POWER SUPPLY BYPASSING for proper
placement and selection of the supply bypass capacitor.
5.
CB
Bypass pin capacitor which provides half-supply filtering. Refer to PROPER SELECTION OF EXTERNAL COMPONENTS
for proper placement and selection of the half-supply bypass capacitor.
4
Submit Documentation Feedback
Copyright © 1997–2013, Texas Instruments Incorporated
Product Folder Links: LM4862


Similar Part No. - LM4862MX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4862MX/NOPB TI-LM4862MX/NOPB Datasheet
936Kb / 18P
[Old version datasheet]   675 mW Audio Power Amplifier with Shutdown Mode
More results

Similar Description - LM4862MX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4862 TI-LM4862_15 Datasheet
936Kb / 18P
[Old version datasheet]   675 mW Audio Power Amplifier with Shutdown Mode
logo
National Semiconductor ...
LM4862 NSC-LM4862 Datasheet
262Kb / 10P
   675 mW Audio Power Amplifier with Shutdown Mode
LM4864 NSC-LM4864 Datasheet
342Kb / 10P
   300 mW Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4880 TI-LM4880 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mW Audio Power Amplifier with Shutdown Mode
logo
National Semiconductor ...
LM4880 NSC-LM4880 Datasheet
375Kb / 12P
   Dual 250 mW Audio Power Amplifier with Shutdown Mode
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
   Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
BCD Semiconductor Manuf...
AA4003 BCDSEMI-AA4003 Datasheet
504Kb / 18P
   2W STEREO AUDIO POWER AMPLIFIER WITH SHUTDOWN
logo
National Semiconductor ...
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
   1.1W Audio Power Amplifier with Shutdown Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com