Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3915N-1 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM3915N-1
Description  LM3915 Dot/Bar Display Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3915N-1 Datasheet(HTML) 4 Page - Texas Instruments

  LM3915N-1 Datasheet HTML 1Page - Texas Instruments LM3915N-1 Datasheet HTML 2Page - Texas Instruments LM3915N-1 Datasheet HTML 3Page - Texas Instruments LM3915N-1 Datasheet HTML 4Page - Texas Instruments LM3915N-1 Datasheet HTML 5Page - Texas Instruments LM3915N-1 Datasheet HTML 6Page - Texas Instruments LM3915N-1 Datasheet HTML 7Page - Texas Instruments LM3915N-1 Datasheet HTML 8Page - Texas Instruments LM3915N-1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
LM3915
SNVS740C – JANUARY 2000 – REVISED MARCH 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
(1)(2) (continued)
Parameter
Conditions(1)
Min
Typ
Max
Units
VOLTAGE REFERENCE
Output Voltage
0.1 mA
≤ IL(REF) ≤ 4 mA,
1.2
1.28
1.34
V
V+ = VLED = 5V
Line Regulation
3V
≤ V+ ≤ 18V
0.01
0.03
%/V
Load Regulation
0.1 mA
≤ IL(REF) ≤ 4 mA,
0.4
2
%
V+ = VLED = 5V
Output Voltage Change with
0°C
≤ TA ≤ +70°C, IL(REF) = 1 mA,
1
%
Temperature
V + = VLED = 5V
Adjust Pin Current
75
120
μA
OUTPUT DRIVERS
LED Current
V + = VLED = 5V, IL(REF) = 1 mA
7
10
13
mA
VLED = 5V, ILED = 2 mA
0.12
0.4
LED Current Difference (Between
mA
VLED = 5V, ILED 20 mA
Largest and Smallest LED Currents)
1.2
3
LED Current Regulation
2V
≤ VLED ≤ 17V, ILED = 2 mA
0.1
0.25
mA
ILED = 20 mA
1
3
Dropout Voltage
ILED(ON) = 20 mA, @ VLED = 5V,
1.5
V
ΔILED = 2 mA
Saturation Voltage
ILED = 2.0 mA, IL(REF) = 0.4 mA
0.15
0.4
V
Output Leakage, Each Collector
(Bar Mode) (4)
0.1
10
μA
Output Leakage
(Dot Mode) (4)
Pins 10–18
0.1
10
μA
Pin 1
60
150
450
μA
SUPPLY CURRENT
Standby Supply Current
V+ = +5V, IL(REF) = 0.2 mA
2.4
4.2
mA
(All Outputs Off)
V+ = +20V, IL(REF) = 1.0 mA
6.1
9.2
mA
(4)
Bar mode results when pin 9 is within 20 mV of V+. Dot mode results when pin 9 is pulled at least 200 mV below V+. LED #10 (pin 10
output current) is disabled if pin 9 is pulled 0.9V or more below VLED.
THRESHOLD VOLTAGE
(1)
Output
dB
Min
Typ
Max
Output
dB
Min
Typ
Max
1
−27
0.422
0.447
0.531
6
−12
2.372
2.512
2.819
2
−24
0.596
0.631
0.750
7
−9
3.350
3.548
3.825
3
−21
0.841
0.891
1.059
8
−6
4.732
5.012
5.309
4
−18
1.189
1.259
1.413
9
−3
6.683
7.079
7.498
5
−15
1.679
1.778
1.995
10
0
9.985
10
10.015
(1)
Accuracy is measured referred to 0 dB = + 10.000 VDC at pin 5, with + 10.000 VDC at pin 6, and 0.000 VDC at pin 4. At lower full scale
voltages, buffer and comparator offset voltage may add significant error. See Threshold Voltage.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3915


Similar Part No. - LM3915N-1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3915N-1 NSC-LM3915N-1 Datasheet
1Mb / 25P
   Dot/Bar Display Driver
logo
Texas Instruments
LM3915N-1 TI1-LM3915N-1 Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
LM3915N-1/NOPB TI1-LM3915N-1/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
More results

Similar Description - LM3915N-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3915N-1 TI1-LM3915N-1 Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
logo
National Semiconductor ...
LM3915 NSC-LM3915 Datasheet
1Mb / 25P
   Dot/Bar Display Driver
LM3916 NSC-LM3916 Datasheet
509Kb / 27P
   Dot/Bar Display Driver
LM3914 NSC-LM3914 Datasheet
365Kb / 19P
   Dot/Bar Display Driver
LM3914 NSC-LM3914_03 Datasheet
809Kb / 22P
   Dot/Bar Display Driver
logo
Texas Instruments
LM3914N-1 TI1-LM3914N-1 Datasheet
790Kb / 29P
[Old version datasheet]   LM3914 Dot/Bar Display Driver
LM3916 TI1-LM3916 Datasheet
1Mb / 32P
[Old version datasheet]   LM3916 Dot/Bar Display Driver
logo
NTE Electronics
NTE1549 NTE-NTE1549 Datasheet
29Kb / 4P
   Integrated Circuit Dot/Bar Display Driver
NTE1508 NTE-NTE1508 Datasheet
31Kb / 3P
   Integrated Circuit 10-Step Dot/Bar Display Driver for Linear Scale
NTE1509 NTE-NTE1509 Datasheet
30Kb / 4P
   Integrated Circuit 10-Step Dot/Bar Display Driver for Logarithmic Scale
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com