Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSOP32138 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSOP32138
Description  IR Receiver Modules for Remote Control Systems
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP32138 Datasheet(HTML) 3 Page - Vishay Siliconix

  TSOP32138 Datasheet HTML 1Page - Vishay Siliconix TSOP32138 Datasheet HTML 2Page - Vishay Siliconix TSOP32138 Datasheet HTML 3Page - Vishay Siliconix TSOP32138 Datasheet HTML 4Page - Vishay Siliconix TSOP32138 Datasheet HTML 5Page - Vishay Siliconix TSOP32138 Datasheet HTML 6Page - Vishay Siliconix TSOP32138 Datasheet HTML 7Page - Vishay Siliconix TSOP32138 Datasheet HTML 8Page - Vishay Siliconix TSOP32138 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TSOP321..
Document Number 82229
Rev. 1.2, 31-Jan-05
Vishay Semiconductors
www.vishay.com
3
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Minimum Irradiance (56 kHz)
VS = 3 V
Pulse width tolerance:
tpi - 5/fo < tpo < tpi + 6/fo,
test signal see fig.3
Ee min
0.3
0.5
mW/m2
Minimum Irradiance (30 - 40
kHz)
VS = 5 V
Pulse width tolerance:
tpi - 5/fo < tpo < tpi + 6/fo,
test signal see fig.3
Ee min
0.35
0.5
mW/m2
Minimum Irradiance (56 kHz)
VS = 5 V
Pulse width tolerance:
tpi - 5/fo < tpo < tpi + 6/fo,
test signal see fig.3
Ee min
0.45
0.6
mW/m2
Maximum Irradiance
tpi - 5/fo < tpo < tpi + 6/fo,
test signal see fig. 3
Ee max
30
W/m2
Directivity
Angle of half transmission
distance
ϕ
1/2
± 45
deg
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Figure 1. Output Function
Figure 2. Pulse Length and Sensitivity in Dark Ambient
Ee
T
tpi *)
t
VO
VOH
VOL
tpo2 )
t
14337
Optical Test Signal
(IR diode TSAL6200, IF=0.4 A, N=6 pulses, f=f0, T=10 ms)
Output Signal
td1 )
1 ) 3/f0 < td < 9/f0
2 )
tpi – 4/f0 < tpo < tpi + 6/f0
*) tpi w 6/fo is recommended for optimal function
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.11.010.0
100.0 1000.010000.0
Ee – Irradiance ( mW/m2 )
16907
Input Burst Duration
l = 950 nm,
optical test signal, fig.1
Output Pulse
Figure 3. Output Function
Figure 4. Output Pulse Diagram
Ee
t
VO
VOH
VOL
t
600
ms
600
ms
T = 60 ms
Ton
Toff
94 8134
Optical Test Signal
Output Signal, ( see Fig.4 )
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.11.010.0
100.0 1000.010000.0
Ee – Irradiance ( mW/m2 )
16910
Toff
l = 950 nm,
optical test signal, fig.3
Ton


Similar Part No. - TSOP32138

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP32138 VISHAY-TSOP32138 Datasheet
152Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 19-Aug-08
TSOP32138 VISHAY-TSOP32138 Datasheet
133Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 18-Sep-13
TSOP32138 VISHAY-TSOP32138 Datasheet
138Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 1.5, 22-Jul-16
More results

Similar Description - TSOP32138

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 26-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com