Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0473-300-DB103 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 0473-300-DB103
Description  Shaftless Rotary Potentiometer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

0473-300-DB103 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  0473-300-DB103 Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe: Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
Sensors & Controls
0473 - Shaftless Rotary Potentiometer
Features
Plastic housing
Plug-in shaft available as accessory
Additional models and versions available; special data sheets can be requested
Carbon resistive element
Characteristics
Mechanical Angle..................270 ° ±10 °
Starting Torque ...................0.5 to 2 Ncm
End Stop Strength .............25 Ncm max.
Resistance Range
...................100 ohms to 4.7 megohms
Resistance Taper...........................Linear
Power Rating .................................0.2 W
Temperature Range ......-25 °C to +70 °C
Rotational Life ...................10,000 cycles
Product Dimensions
DIMENSIONS ARE:
MM
(INCHES)
Resistance
Resistance
(Ohms)
Code
100
101
220
221
470
471
1,000
102
2,200
222
4,700
472
10,000
103
22,000
223
47,000
473
100,000
104
220,000
224
470,000
474
1,000,000
105
2,200,000
225
4,700,000
475
Standard Resistance Table
How to Order
0473 - 600 - A B 103
Model Type
• 0473
Terminal Style
• 300
• 600
(Other styles available upon request)
Independent Linearity
A = ±5 %
B = ±4 %
C = ±3 %
D = ±2.5 %
E = ±2 %
Element Taper
B = Linear Carbon ±20 %
E = Linear Carbon ±10 %
M = Linear Carbon ±30 %
L = Linear Carbon ±5 %
Resistance Code
Other versions available upon request.
15.0
(.591)
1
1
2
3
2
3
3.02 + 0.03
(.119 ± .001)
1.1 - 0.1
(.043 - .004)
4.5 ± 0.3
(.177 ± .012)
4.02 + 0.05
(.158 + .002)
10.0
(.394)
17.5
(.689)
10.0
(.394)
COMPONENT
SIDE
1.0
(.039)
2.2
(.087)
PLUG-IN
SPINDLE
BEARING
1.3 + 0.1/-0
(.051 + .004/-0)
DIA. 3 PLCS.
4.4 +0.1/-0
(.173 +.004/-0)
DIA.
5.0
(.197)
7.5
(.295)
6.0 ± 0.2
(.236 ± .008)
3.5 +0/-0.1
(.138 +0/-004)
Recommended PCB Layout
0473-300
15.0
(.591)
3.02 +0.03/-0
(.119 +.001/-0)
1.1 +0/-0.1
(.043 +0/-.004)
4.02 +0.03/-0
(.158 +.001/-0)
16.5
(.650)
9.0
(.354)
6.0 ± 0.2
(.236 ± .008)
8.5
(.335)
4.5 ± 0.3
(.177 ± .012)
1
2
3
4.4 +0.1/-0
(.173 +.004/-0)
DIA.
1.0
(.039)
PLUG-IN
SPINDLE
BEARING
3.5 +0/-0.1
(.138 +0/-.004)
COMPONENT
SIDE
5.0
(.197)
7.0
(.276)
7.5
(.295)
10.0
(.394)
1.3 +0.1/-0
(.051 +.004/-0)
DIA. 3 PLCS.
1
2
3
Recommended PCB Layout
0473-600
1
3 CW
CLOCKWISE
CCW
2 WIPER
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
11/07


Similar Part No. - 0473-300-DB103

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0473.375 LITTELFUSE-0473.375 Datasheet
57Kb / 1P
   Axial Lead and Cartridge Fuses - Subminiature
0473.375MAT1L LITTELFUSE-0473.375MAT1L Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses PICO ll > Slo-Blo > 473 Series
0473.375MRT1- LITTELFUSE-0473.375MRT1- Datasheet
23Kb / 1P
   PICO짰 II Slo-Blo짰 Type Fuse
0473.375MRT1HF LITTELFUSE-0473.375MRT1HF Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses PICO짰 ll > Slo-Blo짰 > 473 Series
0473.375MRT1L LITTELFUSE-0473.375MRT1L Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses PICO ll > Slo-Blo > 473 Series
More results

Similar Description - 0473-300-DB103

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
EC10A12V070 PRODUCTWELL-EC10A12V070 Datasheet
114Kb / 1P
   ROTARY POTENTIOMETER
EC10A12V090 PRODUCTWELL-EC10A12V090 Datasheet
114Kb / 1P
   ROTARY POTENTIOMETER
EC12E24H01 PRODUCTWELL-EC12E24H01 Datasheet
105Kb / 1P
   ROTARY POTENTIOMETER
R09A11VA1 PRODUCTWELL-R09A11VA1 Datasheet
124Kb / 2P
   ROTARY POTENTIOMETER
R10A12V01 PRODUCTWELL-R10A12V01 Datasheet
133Kb / 2P
   ROTARY POTENTIOMETER
R24211AB1 PRODUCTWELL-R24211AB1 Datasheet
117Kb / 2P
   ROTARY POTENTIOMETER
R24311CB2 PRODUCTWELL-R24311CB2 Datasheet
119Kb / 2P
   ROTARY POTENTIOMETER
R16A11VF1 PRODUCTWELL-R16A11VF1 Datasheet
130Kb / 2P
   ROTARY POTENTIOMETER
R16A12HB1 PRODUCTWELL-R16A12HB1 Datasheet
126Kb / 2P
   ROTARY POTENTIOMETER
R1681NVB1 PRODUCTWELL-R1681NVB1 Datasheet
129Kb / 2P
   ROTARY POTENTIOMETER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com