Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBTL04DP211BS-518 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # CBTL04DP211BS-518
Description  DisplayPort 2 : 1 multiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTL04DP211BS-518 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button CBTL04DP211BS-518 Datasheet HTML 6Page - NXP Semiconductors CBTL04DP211BS-518 Datasheet HTML 7Page - NXP Semiconductors CBTL04DP211BS-518 Datasheet HTML 8Page - NXP Semiconductors CBTL04DP211BS-518 Datasheet HTML 9Page - NXP Semiconductors CBTL04DP211BS-518 Datasheet HTML 10Page - NXP Semiconductors CBTL04DP211BS-518 Datasheet HTML 11Page - NXP Semiconductors CBTL04DP211BS-518 Datasheet HTML 12Page - NXP Semiconductors CBTL04DP211BS-518 Datasheet HTML 13Page - NXP Semiconductors CBTL04DP211BS-518 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
CBTL04DP211
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 13 April 2012
10 of 18
NXP Semiconductors
CBTL04DP211
DisplayPort 2 : 1 multiplexer
11. Application information
11.1 Special considerations
Certain cable or dongle misplug scenarios make it possible for a 5 V input condition to
occur on pins AUX+ and AUX
−, as well as HPD_IN. When AUX+ and AUX− are
connected through a minimum of 2.2 k
Ω each, the CBTL04DP211 will sink current but will
not be damaged. Similarly, HPD_IN may be connected to 5 V via at least a 1 k
Ω resistor.
(Correct functional operation to specification is not expected in these scenarios.) The
latter also prevents the HPD_OUT output from loading down the system HPD signal when
power to the CBTL04DP211 is off.
Fig 3.
Application diagram
OUT_0-
AUX+
AUX-
OUT_0+
002aag022
HPD_IN
2 : 1
MUX
OUT_1-
OUT_1+
2 : 1
MUX
2 : 1
MUX
2 : 1
MUX
CBTL04DP211
VDD
GND
100 kΩ
100 kΩ
GPU A
GPU B


Similar Part No. - CBTL04DP211BS-518

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTL04DP211BS PHILIPS-CBTL04DP211BS Datasheet
465Kb / 17P
   DisplayPort 2 : 1 multiplexer
Rev. 1-30 March 2011
More results

Similar Description - CBTL04DP211BS-518

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTL04DP211 PHILIPS-CBTL04DP211 Datasheet
465Kb / 17P
   DisplayPort 2 : 1 multiplexer
Rev. 1-30 March 2011
CBTL06DP211 NXP-CBTL06DP211 Datasheet
153Kb / 18P
   DisplayPort Gen1 2 : 1 multiplexer
Rev. 1-21 February 2011
CBTL06DP212 NXP-CBTL06DP212 Datasheet
158Kb / 18P
   High-performance DisplayPort Gen2 2 : 1 multiplexer
Rev. 2 ??3 November 2011
logo
Texas Instruments
SN75DP128 TI-SN75DP128 Datasheet
674Kb / 25P
[Old version datasheet]   DisplayPort 1:2 Switch
SN75DP128A TI-SN75DP128A Datasheet
739Kb / 26P
[Old version datasheet]   DisplayPort 1:2 Switch
logo
ON Semiconductor
MC100LVEL58 ONSEMI-MC100LVEL58 Datasheet
66Kb / 4P
   2:1 Multiplexer
February, 2000 ??Rev. 1
MC10EL58 ONSEMI-MC10EL58 Datasheet
72Kb / 2P
   2:1 Multiplexer
1996 REV 2
logo
Micrel Semiconductor
SY10EL58 MICREL-SY10EL58_05 Datasheet
49Kb / 4P
   2:1 MULTIPLEXER
logo
ON Semiconductor
MC10EP58 ONSEMI-MC10EP58 Datasheet
80Kb / 8P
   2:1 Multiplexer
Sep, 1999 ??Rev. 1.0
logo
Micrel Semiconductor
SY10EL58 MICREL-SY10EL58 Datasheet
47Kb / 4P
   2:1 MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com