Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA120A Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # P4SMA120A
Description  SURFACE MOUNT SILICON UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS 400 WATT, 5.0 THRU 220 VOLT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

P4SMA120A Datasheet(HTML) 1 Page - Central Semiconductor Corp

  P4SMA120A Datasheet HTML 1Page - Central Semiconductor Corp P4SMA120A Datasheet HTML 2Page - Central Semiconductor Corp P4SMA120A Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR P4SMA5.0A
series types are surface mount, uni-directional, glass
passivated junction transient voltage suppressors
designed to protect sensitive components from high
voltage transients.
MARKING CODE: SEE MARKING CODE ON
ELECTRICAL CHARACTERISTICS TABLE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Peak Power Dissipation (Note 1)
PPK
400
W
Peak Forward Surge Current (JEDEC method)
IFSM
40
A
Operating and Storage Junction Temperature
TJ, Tstg
-55 to +150
°C
Typical Thermal Resistance (Note 2)
ΘJA
70
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C)
TYPE
REVERSE
STAND-OFF
VOLTAGE
VRWM
BREAKDOWN
VOLTAGE
VBR
@
IT
TEST
CURRENT
IT
MAXIMUM
REVERSE
LEAKAGE
CURRENT
IR @ VRWM
MAXIMUM
CLAMPING
VOLTAGE
VC @ IPP
PEAK
PULSE
CURRENT
(Note 1)
IPP
MARKING
CODE
V
MIN
V
MAX
V
mA
μA
V
A
P4SMA5.0A
5.0
6.40
7.25
10.0
800
9.2
43.5
C4HE
P4SMA6.0A
6.0
6.67
7.67
10.0
800
10.3
38.8
C4HG
P4SMA6.5A
6.5
7.22
8.30
10.0
500
11.2
35.7
C4HK
P4SMA7.0A
7.0
7.78
8.95
10.0
200
12.0
33.3
C4HM
P4SMA7.5A
7.5
8.33
9.58
1.0
100
12.9
31.0
C4HP
P4SMA8.0A
8.0
8.89
10.23
1.0
50
13.6
29.4
C4HR
P4SMA8.5A
8.5
9.44
10.82
1.0
10
14.4
27.7
C4HT
P4SMA9.0A
9.0
10.0
11.5
1.0
5.0
15.4
26.0
C4HV
P4SMA10A
10
11.1
12.8
1.0
5.0
17.0
23.5
C4HX
P4SMA11A
11
12.2
14.0
1.0
1.0
18.2
22.0
C4HZ
P4SMA12A
12
13.3
15.3
1.0
1.0
19.9
20.1
C4IE
P4SMA13A
13
14.4
16.5
1.0
1.0
21.5
18.6
C4IG
P4SMA14A
14
15.6
17.9
1.0
1.0
23.2
17.2
C4IK
P4SMA15A
15
16.7
19.2
1.0
1.0
24.4
16.4
C4IM
P4SMA16A
16
17.8
20.5
1.0
1.0
26.0
15.3
C4IP
P4SMA17A
17
18.9
21.7
1.0
1.0
27.6
14.5
C4IR
P4SMA18A
18
20.0
23.3
1.0
1.0
29.2
13.7
C4IT
P4SMA20A
20
22.2
25.5
1.0
1.0
32.4
12.3
C4IV
P4SMA22A
22
24.4
28.0
1.0
1.0
35.5
11.2
C4IX
P4SMA24A
24
26.7
30.7
1.0
1.0
38.9
10.3
C4IZ
P4SMA26A
26
28.9
33.2
1.0
1.0
42.1
9.5
C4JE
P4SMA28A
28
31.1
35.8
1.0
1.0
45.4
8.8
C4JG
P4SMA30A
30
33.3
38.3
1.0
1.0
48.4
8.3
C4JK
P4SMA33A
33
36.7
42.2
1.0
1.0
53.3
7.5
C4JM
P4SMA36A
36
40.0
46.0
1.0
1.0
58.1
6.9
C4JP
P4SMA40A
40
44.4
51.1
1.0
1.0
64.5
6.2
C4JR
Notes: (1) Non-repetitive 10x1,000μs pulse.
(2) FR-4 epoxy PCB with copper mounting pad area of 5mm2.
SMA CASE
R1 (18-March 2013)
www.centr a lsemi.com
P4SMA5.0A
THRU
P4SMA220A
SURFACE MOUNT SILICON
UNI-DIRECTIONAL
GLASS PASSIVATED JUNCTION
TRANSIENT VOLTAGE SUPPRESSORS
400 WATT, 5.0 THRU 220 VOLT


Similar Part No. - P4SMA120A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P4SMA120A WTE-P4SMA120A Datasheet
65Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Semitech Semic...
P4SMA120A SEMITECH-P4SMA120A Datasheet
493Kb / 5P
   Low profile package
logo
Silicon Standard Corp.
P4SMA120A SSC-P4SMA120A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
P4SMA120A UNSEMI-P4SMA120A Datasheet
3Mb / 7P
   6.8 To 600V 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Ruilongyuan Electronics...
P4SMA120A RUILON-P4SMA120A Datasheet
878Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - P4SMA120A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
5SMC33A_170A CENTRAL-5SMC33A_170A Datasheet
903Kb / 3P
   SURFACE MOUNT SILICON UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS 5000 WATT, 33 THRU 170 VOLT
C4SMAFL8.5A CENTRAL-C4SMAFL8.5A Datasheet
1,002Kb / 3P
   SURFACE MOUNT SILICON UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS 400 WATTS, 8.5 THRU 170 VOLTS
3SMC50A CENTRAL-3SMC50A Datasheet
142Kb / 2P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS, 5.0 THRU 170 VOLTS
1SMC50A CENTRAL-1SMC50A Datasheet
144Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
1SMB50A CENTRAL-1SMB50A Datasheet
90Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMC5.0A CENTRAL-1SMC5.0A_09 Datasheet
666Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
1SMB5.0A CENTRAL-1SMB5.0A_09 Datasheet
678Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
1.5SMC6.8A CENTRAL-1.5SMC6.8A_09 Datasheet
662Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
3SMC5.0A CENTRAL-3SMC5.0A_09 Datasheet
663Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS
P6SMB6.8A CENTRAL-P6SMB6.8A_10 Datasheet
840Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com