Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCF5274CVM166 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MCF5274CVM166
Description  MCF5275 Integrated Microprocessor Family Hardware Specification
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5274CVM166 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MCF5274CVM166 Datasheet HTML 30Page - Freescale Semiconductor, Inc MCF5274CVM166 Datasheet HTML 31Page - Freescale Semiconductor, Inc MCF5274CVM166 Datasheet HTML 32Page - Freescale Semiconductor, Inc MCF5274CVM166 Datasheet HTML 33Page - Freescale Semiconductor, Inc MCF5274CVM166 Datasheet HTML 34Page - Freescale Semiconductor, Inc MCF5274CVM166 Datasheet HTML 35Page - Freescale Semiconductor, Inc MCF5274CVM166 Datasheet HTML 36Page - Freescale Semiconductor, Inc MCF5274CVM166 Datasheet HTML 37Page - Freescale Semiconductor, Inc MCF5274CVM166 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
MCF5275 Integrated Microprocessor Family Hardware Specification, Rev. 4
Electrical Characteristics
Freescale Semiconductor
34
8.11
Fast Ethernet AC Timing Specifications
MII signals use TTL signal levels compatible with devices operating at 5.0 V or 3.3 V.
8.11.1
MII Receive Signal Timing (FECn_RXD[3:0], FECn_RXDV,
FECn_RXER, and FECn_RXCLK)
The receiver functions correctly up to a FECn_RXCLK maximum frequency of 25 MHz +1%. The
processor clock frequency must exceed twice the FECn_RXCLK frequency.
Table 18 lists MII receive channel timings.
Figure 16 shows MII receive signal timings listed in Table 18.
Figure 16. MII Receive Signal Timing Diagram
8.11.2
MII Transmit Signal Timing (FECn_TXD[3:0], FECn_TXEN,
FECn_TXER, FECn_TXCLK)
Table 19 lists MII transmit channel timings.
The transmitter functions correctly up to a FECn_TXCLK maximum frequency of 25 MHz +1%. The
processor clock frequency must exceed twice the FECn_TXCLK frequency.
Table 18. MII Receive Signal Timing
Num
Characteristic
Min
Max
Unit
M1
FECn_RXD[3:0], FECn_RXDV, FECn_RXER to FECn_RXCLK
setup
5—
ns
M2
FECn_RXCLK to FECn_RXD[3:0], FECn_RXDV, FECn_RXER
hold
5—
ns
M3
FECn_RXCLK pulse width high
35%
65%
FECn_RXCLK
period
M4
FECn_RXCLK pulse width low
35%
65%
FECn_RXCLK
period
M1
M2
FECn_RXCLK (input)
FECn_RXD[3:0] (inputs)
FECn_RXDV
FECn_RXER
M3
M4


Similar Part No. - MCF5274CVM166

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCF5274 NXP-MCF5274 Datasheet
1Mb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
Rev. 4, 02/2009
MCF5274L NXP-MCF5274L Datasheet
1Mb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
Rev. 4, 02/2009
logo
Motorola, Inc
MCF5274LVM133 MOTOROLA-MCF5274LVM133 Datasheet
910Kb / 76P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
Freescale Semiconductor...
MCF5274LVM133 FREESCALE-MCF5274LVM133 Datasheet
1Mb / 44P
   Integrated Microprocessor Family Hardware Specification
logo
Motorola, Inc
MCF5274LVM166 MOTOROLA-MCF5274LVM166 Datasheet
910Kb / 76P
   MCF5275 Integrated Microprocessor Family Hardware Specification
More results

Similar Description - MCF5274CVM166

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCF5275EC NXP-MCF5275EC Datasheet
1Mb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
Rev. 4, 02/2009
logo
Motorola, Inc
MCF5275 MOTOROLA-MCF5275 Datasheet
910Kb / 76P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
Freescale Semiconductor...
MCF5275 FREESCALE-MCF5275 Datasheet
1Mb / 44P
   Integrated Microprocessor Family Hardware Specification
MCF5271 FREESCALE-MCF5271 Datasheet
1Mb / 40P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_09 Datasheet
2Mb / 48P
   Integrated Microprocessor Hardware Specification
MCF5271 FREESCALE-MCF5271_09 Datasheet
1Mb / 42P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_06 Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5235EC FREESCALE-MCF5235EC Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5213 FREESCALE-MCF5213 Datasheet
869Kb / 56P
   Microcontroller Family Hardware Specification
logo
NXP Semiconductors
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com