Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAPD Datasheet(PDF) 3 Page - Central Semiconductor Corp

Part # SMAPD
Description  SMA Case
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

SMAPD Datasheet(HTML) 3 Page - Central Semiconductor Corp

  SMAPD Datasheet HTML 1Page - Central Semiconductor Corp SMAPD Datasheet HTML 2Page - Central Semiconductor Corp SMAPD Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Material Composition Specification
SMA Case
Device average mass. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67.9 mg
Fluctuation margin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +/-10%
www.centra lsemi.com
R4 (3-June 2011)
Component
Material
Material
Substance CAS No.
Substance
(%wt)
(mg)
(%wt)
(mg)
(ppm)
active device
doped Si
1.12%
0.76
Si
7440-21-3
1.12%
0.76
11,193
leadframe
copper
40.64%
27.59
Cu
7440-50-8
40.64%
27.59
406,351
die attach
high temperature
solder paste
3.31%
2.25
Pb
7439-92-1
3.06%
2.081
30,649
Sn
7440-31-5
0.17%
0.113
1,664
Ag
7440-22-4
0.08%
0.056
825
encapsulation*
EMC
54.04%
36.69
silica
7631-86-9
36.75%
24.95
367,468
epoxy resin
29690-82-2
10.81%
7.338
108,075
phenol resin
9003-35-4
5.4%
3.669
54,038
Sb2O3
1309-64-4
0.54%
0.367
5,405
Br
7726-95-6
0.54%
0.367
5,405
EMC GREEN
54.04%
36.69
silica (fused) 60676-86-0
41.61%
28.253
416,116
epoxy resin
29690-82-2
5.4%
3.669
54,038
phenol resin
9003-35-4
5.24%
3.559
52,418
carbon black
1333-86-4
0.16%
0.11
1,620
metal
hydroxide
1309-42-8
1.62%
1.1
16,201
plating**
tin/lead process
0.89%
0.61
Sn
7440-31-5
0.71%
0.485
7,143
Pb
7439-92-1
0.18%
0.121
1,782
matte tin
0.89%
0.61
Sn
7440-31-5
0.89%
0.606
8,925
*EMC GREEN molding compound is Halogen-Free.
**For Lead Free plating, add suffix “LEAD FREE” to part number.
For Tin/Lead plating, add suffix “TIN/LEAD” to part number.
No suffix designation allows for the supply of either lead-free or tin/lead plated product depending on availability.
Disclaimer
The information provided in this Material Composition data sheet is, to the best of our knowledge, correct. However, there is no
guarantee to completeness or accuracy, as some information is derived from data sources outside the company.


Similar Part No. - SMAPD

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
SMAP COPAL-SMAP Datasheet
727Kb / 2P
   Surface Mount Pushbutton Switches
More results

Similar Description - SMAPD

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SMA FORMOSA-SMA Datasheet
61Kb / 1P
   Case No. SMA Device
MINI-SMA FORMOSA-MINI-SMA Datasheet
52Kb / 1P
   Case No. MINI-SMA Device
logo
PHOENIX CONTACT
0803675 PHOENIX-0803675 Datasheet
51Kb / 2P
   Case - TMP CASE
09/11/2020
1229456 PHOENIX-1229456 Datasheet
45Kb / 1P
   Case - THERMOMARK GO CASE
logo
CTS Corporation
LA-A1 CTS-LA-A1 Datasheet
87Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
HP3 CTS-HP3 Datasheet
430Kb / 6P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-B4 CTS-LA-B4 Datasheet
300Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LB66B1 CTS-LB66B1 Datasheet
196Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
logo
PHOENIX CONTACT
2906272 PHOENIX-2906272 Datasheet
50Kb / 2P
   Transport case - PA-CASE 2
12/24/2021
logo
CTS Corporation
HP1 CTS-HP1 Datasheet
541Kb / 7P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com