Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRCW0603820RFKEAHP Datasheet(PDF) 4 Page - Vishay Siliconix

Part # CRCW0603820RFKEAHP
Description  Pulse Proof, High Power Thick Film Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW0603820RFKEAHP Datasheet(HTML) 4 Page - Vishay Siliconix

  CRCW0603820RFKEAHP Datasheet HTML 1Page - Vishay Siliconix CRCW0603820RFKEAHP Datasheet HTML 2Page - Vishay Siliconix CRCW0603820RFKEAHP Datasheet HTML 3Page - Vishay Siliconix CRCW0603820RFKEAHP Datasheet HTML 4Page - Vishay Siliconix CRCW0603820RFKEAHP Datasheet HTML 5Page - Vishay Siliconix CRCW0603820RFKEAHP Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CRCW....-HP e3
Pulse Proof, High Power Thick Film Chip Resistors
Vishay
Document Number: 20043
For technical questions, contact: thickfilmchip@vishay.com
www.vishay.com
Revision: 07-May-09
4
Maximum pulse voltage, single and continuous pulses; applicable if
P
≤ P
max.;
for permissible resistance change equivalent to 8000 h operation
Pulse Voltage
0.00001
0.0001
0.001
0.01
0.1
1
1600
0
200
400
600
800
1000
1200
1400
Pulse Duration
i (s)
10
t
2010
1206
0805
0603
0402
1800
2000
2512
- 55
- 25
0
25
50
75
100
125
155 175
120
100
80
60
40
20
0
70
Derating
Ambient Temperature in °C


Similar Part No. - CRCW0603820RFKEAHP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CRCW0603820RFKEA INFINEON-CRCW0603820RFKEA Datasheet
9Mb / 27P
   EiceDRIVER™ enhanced 1EDI302xAS/1EDI303xAS evaluation board
Rev. 1.0 2020-12-18
More results

Similar Description - CRCW0603820RFKEAHP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW1206510RFKEA VISHAY-CRCW1206510RFKEA Datasheet
104Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 21-Mar-13
CRCW080518R0FKEAHP VISHAY-CRCW080518R0FKEAHP Datasheet
127Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 07-May-09
CRCW-HP-E3 VISHAY-CRCW-HP-E3 Datasheet
152Kb / 10P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 16-Sep-16
CRCW06031K50FKEAHP VISHAY-CRCW06031K50FKEAHP Datasheet
127Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 07-May-09
CRCWHPE3 VISHAY-CRCWHPE3 Datasheet
104Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 21-Mar-13
CRCW0603562RFKEAHP VISHAY-CRCW0603562RFKEAHP Datasheet
127Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 07-May-09
CRCW-HPE3 VISHAY-CRCW-HPE3 Datasheet
148Kb / 10P
   Pulse Proof, High Power Thick Film Chip Resistors
01-Jan-2022
CRCW0402220RFKEAHP VISHAY-CRCW0402220RFKEAHP Datasheet
127Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 07-May-09
CRCW12100000Z0EAHP VISHAY-CRCW12100000Z0EAHP Datasheet
104Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 21-Mar-13
CRCW25121R05FKEGHP VISHAY-CRCW25121R05FKEGHP Datasheet
104Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 21-Mar-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com