Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2676T-ADJ Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM2676T-ADJ
Description  LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2676T-ADJ Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM2676T-ADJ Datasheet HTML 14Page - Texas Instruments LM2676T-ADJ Datasheet HTML 15Page - Texas Instruments LM2676T-ADJ Datasheet HTML 16Page - Texas Instruments LM2676T-ADJ Datasheet HTML 17Page - Texas Instruments LM2676T-ADJ Datasheet HTML 18Page - Texas Instruments LM2676T-ADJ Datasheet HTML 19Page - Texas Instruments LM2676T-ADJ Datasheet HTML 20Page - Texas Instruments LM2676T-ADJ Datasheet HTML 21Page - Texas Instruments LM2676T-ADJ Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
LM2676
SNVS031J – APRIL 2000 – REVISED APRIL 2013
www.ti.com
Capacitor Selection Guides
Table 3. Input and Output Capacitor Codes—Surface Mount
Surface Mount
Capacitor
AVX TPS Series
Sprague 594D Series
Kemet T495 Series
Reference Code
C (µF)
WV (V)
Irms (A)
C (µF)
WV (V)
Irms (A)
C (µF)
WV (V)
Irms (A)
C1
330
6.3
1.15
120
6.3
1.1
100
6.3
0.82
C2
100
10
1.1
220
6.3
1.4
220
6.3
1.1
C3
220
10
1.15
68
10
1.05
330
6.3
1.1
C4
47
16
0.89
150
10
1.35
100
10
1.1
C5
100
16
1.15
47
16
1
150
10
1.1
C6
33
20
0.77
100
16
1.3
220
10
1.1
C7
68
20
0.94
180
16
1.95
33
20
0.78
C8
22
25
0.77
47
20
1.15
47
20
0.94
C9
10
35
0.63
33
25
1.05
68
20
0.94
C10
22
35
0.66
68
25
1.6
10
35
0.63
C11
15
35
0.75
22
35
0.63
C12
33
35
1
4.7
50
0.66
C13
15
50
0.9
18
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2676


Similar Part No. - LM2676T-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2676T-ADJ NSC-LM2676T-ADJ Datasheet
350Kb / 25P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2676T-ADJ TI-LM2676T-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676T-ADJ TI-LM2676T-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676T-ADJ TI-LM2676T-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676T-ADJ TI1-LM2676T-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
More results

Similar Description - LM2676T-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2676SX-5 TI-LM2676SX-5 Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676T-5 TI-LM2676T-5 Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676SX-ADJ TI1-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2676 NSC-LM2676 Datasheet
350Kb / 25P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com