Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2594N-12 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM2594N-12
Description  LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2594N-12 Datasheet(HTML) 1 Page - Texas Instruments

  LM2594N-12 Datasheet HTML 1Page - Texas Instruments LM2594N-12 Datasheet HTML 2Page - Texas Instruments LM2594N-12 Datasheet HTML 3Page - Texas Instruments LM2594N-12 Datasheet HTML 4Page - Texas Instruments LM2594N-12 Datasheet HTML 5Page - Texas Instruments LM2594N-12 Datasheet HTML 6Page - Texas Instruments LM2594N-12 Datasheet HTML 7Page - Texas Instruments LM2594N-12 Datasheet HTML 8Page - Texas Instruments LM2594N-12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
LM2594, LM2594HV
www.ti.com
SNVS118C – DECEMBER 1999 – REVISED APRIL 2013
LM2594/LM2594HV SIMPLE SWITCHER® Power Converter 150 kHz 0.5A Step-Down
Voltage Regulator
Check for Samples: LM2594, LM2594HV
1
FEATURES
DESCRIPTION
The LM2594/LM2594HV series of regulators are
2345
• 3.3V, 5V, 12V, and Adjustable Output Versions
monolithic integrated circuits that provide all the
Adjustable Version Output Voltage Range,
active functions for a step-down (buck) switching
1.2V to 37V (57V for the HV Version)±4% Max
regulator, capable of driving a 0.5A load with
Over Line and Load Conditions
excellent line and load regulation. These devices are
available in fixed output voltages of 3.3V, 5V, 12V,
Available in 8-pin Surface Mount SOIC and
and an adjustable output version, and are packaged
PDIP-8 Package
in a 8-lead PDIP and a 8-lead surface mount SOIC
Ensured 0.5A Output Current
package.
Input Voltage Range up to 60V
Requiring
a
minimum
number
of
external
Requires only 4 External Components
components, these regulators are simple to use and
150 kHz Fixed Frequency Internal Oscillator
feature internal frequency compensation†, a fixed-
frequency oscillator, and improved line and load
TTL Shutdown Capability
regulation specifications.
Low Power Standby Mode, IQ typically 85 μA
The
LM2594/LM2594HV
series
operates
at
a
High Efficiency
switching frequency of 150 kHz thus allowing smaller
Uses Readily Available Standard Inductors
sized filter components than what would be needed
Thermal Shutdown and Current Limit
with lower frequency switching regulators. Because of
Protection
its high efficiency, the copper traces on the printed
circuit board are normally the only heat sinking
needed.
APPLICATIONS
A standard series of inductors (both through hole and
Simple High-efficiency Step-down (Buck)
surface mount types) are available from several
Regulator
different manufacturers optimized for use with the
Efficient Pre-regulator for Linear Regulators
LM2594/LM2594HV
series.
This
feature
greatly
On-card Switching Regulators
simplifies the design of switch-mode power supplies.
Positive to Negative Convertor
Other features include an ensured ±4% tolerance on
output voltage under all conditions of input voltage
and output load conditions, and ±15% on the
oscillator frequency. External shutdown is included,
featuring
typically
85
μA standby current. Self
protection features include a two stage frequency
reducing current limit for the output switch and an
over temperature shutdown for complete protection
under fault conditions.
The LM2594HV is for applications requiring an input
voltage up to 60V.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Switchers Made Simple is a trademark of Texas Instruments.
3
SIMPLE SWITCHER is a registered trademark of Texas Instruments.
4
Switchers Made Simple is a registered trademark of dcl_owner.
5
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2594N-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2594N-12 NSC-LM2594N-12 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2594N-12 TI1-LM2594N-12 Datasheet
1Mb / 41P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER짰 Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594N-12 TI1-LM2594N-12 Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594N-12 TI1-LM2594N-12 Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594N-12/NOPB TI1-LM2594N-12/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER짰 Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
More results

Similar Description - LM2594N-12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2594N-5 TI1-LM2594N-5 Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594N-ADJ TI1-LM2594N-ADJ Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594 TI1-LM2594 Datasheet
1Mb / 41P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER짰 Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2597M-5 TI1-LM2597M-5 Datasheet
2Mb / 48P
[Old version datasheet]   LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2597 NSC-LM2597 Datasheet
900Kb / 34P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2597HVM-33 TI-LM2597HVM-33 Datasheet
2Mb / 48P
[Old version datasheet]   LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down
logo
National Semiconductor ...
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com