Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM1086ILD-3.3/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM1086ILD-3.3/NOPB
Description  LM1086 1.5A Low Dropout Positive Regulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1086ILD-3.3/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM1086ILD-3.3/NOPB Datasheet HTML 1Page - Texas Instruments LM1086ILD-3.3/NOPB Datasheet HTML 2Page - Texas Instruments LM1086ILD-3.3/NOPB Datasheet HTML 3Page - Texas Instruments LM1086ILD-3.3/NOPB Datasheet HTML 4Page - Texas Instruments LM1086ILD-3.3/NOPB Datasheet HTML 5Page - Texas Instruments LM1086ILD-3.3/NOPB Datasheet HTML 6Page - Texas Instruments LM1086ILD-3.3/NOPB Datasheet HTML 7Page - Texas Instruments LM1086ILD-3.3/NOPB Datasheet HTML 8Page - Texas Instruments LM1086ILD-3.3/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LM1086
SNVS039H – JUNE 2000 – REVISED MAY 2013
www.ti.com
Electrical Characteristics
Typicals and limits appearing in normal type apply for TJ = 25°C. Limits appearing in Boldface type apply over the entire
junction temperature range for operation.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(1)
(2)
(1)
VREF
Reference Voltage
LM1086-ADJ
IOUT = 10mA, VIN−VOUT = 3V
1.238
1.250
1.262
V
10mA
≤IOUT ≤ IFULL LOAD,
1.225
1.250
1.270
V
1.5V
≤ VIN−VOUT ≤ 15V
(3)
VOUT
Output Voltage
LM1086-1.8
1.782
1.8
1.818
(3)
IOUT = 0mA, VIN = 5V
V
1.764
1.8
1.836
0
≤ IOUT ≤ IFULL LOAD, 3.3V ≤ VIN ≤ 18V
LM1086-2.5
2.475
2.50
2.525
IOUT = 0mA, VIN = 5V
V
2.450
2.50
2.55
0
≤ IOUT ≤ IFULL LOAD, 4.0V ≤ VIN ≤ 18V
LM1086-2.85
2.82
2.85
2.88
V
IOUT = 0mA, VIN = 5V
2.79
2.85
2.91
V
0
≤ IOUT ≤ IFULL LOAD, 4.35V ≤ VIN ≤ 18V
LM1086-3.3
3.267
3.300
3.333
V
IOUT = 0mA, VIN = 5V
3.235
3.300
3.365
V
0
≤ IOUT ≤ IFULL LOAD, 4.75V ≤ VIN ≤ 18V
LM1086-3.45
3.415
3.45
3.484
V
IOUT = 0mA, VIN = 5V
3.381
3.45
3.519
V
0
≤ IOUT ≤ IFULL LOAD, 4.95V ≤ VIN ≤ 18V
LM1086-5.0
4.950
5.000
5.050
V
IOUT = 0mA, VIN = 8V
4.900
5.000
5.100
V
0
≤ IOUT ≤ IFULL LOAD, 6.5V ≤ VIN ≤ 20V
ΔVOUT
Line Regulation
LM1086-ADJ
0.015
0.2
%
(4)
IOUT =10mA, 1.5V≤ (VIN-VOUT) ≤ 15V
0.035
0.2
%
LM1086-1.8
0.3
6
IOUT = 0mA, 3.3V ≤ VIN ≤ 18V
0.6
6
mV
LM1086-2.5
0.3
6
IOUT = 0mA, 4.0V ≤ VIN ≤ 18V
0.6
6
mV
LM1086-2.85
0.3
6
mV
IOUT = 0mA, 4.35V ≤ VIN ≤ 18V
0.6
6
mV
LM1086-3.3
0.5
10
mV
IOUT = 0mA, 4.5V ≤ VIN ≤ 18V
1.0
10
mV
LM1086-3.45
0.5
10
mV
IOUT = 0mA, 4.95V ≤ VIN ≤ 18V
1.0
10
mV
LM1086-5.0
0.5
10
mV
IOUT = 0mA, 6.5V ≤ VIN ≤ 20V
1.0
10
mV
ΔVOUT
Load Regulation
LM1086-ADJ
0.1
0.3
%
(4)
(VIN-V OUT ) = 3V, 10mA ≤ IOUT ≤ IFULL LOAD
0.2
0.4
%
LM1086-1.8 ,2.5, 2.85
3
12
mV
VIN = 5V, 0 ≤ IOUT ≤ IFULL LOAD
6
20
mV
LM1086-3.3, 3.45
3
15
mV
VIN = 5V, 0 ≤ IOUT ≤ IFULL LOAD
7
25
mV
LM1086-5.0
5
20
mV
VIN = 8V, 0 ≤ IOUT ≤ IFULL LOAD
10
35
mV
Dropout Voltage
LM1086-ADJ, 1.8, 2.5,2.85, 3.3, 3.45, 5
1.3
1.5
V
(5)
ΔVREF, ΔVOUT = 1%, IOUT = 1.5A
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical Values represent the most likely parametric norm.
(3)
IFULL LOAD is defined in the current limit curves. The IFULL LOAD Curve defines current limit as a function of input-to-output voltage. Note
that 15W power dissipation for the LM1086 is only achievable over a limited range of input-to-output voltage.
(4)
Load and line regulation are measured at constant junction temperature, and are specified up to the maximum power dissipation of
15W. Power dissipation is determined by the input/output differential and the output current. Ensured maximum power dissipation will
not be available over the full input/output range.
(5)
Dropout voltage is specified over the full output current range of the device.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM1086


Similar Part No. - LM1086ILD-3.3/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1086ILD-3.3/NOPB TI1-LM1086ILD-3.3/NOPB Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
LM1086ILD-3.3/NOPB TI1-LM1086ILD-3.3/NOPB Datasheet
2Mb / 24P
[Old version datasheet]   LM1086IT-5.0-NOPB
LM1086ILD-3.3/NOPB TI1-LM1086ILD-3.3/NOPB Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
More results

Similar Description - LM1086ILD-3.3/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1086IT-3.3 TI1-LM1086IT-3.3 Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
LM1086 TI-LM1086_15 Datasheet
2Mb / 30P
[Old version datasheet]   LM1086 1.5-A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8386X-XX MICROSEMI-LX8386X-XX Datasheet
283Kb / 11P
   1.5A Low Dropout Positive Regulators
logo
National Semiconductor ...
LM1086 NSC-LM1086 Datasheet
822Kb / 15P
   1.5A Low Dropout Positive Regulators
logo
Linear Technology
RH1086K LINER-RH1086K_15 Datasheet
68Kb / 2P
   1.5A/0.5A Low Dropout Positive Regulators
RH1086K LINER-RH1086K Datasheet
62Kb / 2P
   1.5A/0.5A Low Dropout Positive Regulators
RH1086M LINER-RH1086M_1 Datasheet
89Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M_15 Datasheet
94Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M Datasheet
164Kb / 4P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
logo
Unisonic Technologies
L1119 UTC-L1119_12 Datasheet
168Kb / 4P
   1.5A LOW DROPOUT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com