Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM78L15ACM Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part No. LM78L15ACM
Description  LM78LXX Series 3-Terminal Positive Regulators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM78L15ACM Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM78L15ACM Datasheet HTML 9Page - Texas Instruments LM78L15ACM Datasheet HTML 10Page - Texas Instruments LM78L15ACM Datasheet HTML 11Page - Texas Instruments LM78L15ACM Datasheet HTML 12Page - Texas Instruments LM78L15ACM Datasheet HTML 13Page - Texas Instruments LM78L15ACM Datasheet HTML 14Page - Texas Instruments LM78L15ACM Datasheet HTML 15Page - Texas Instruments LM78L15ACM Datasheet HTML 16Page - Texas Instruments LM78L15ACM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
18-Oct-2013
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LM78L12ACMX/NOPB
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-260C-UNLIM
-40 to 85
LM78L
12ACM
LM78L12ACZ/LFT3
ACTIVE
TO-92
LP
3
2000
Green (RoHS
& no Sb/Br)
SN | CU SN
N / A for Pkg Type
LM78L
12ACZ
LM78L12ACZ/LFT4
ACTIVE
TO-92
LP
3
2000
Green (RoHS
& no Sb/Br)
SN | CU SN
N / A for Pkg Type
LM78L
12ACZ
LM78L12ACZ/LFT7
ACTIVE
TO-92
LP
3
2000
Green (RoHS
& no Sb/Br)
SN | CU SN
N / A for Pkg Type
LM78L
12ACZ
LM78L12ACZ/NOPB
ACTIVE
TO-92
LP
3
1800
Green (RoHS
& no Sb/Br)
SN | CU SN
N / A for Pkg Type
-40 to 85
LM78L
12ACZ
LM78L15ACM
ACTIVE
SOIC
D
8
95
TBD
Call TI
Call TI
-40 to 85
LM78L
15ACM
LM78L15ACM/NOPB
ACTIVE
SOIC
D
8
95
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
LM78L
15ACM
LM78L15ACMX
ACTIVE
SOIC
D
8
2500
TBD
Call TI
Call TI
-40 to 85
LM78L
15ACM
LM78L15ACMX/NOPB
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-260C-UNLIM
-40 to 85
LM78L
15ACM
LM78L15ACZ/LFT4
ACTIVE
TO-92
LP
3
2000
Green (RoHS
& no Sb/Br)
SN | CU SN
N / A for Pkg Type
LM78L
(12ACZ ~ 15ACZ)
LM78L15ACZ/NOPB
ACTIVE
TO-92
LP
3
1800
Green (RoHS
& no Sb/Br)
SN | CU SN
N / A for Pkg Type
-40 to 85
LM78L
15ACZ
LM78L62ACZ/NOPB
ACTIVE
TO-92
LP
3
1800
Green (RoHS
& no Sb/Br)
SN | CU SN
N / A for Pkg Type
-40 to 85
LM78L
62ACZ
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.


Similar Part No. - LM78L15ACM

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LM78L15ACM NSC-LM78L15ACM Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
LM78L15ACM NSC-LM78L15ACM Datasheet
685Kb / 14P
   3-Terminal Positive Regulators
Texas Instruments
Texas Instruments
LM78L15ACM TI1-LM78L15ACM Datasheet
1,014Kb / 21P
[Old version datasheet]   LM78LXX Series 3-Terminal Positive Regulators
LM78L15ACM/NOPB TI1-LM78L15ACM/NOPB Datasheet
1,014Kb / 21P
[Old version datasheet]   LM78LXX Series 3-Terminal Positive Regulators
National Semiconductor (TI)
National Semiconductor ...
LM78L15ACMX NSC-LM78L15ACMX Datasheet
685Kb / 14P
   3-Terminal Positive Regulators
More results

Similar Description - LM78L15ACM

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
LM78L05 TI1-LM78L05 Datasheet
1,014Kb / 21P
[Old version datasheet]   LM78LXX Series 3-Terminal Positive Regulators
National Semiconductor (TI)
National Semiconductor ...
LM7800C NSC-LM7800C Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
Texas Instruments
Texas Instruments
LM140QML TI1-LM140QML Datasheet
633Kb / 11P
[Old version datasheet]   LM140LQML Series 3-Terminal Positive Regulators
Diodes Incorporated
Diodes Incorporated
AP78LXX DIODES-AP78LXX_12 Datasheet
305Kb / 16P
   AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
Texas Instruments
Texas Instruments
LM341 TI-LM341_15 Datasheet
1Mb / 18P
[Old version datasheet]   Series 3-Terminal Positive Voltage Regulators
LM140LQML TI-LM140LQML_15 Datasheet
303Kb / 13P
[Old version datasheet]   LM140LQML Series 3-Terminal Positive Regulators
LM140LQML TI1-LM140LQML Datasheet
633Kb / 11P
[Old version datasheet]   LM140LQML Series 3-Terminal Positive Regulators
Diodes Incorporated
Diodes Incorporated
AP78L12YG-13 DIODES-AP78L12YG-13 Datasheet
305Kb / 16P
   AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
AP78L08SG-13 DIODES-AP78L08SG-13 Datasheet
305Kb / 16P
   AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
National Semiconductor (TI)
National Semiconductor ...
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz