Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM78L15ACM Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part No. LM78L15ACM
Description  LM78LXX Series 3-Terminal Positive Regulators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM78L15ACM Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM78L15ACM Datasheet HTML 6Page - Texas Instruments LM78L15ACM Datasheet HTML 7Page - Texas Instruments LM78L15ACM Datasheet HTML 8Page - Texas Instruments LM78L15ACM Datasheet HTML 9Page - Texas Instruments LM78L15ACM Datasheet HTML 10Page - Texas Instruments LM78L15ACM Datasheet HTML 11Page - Texas Instruments LM78L15ACM Datasheet HTML 12Page - Texas Instruments LM78L15ACM Datasheet HTML 13Page - Texas Instruments LM78L15ACM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
LM78L05, LM78L09, LM78L12, LM78L15, LM78L62, LM78L82
SNVS754I – JANUARY 2000 – REVISED APRIL 2013
www.ti.com
*Solid tantalum.
**Heat sink Q1.
***Optional: Improves ripple rejection and transient response.
Load Regulation: 0.6% 0
≤ IL ≤ 250mA pulsed with tON = 50ms.
Figure 16. 5V, 500mA Regulator with Short Circuit Protection
*Solid tantalum.
Figure 17. ±15V, 100mA Dual Power Supply
*Solid tantalum.
VOUT = VG + 5V, R1 = (−VIN/IQ LM78L05)
VOUT = 5V (R2/R4) for (R2 + R3) = (R4 + R5)
A 0.5V output will correspond to (R2/R4) = 0.1 (R3/R4) = 0.9
Figure 18. Variable Output Regulator 0.5V-18V
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM78L05 LM78L09 LM78L12 LM78L15 LM78L62 LM78L82


Similar Part No. - LM78L15ACM

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LM78L15ACM NSC-LM78L15ACM Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
LM78L15ACM NSC-LM78L15ACM Datasheet
685Kb / 14P
   3-Terminal Positive Regulators
Texas Instruments
Texas Instruments
LM78L15ACM TI1-LM78L15ACM Datasheet
1,014Kb / 21P
[Old version datasheet]   LM78LXX Series 3-Terminal Positive Regulators
LM78L15ACM/NOPB TI1-LM78L15ACM/NOPB Datasheet
1,014Kb / 21P
[Old version datasheet]   LM78LXX Series 3-Terminal Positive Regulators
National Semiconductor (TI)
National Semiconductor ...
LM78L15ACMX NSC-LM78L15ACMX Datasheet
685Kb / 14P
   3-Terminal Positive Regulators
More results

Similar Description - LM78L15ACM

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
LM78L05 TI1-LM78L05 Datasheet
1,014Kb / 21P
[Old version datasheet]   LM78LXX Series 3-Terminal Positive Regulators
National Semiconductor (TI)
National Semiconductor ...
LM7800C NSC-LM7800C Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
Texas Instruments
Texas Instruments
LM140QML TI1-LM140QML Datasheet
633Kb / 11P
[Old version datasheet]   LM140LQML Series 3-Terminal Positive Regulators
Diodes Incorporated
Diodes Incorporated
AP78LXX DIODES-AP78LXX_12 Datasheet
305Kb / 16P
   AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
Texas Instruments
Texas Instruments
LM341 TI-LM341_15 Datasheet
1Mb / 18P
[Old version datasheet]   Series 3-Terminal Positive Voltage Regulators
LM140LQML TI-LM140LQML_15 Datasheet
303Kb / 13P
[Old version datasheet]   LM140LQML Series 3-Terminal Positive Regulators
LM140LQML TI1-LM140LQML Datasheet
633Kb / 11P
[Old version datasheet]   LM140LQML Series 3-Terminal Positive Regulators
Diodes Incorporated
Diodes Incorporated
AP78L12YG-13 DIODES-AP78L12YG-13 Datasheet
305Kb / 16P
   AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
AP78L08SG-13 DIODES-AP78L08SG-13 Datasheet
305Kb / 16P
   AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
National Semiconductor (TI)
National Semiconductor ...
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz