Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV017ATM/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DS90LV017ATM/NOPB
Description  DS90LV017A LVDS Single High Speed Differential Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90LV017ATM/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  DS90LV017ATM/NOPB Datasheet HTML 1Page - Texas Instruments DS90LV017ATM/NOPB Datasheet HTML 2Page - Texas Instruments DS90LV017ATM/NOPB Datasheet HTML 3Page - Texas Instruments DS90LV017ATM/NOPB Datasheet HTML 4Page - Texas Instruments DS90LV017ATM/NOPB Datasheet HTML 5Page - Texas Instruments DS90LV017ATM/NOPB Datasheet HTML 6Page - Texas Instruments DS90LV017ATM/NOPB Datasheet HTML 7Page - Texas Instruments DS90LV017ATM/NOPB Datasheet HTML 8Page - Texas Instruments DS90LV017ATM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DS90LV017A
www.ti.com
SNLS022C – MARCH 2000 – REVISED APRIL 2013
DS90LV017A LVDS Single High Speed Differential Driver
Check for Samples: DS90LV017A
1
FEATURES
DESCRIPTION
The DS90LV017A is a single LVDS driver device
2
>600 Mbps (300 MHz) Switching Rates
optimized
for
high
data
rate
and
low
power
0.3 ns Typical Differential Skew
applications. The DS90LV017A is a current mode
0.7 ns Maximum Differential Skew
driver allowing power dissipation to remain low even
at high frequency. In addition, the short circuit fault
1.5 ns Maximum Propagation Delay
current is also minimized. The device is designed to
3.3V Power Supply Design
support data rates in excess of 600Mbps (300MHz)
±355 mV Differential Signaling
utilizing Low Voltage Differential Signaling (LVDS)
technology.
Low Power Dissipation (23 mW @ 3.3V Static)
Flow-Through Design Simplifies PCB Layout
The device is in a 8-lead SOIC package. The
DS90LV017A has a flow-through design for easy
Interoperable with Existing 5V LVDS Devices
PCB layout. The differential driver outputs provides
Power Off Protection (Outputs in High
low EMI with its typical low output swing of 355 mV.
Impedance)
The DS90LV017A can be paired with its companion
Conforms to TIA/EIA-644 Standard
single line receiver, the DS90LV018A, or with any of
TI's LVDS receivers, to provide a high-speed point-to-
8-Lead SOIC Package Saves Space
point LVDS interface.
Industrial Temperature Operating Range
(
−40°C to +85°C)
Connection Diagram
Figure 1. Dual-In-Line
See Package Number D (R-PDSO-G8)
Functional Diagram
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS90LV017ATM/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV017ATM/NOPB TI1-DS90LV017ATM/NOPB Datasheet
939Kb / 14P
[Old version datasheet]   DS90LV017A LVDS Single High Speed Differential Driver
More results

Similar Description - DS90LV017ATM/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV017ATMX TI1-DS90LV017ATMX Datasheet
939Kb / 14P
[Old version datasheet]   DS90LV017A LVDS Single High Speed Differential Driver
logo
National Semiconductor ...
DS90LV017 NSC-DS90LV017 Datasheet
480Kb / 4P
   LVDS Single High Speed Differential Driver
DS90LV017A NSC-DS90LV017A_05 Datasheet
633Kb / 8P
   LVDS Single High Speed Differential Driver
DS90LV017A NSC-DS90LV017A Datasheet
194Kb / 7P
   LVDS Single High Speed Differential Driver
DS90LV011A NSC-DS90LV011A Datasheet
144Kb / 6P
   3V LVDS Single High Speed Differential Driver
logo
Texas Instruments
DS90LV011A TI1-DS90LV011A_16 Datasheet
777Kb / 13P
[Old version datasheet]   3V LVDS Single High Speed Differential Driver
DS90LV011ATMFX TI-DS90LV011ATMFX Datasheet
756Kb / 13P
[Old version datasheet]   DS90LV011A 3V LVDS Single High Speed Differential Driver
DS90LV011ATMF TI1-DS90LV011ATMF Datasheet
810Kb / 13P
[Old version datasheet]   DS90LV011A 3V LVDS Single High Speed Differential Driver
DS90LV027 TI1-DS90LV027_13 Datasheet
708Kb / 10P
[Old version datasheet]   LVDS Dual High Speed Differential Driver
DS90LV027A TI1-DS90LV027A_16 Datasheet
1Mb / 21P
[Old version datasheet]   LVDS Dual High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com