Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90C031BTM Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DS90C031BTM
Description  DS90C031B LVDS Quad CMOS Differential Line Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90C031BTM Datasheet(HTML) 2 Page - Texas Instruments

  DS90C031BTM Datasheet HTML 1Page - Texas Instruments DS90C031BTM Datasheet HTML 2Page - Texas Instruments DS90C031BTM Datasheet HTML 3Page - Texas Instruments DS90C031BTM Datasheet HTML 4Page - Texas Instruments DS90C031BTM Datasheet HTML 5Page - Texas Instruments DS90C031BTM Datasheet HTML 6Page - Texas Instruments DS90C031BTM Datasheet HTML 7Page - Texas Instruments DS90C031BTM Datasheet HTML 8Page - Texas Instruments DS90C031BTM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
DS90C031B
SNLS051B – MARCH 1999 – REVISED MARCH 2013
www.ti.com
Driver Truth Table
Enables
Input
Outputs
EN
EN*
DIN
DOUT+
DOUT−
L
H
X
Z
Z
L
L
H
All other combinations of ENABLE
inputs
H
H
L
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Supply Voltage (VCC)
−0.3V to +6V
Input Voltage (DIN)
−0.3V to (VCC + 0.3V)
Enable Input Voltage (EN, EN*)
−0.3V to (VCC + 0.3V)
Output Voltage (DOUT+, DOUT−)
−0.3V to +5.8V
Short Circuit Duration
(DOUT+, DOUT−)
Continuous
Maximum Package Power Dissipation at +25°C
1068 mW
Derate Power Dissipation
8.5 mW/°C above +25°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature Range,
Soldering (4 seconds)
+260°C
Maximum Junction Temperature
+150°C
ESD Rating
HBM, 1.5 k
Ω, 100 pF
≥ 2kV
EIAJ, 0
Ω, 200 pF
≥ 250V
(1)
“Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to
imply that the devices should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device
operation.
Recommended Operating Conditions
Min
Typ
Max
Units
Supply Voltage (VCC)
+4.5
+5.0
+5.5
V
Operating Free Air Temperature (TA)
−40
+25
+85
°C
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: DS90C031B


Similar Part No. - DS90C031BTM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C031BTM NSC-DS90C031BTM Datasheet
253Kb / 12P
   LVDS Quad CMOS Differential Line Driver
DS90C031BTM NSC-DS90C031BTM Datasheet
249Kb / 11P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031BTM TI-DS90C031BTM Datasheet
1,007Kb / 19P
[Old version datasheet]   DS90C031B LVDS Quad CMOS Differential Line Driver
DS90C031BTMX TI-DS90C031BTMX Datasheet
1,007Kb / 19P
[Old version datasheet]   DS90C031B LVDS Quad CMOS Differential Line Driver
More results

Similar Description - DS90C031BTM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C031BTMX TI-DS90C031BTMX Datasheet
1,007Kb / 19P
[Old version datasheet]   DS90C031B LVDS Quad CMOS Differential Line Driver
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
   LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
   LVDS Quad CMOS Differential Line Driver
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031QML TI1-DS90C031QML_16 Datasheet
660Kb / 21P
[Old version datasheet]   LVDS Quad CMOS Differential Line Driver
DS90C031QML TI1-DS90C031QML Datasheet
369Kb / 20P
[Old version datasheet]   DS90C031QML LVDS Quad CMOS Differential Line Driver
logo
National Semiconductor ...
DS90LV031B NSC-DS90LV031B_05 Datasheet
545Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031A NSC-DS90LV031A Datasheet
181Kb / 11P
   3V LVDS Quad CMOS Differential Line Driver
MNDS90LV031A-X NSC-MNDS90LV031A-X Datasheet
191Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031TMX TI-DS90C031TMX Datasheet
311Kb / 15P
[Old version datasheet]   DS90C031 LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com