Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP83816AVNG Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DP83816AVNG
Description  DP83816 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83816AVNG Datasheet(HTML) 2 Page - Texas Instruments

  DP83816AVNG Datasheet HTML 1Page - Texas Instruments DP83816AVNG Datasheet HTML 2Page - Texas Instruments DP83816AVNG Datasheet HTML 3Page - Texas Instruments DP83816AVNG Datasheet HTML 4Page - Texas Instruments DP83816AVNG Datasheet HTML 5Page - Texas Instruments DP83816AVNG Datasheet HTML 6Page - Texas Instruments DP83816AVNG Datasheet HTML 7Page - Texas Instruments DP83816AVNG Datasheet HTML 8Page - Texas Instruments DP83816AVNG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 108 page
background image
© 2005 National Semiconductor Corporation
www.national.com
September 2005
DP83816 10/100 Mb/s Integrated PCI Ethernet Media Access
Controller and Physical Layer (MacPHYTER-II)
General Description
DP83816 is a single-chip 10/100 Mb/s Ethernet Controller
for the PCI bus. It is targeted at low-cost, high volume PC
motherboards, adapter cards, and embedded systems.
The DP83816 fully implements the V2.2 33 MHz PCI bus
interface for host communications with power management
support. Packet descriptors and data are transferred via
bus-mastering, reducing the burden on the host CPU. The
DP83816 can support full duplex 10/100 Mb/s transmission
and reception, with minimum interframe gap.
The DP83816 device is an integration of an enhanced
version of the National Semiconductor PCI MAC/BIU
(Media Access Controller/Bus Interface Unit) and a 3.3V
CMOS physical layer interface.
Features
— IEEE 802.3 Compliant, PCI V2.2 MAC/BIU supports
traditional data rates of 10 Mb/s Ethernet and 100 Mb/s
Fast Ethernet (via internal phy)
— Bus master - burst sizes of up to 128 dwords (512 bytes)
— BIU compliant with PC 97 and PC 98 Hardware Design
Guides, PC 99 Hardware Design Guide draft, ACPI v1.0,
PCI Power Management Specification v1.1, OnNow
Device
Class
Power
Management
Reference
Specification - Network Device Class v1.0a
— Wake on LAN (WOL) support compliant with PC98,
PC99, SecureOn, and OnNow, including directed
packets, Magic Packet
, VLAN packets, ARP packets,
pattern match packets, and Phy status change
— Clkrun function for PCI Mobile Design Guide
— Virtual LAN (VLAN) and long frame support
— Support for IEEE 802.3x Full duplex flow control
— Extremely flexible Rx packet filtration including: single
address perfect filter with MSb masking, broadcast, 512
entry multicast/unicast hash table, deep packet pattern
matching for up to 4 unique patterns
— Statistics gathered for support of RFC 1213 (MIB II),
RFC 1398 (Ether-like MIB), IEEE 802.3 LME, reducing
CPU overhead for management
— Internal 2 KB Transmit and 2 KB Receive data FIFOs
— Serial EEPROM port with auto-load of configuration data
from EEPROM at power-on
— Flash/PROM interface for remote boot support
— Fully integrated IEEE 802.3/802.3u 3.3V CMOS physical
layer
— IEEE 802.3 10BASE-T transceiver with integrated filters
— IEEE 802.3u 100BASE-TX transceiver
— Fully integrated ANSI X3.263 compliant TP-PMD
physical sublayer with adaptive equalization and
Baseline Wander compensation
— IEEE 802.3u Auto-Negotiation - advertised features
configurable via EEPROM
— Full Duplex support for 10 and 100 Mb/s data rates
— Single 25 MHz reference clock
— 144-pin LQFP package
— Low power 3.3V CMOS design with typical consumption
of 383 mW operating, 297 mW during WOL and 53 mW
during sleep mode
— IEEE 802.3u MII for connecting alternative external
Physical Layer Devices
— 3.3V signalling with 5V tolerant I/O.
System Diagram
PCI Bus
DP83816
EEPROM
Isolation
10/100 Twisted Pair
BIOS ROM
(optional) (optional)
MacPHYTER-II
 is a trademark of National Semiconductor Corporation.
Magic Packet
 is a trademark of Advanced Micro Devices, Inc.


Similar Part No. - DP83816AVNG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83816AVNG NSC-DP83816AVNG Datasheet
1Mb / 105P
   DP83816 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPHYTER-II)
DP83816AVNG NSC-DP83816AVNG Datasheet
814Kb / 106P
   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPHYTER-II )
logo
Texas Instruments
DP83816AVNG-EX/NOPB TI1-DP83816AVNG-EX/NOPB Datasheet
843Kb / 108P
[Old version datasheet]   DP83816EX 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter-II)Extended Temperature Range 0 to 85 Degrees C
DP83816AVNG-NOPB TI1-DP83816AVNG-NOPB Datasheet
854Kb / 109P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter-II)
DP83816AVNG/63SN TI1-DP83816AVNG/63SN Datasheet
1Mb / 112P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller
More results

Similar Description - DP83816AVNG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83816 NSC-DP83816 Datasheet
1Mb / 105P
   DP83816 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPHYTER-II)
logo
Texas Instruments
DP83815 TI1-DP83815_11 Datasheet
969Kb / 110P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
logo
National Semiconductor ...
DP83815 NSC-DP83815 Datasheet
779Kb / 108P
   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
logo
Texas Instruments
DP83816AVNG-NOPB TI1-DP83816AVNG-NOPB Datasheet
854Kb / 109P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter-II)
logo
National Semiconductor ...
DP83816 NSC-DP83816 Datasheet
814Kb / 106P
   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPHYTER-II )
logo
Silan Microelectronics ...
SC92031 SILAN-SC92031 Datasheet
476Kb / 38P
   10/100 MBPS INTEGRATED PCI ETHERNET MEDIA ACCESS CONTROLLER AND PHYSICAL LAYER
logo
Texas Instruments
DP83816 TI1-DP83816 Datasheet
1Mb / 112P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller
DP83840AVCE TI1-DP83840AVCE Datasheet
682Kb / 91P
[Old version datasheet]   10/100 Mb/s Ethernet Physical Layer
logo
National Semiconductor ...
DP83840A NSC-DP83840A Datasheet
434Kb / 89P
   10/100 Mb/s Ethernet Physical Layer
logo
Texas Instruments
DP83816EX TI1-DP83816EX Datasheet
843Kb / 108P
[Old version datasheet]   DP83816EX 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter-II)Extended Temperature Range 0 to 85 Degrees C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com