Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

421601 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. 421601
Description  50 OHM COAXIAL CABLE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

421601 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  421601 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ECS-P/N 421601 © 2009 ECS, Inc. All Rights Reserved. Printed in USA.
Connector Types for Cable 421601
Conductor: 16 AWG solid copper wire
Dielectric: High temperature flouropolymer
Shield 1: Aluminum tape
Shield 2: Tin plated copper braid
Jacket: Purple high temperature flouropolymer
(laser markable)
Physical Characteristics
Outer Diameter: 0.205 inches nominal
Bend Radius: 1.0 inches nominal
Weight: 4.0 lbs/100 feet nominal
Temperature Range: -55° to +200° C
Skydrol Resistant: Yes
Electrical Characteristics
Impedance: 50.0 Ohms nominal
Capacitance: 26.70 pF/ft nominal
DC Resistance: 4.0 Ohms/1000 ft nominal
Time Delay: 1.34 ns/ft nominal
Attenuation: 156 MHz 3.13 dB/100 ft;
(nominal)
1090 MHz 8.40 dB/100 ft;
1575 MHz 10.15 dB/100 ft;
4400 MHz 17.29 dB/100 ft;
5091 MHz 18.66 dB/100 ft
Environmental:
• ECS avionics cables are designed to meet, or exceed,
burn requirements as set forth in Federal Aviation
Regulations 14 CFR Part 25.869(a)(4) Amdt 25-113,
Appendix F Part I(a)(3).
• They are manufactured with materials which, when
subjected to flames or high temperatures, will not
outgas deadly hydrogen chloride produced by
conventional PVC cables.
Cage Code: 66197 • Issue Date: 9/21/09
Connector Type
Connector P/N
Connector Type
Connector P/N
Connector Type
Connector P/N
TNC 90°
CTR922
BNC 90°
CBR922
ARINC 404 Size 1
LM922
TNC 90° Extended
CTRE922
BNC 90° Extended
CBRE922
ARINC 600 Size 1
L9122
TNC 90° Long
CTRL922
BNC 90° Long
CBRL922
ARINC 600 Size 1RF
M9122
TNC Straight
CTS922
BNC Straight
CBS922
ARINC 600 Size 5
P922
TNC Panel Mount
RTS922
BNC Bulkhead
N/A
SMA 90°
CSR922
TNC Bulkhead
BTS922
N 90°
CNR922
SMA Straight
CSS922
C 90°
CCR922
N Straight
CNS922
HN 90°
CHR922
C Straight
CCS922
N Bulkhead
BNS922
ARINC 600 Size 8
CAS982


Similar Part No. - 421601

ManufacturerPart No.DatasheetDescription
NEC
NEC
4216800L NEC-4216800L Datasheet
915Kb / 22P
   3.3 V OPERATION 16 M-BIT DYNAMIC RAM 2 M-WORD BY 8-BIT, FAST PAGE MODE
4216800L-A60 NEC-4216800L-A60 Datasheet
915Kb / 22P
   3.3 V OPERATION 16 M-BIT DYNAMIC RAM 2 M-WORD BY 8-BIT, FAST PAGE MODE
4216800L-A70 NEC-4216800L-A70 Datasheet
915Kb / 22P
   3.3 V OPERATION 16 M-BIT DYNAMIC RAM 2 M-WORD BY 8-BIT, FAST PAGE MODE
4216800L-A80 NEC-4216800L-A80 Datasheet
915Kb / 22P
   3.3 V OPERATION 16 M-BIT DYNAMIC RAM 2 M-WORD BY 8-BIT, FAST PAGE MODE
Tyco Electronics
Tyco Electronics
421686 MACOM-421686 Datasheet
327Kb / 9P
   Stacking Height Guide for Parallel Board-to-Board Applications
More results

Similar Description - 421601

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
3C142B ETC2-3C142B Datasheet
112Kb / 1P
   50 OHM COAXIAL CABLE
311601 ETC2-311601 Datasheet
118Kb / 1P
   50 OHM COAXIAL CABLE
310801 ETC2-310801 Datasheet
120Kb / 1P
   50 OHM COAXIAL CABLE
311201 ETC2-311201 Datasheet
122Kb / 1P
   50 OHM COAXIAL CABLE
311901 ETC2-311901 Datasheet
119Kb / 1P
   50 OHM COAXIAL CABLE
421201 ETC2-421201 Datasheet
109Kb / 1P
   50 OHM COAXIAL CABLE
Pasternack Enterprises, Inc.
Pasternack Enterprises,...
PE-C200 PASTERNACK-PE-C200 Datasheet
90Kb / 1P
   50 OHM COAXIAL CABLE
List of Unclassifed Manufacturers
List of Unclassifed Man...
432101 ETC2-432101 Datasheet
99Kb / 1P
   50 OHM COAXIAL CABLE
3C058A ETC2-3C058A Datasheet
107Kb / 1P
   50 OHM COAXIAL CABLE
310701 ETC2-310701 Datasheet
110Kb / 1P
   50 OHM COAXIAL CABLE
More results


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz