Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSHD8-60 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CSHD8-60
Description  SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS 8.0 AMP, 60 THRU 200 VOLT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CSHD8-60 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CSHD8-60 Datasheet HTML 1Page - Central Semiconductor Corp CSHD8-60 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSHD8-60
CSHD8-100
CSHD8-200
SURFACE MOUNT SILICON
SCHOTTKY RECTIFIERS
8.0 AMP, 60 THRU 200 VOLT
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CSHD8-60,
CSHD8-100 and CSHD8-200 are silicon Schottky
rectifiers with an 8.0 Amp forward current rating and
a very high reverse voltage capability. The reverse
capability of these devices makes them the ideal
solution for high efficiency, high voltage applications
such as solid state lighting, DC-DC converters, and a
host of other power management uses.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL CSHD8-60 CSHD8-100 CSHD8-200 UNITS
Peak Repetitive Reverse Voltage
VRRM
60
100
200
V
DC Blocking Voltage
VR
60
100
200
V
RMS Reverse Voltage
VR(RMS)
42
70
140
V
Average Forward Current (TL=75°C)
IO
8.0
A
Peak Forward Surge Current, tp=8.3ms
IFSM
85
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +175
°C
Typical Thermal Resistance
ΘJL
5.0
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MAX
UNITS
IR
VR=Rated VRRM
50
μA
IR
VR=Rated VRRM, TJ=100°C
20
mA
VF
IF=8.0A (CSHD8-60)
0.75
V
VF
IF=8.0A (CSHD8-100)
0.80
V
VF
IF=8.0A (CSHD8-200)
0.90
V
FEATURES:
• High reverse voltage capability
• Energy efficient, low forward voltage (VF)
• Low reverse leakage at elevated temperature
• High surge capability
DPAK CASE
R3 (21-January 2013)
www.centr a lsemi.com


Similar Part No. - CSHD8-60

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CSHD8-60 CENTRAL-CSHD8-60 Datasheet
360Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER 8 AMP, 60 THRU 200 VOLTS
CSHD8-60 CENTRAL-CSHD8-60 Datasheet
419Kb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CSHD8-60 CENTRAL-CSHD8-60_15 Datasheet
419Kb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
More results

Similar Description - CSHD8-60

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSH3-100MFL CENTRAL-CMSH3-100MFL Datasheet
809Kb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS 3.0 AMP, 100 THRU 200 VOLT
CMSH5-100HV CENTRAL-CMSH5-100HV_13 Datasheet
442Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS 5.0 AMP, 100 THRU 200 VOLT
CMSH8-40 CENTRAL-CMSH8-40 Datasheet
809Kb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 8.0 AMP, 40 VOLT
CMR2S-02 CENTRAL-CMR2S-02_13 Datasheet
298Kb / 2P
   SURFACE MOUNT SILICON SUPER FAST RECOVERY RECTIFIERS 2.0 AMP, 200 THRU 600 VOLT
CSHD8-60 CENTRAL-CSHD8-60 Datasheet
360Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER 8 AMP, 60 THRU 200 VOLTS
logo
SeCoS Halbleitertechnol...
SM820B SECOS-SM820B_15 Datasheet
242Kb / 2P
   8.0 AMP Surface Mount Schottky Barrier Rectifiers
SM820C SECOS-SM820C_15 Datasheet
132Kb / 2P
   8.0 AMP Surface Mount Schottky Barrier Rectifiers
SM820B SECOS-SM820B Datasheet
241Kb / 2P
   8.0 AMP Surface Mount Schottky Barrier Rectifiers
SM820C SECOS-SM820C Datasheet
131Kb / 2P
   8.0 AMP Surface Mount Schottky Barrier Rectifiers
logo
Central Semiconductor C...
CSHDD8-40 CENTRAL-CSHDD8-40 Datasheet
63Kb / 2P
   SILICON SCHOTTKY RECTIFIERS SINGLE, 8.0 AMP, 40 THRU 100 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com