Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGJ2G121MELB20 Datasheet(PDF) 2 Page - Nichicon corporation

Part # LGJ2G121MELB20
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGJ2G121MELB20 Datasheet(HTML) 2 Page - Nichicon corporation

  LGJ2G121MELB20 Datasheet HTML 1Page - Nichicon corporation LGJ2G121MELB20 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
450V(2W)
ALUMINUM ELECTROLYTIC CAPACITORS
GJ
series
Dimensions
180
220
270
330
390
470
560
680
20
× 20
22
× 20
22
× 20
25
× 20
30
× 20
30
× 20
35
× 20
35
× 20
680
760
780
960
1080
1120
1440
1520
0.56
0.62
0.69
0.77
0.83
0.91
1.00
1.10
LGJ2D181MELY20
LGJ2D221MELZ20
LGJ2D271MELZ20
LGJ2D331MELA20
LGJ2D391MELB20
LGJ2D471MELB20
LGJ2D561MELC20
LGJ2D681MELC20
200V(2D)
Rated ripple
(mA)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
150
180
220
270
330
390
470
20
× 20
22
× 20
25
× 20
30
× 20
30
× 20
35
× 20
35
× 20
660
750
920
1040
1080
1410
1470
0.58
0.63
0.70
0.77
0.86
0.93
1.02
LGJ2E151MELY20
LGJ2E181MELZ20
LGJ2E221MELA20
LGJ2E271MELB20
LGJ2E331MELB20
LGJ2E391MELC20
LGJ2E471MELC20
250V(2E)
Rated ripple
(mA)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
56
68
82
100
120
150
180
220
550
620
700
760
860
900
1160
1210
0.44
0.49
0.54
0.60
0.65
0.73
0.80
0.88
LGJ2G560MELY20
LGJ2G680MELZ20
LGJ2G820MELA20
LGJ2G101MELA20
LGJ2G121MELB20
LGJ2G151MELB20
LGJ2G181MELC20
LGJ2G221MELC20
400V(2G)
Rated ripple
(mA)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
47
56
68
82
100
120
150
520
600
670
740
830
870
1170
0.43
0.47
0.52
0.57
0.63
0.69
0.77
LGJ2W470MELY20
LGJ2W560MELZ20
LGJ2W680MELA20
LGJ2W820MELA20
LGJ2W101MELB20
LGJ2W121MELB20
LGJ2W151MELC20
Rated ripple
(mA)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
20
× 20
22
× 20
25
× 20
25
× 20
30
× 20
30
× 20
35
× 20
35
× 20
20
× 20
22
× 20
25
× 20
25
× 20
30
× 20
30
× 20
35
× 20
Rated ripple current (mArms) at 105°C 120Hz
CAT.8100C


Similar Part No. - LGJ2G121MELB20

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LGJ2G121MELC NICHICON-LGJ2G121MELC Datasheet
70Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LGJ2G121MELB20

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com