Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5SMC45A Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 5SMC45A
Description  SURFACE MOUNT SILICON UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS 5000 WATT, 33 THRU 170 VOLT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

5SMC45A Datasheet(HTML) 1 Page - Central Semiconductor Corp

  5SMC45A Datasheet HTML 1Page - Central Semiconductor Corp 5SMC45A Datasheet HTML 2Page - Central Semiconductor Corp 5SMC45A Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5SMC33A
THRU
5SMC170A
SURFACE MOUNT SILICON
UNI-DIRECTIONAL
GLASS PASSIVATED JUNCTION
TRANSIENT VOLTAGE SUPPRESSORS
5000 WATT, 33 THRU 170 VOLT
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 5SMC33A series
devices are surface mount uni-directional glass passivated
junction transient voltage suppressors designed to protect
voltage sensitive components from high energy transients.
MARKING CODE: SEE ELECTRICAL
CHARACTERISTICS TABLE
SMC CASE
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Peak Power Dissipation (Note 1)
PPK
5000
W
Peak Forward Surge Current (JEDEC Method)
IFSM
300
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
TYPE
REVERSE
STAND-OFF
VOLTAGE
VRWM
BREAKDOWN
VOLTAGE
VBR @ IT
TEST
CURRENT
IT
MAXIMUM
REVERSE
LEAKAGE
CURRENT
IR @ VRWM
MAXIMUM
CLAMPING
VOLTAGE
VC @ IPP
PEAK
PULSE
CURRENT
(Note 1)
IPP
MARKING
CODE
V
MIN
V
MAX
V
mA
μA
V
A
5SMC33A
33
36.7
42.2
1.0
3.0
53.3
93.9
5C33A
5SMC36A
36
40.0
46.0
1.0
3.0
58.1
86.1
5C36A
5SMC40A
40
44.4
51.1
1.0
3.0
64.5
77.6
5C40A
5SMC43A
43
47.8
54.9
1.0
3.0
69.4
72.1
5C43A
5SMC45A
45
50.0
57.5
1.0
3.0
72.7
68.8
5C45A
5SMC48A
48
53.3
61.3
1.0
3.0
77.4
64.7
5C48A
5SMC51A
51
56.7
65.2
1.0
3.0
82.4
60.7
5C51A
5SMC54A
54
60.0
69.0
1.0
3.0
87.1
57.5
5C54A
5SMC58A
58
64.4
74.1
1.0
3.0
93.6
53.5
5C58A
5SMC60A
60
66.7
76.7
1.0
3.0
96.8
51.7
5C60A
5SMC64A
64
71.1
81.8
1.0
3.0
103
48.6
5C64A
5SMC70A
70
77.8
89.5
1.0
3.0
113
44.3
5C70A
5SMC75A
75
83.3
95.8
1.0
3.0
121
41.4
5C75A
5SMC78A
78
86.7
99.7
1.0
3.0
126
39.7
5C78A
5SMC85A
85
94.4
108.2
1.0
3.0
137
36.5
5C85A
5SMC90A
90
100.0
115.5
1.0
3.0
146
34.3
5C90A
5SMC100A
100
111.0
128.0
1.0
3.0
162
30.9
5C100A
5SMC110A
110
122.0
140.5
1.0
3.0
177
28.3
5C110A
Notes: (1) Non-repetitive 10x1,000μs pulse
APPLICATIONS:
 Inductive load switching circuits
 Secondary lightning protection
 Telecommunication data lines
FEATURES:
 Glass passivated die
 High energy capability
 Excellent clamping ratio (VC/VRWM)
R1 (10-September 2013)
www.centr a lsemi.com


Similar Part No. - 5SMC45A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
5SMC45A CENTRAL-5SMC45A Datasheet
811Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 5SMC45A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
P4SMA5.0A CENTRAL-P4SMA5.0A Datasheet
944Kb / 3P
   SURFACE MOUNT SILICON UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS 400 WATT, 5.0 THRU 220 VOLT
C4SMAFL8.5A CENTRAL-C4SMAFL8.5A Datasheet
1,002Kb / 3P
   SURFACE MOUNT SILICON UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS 400 WATTS, 8.5 THRU 170 VOLTS
3SMC50A CENTRAL-3SMC50A Datasheet
142Kb / 2P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS, 5.0 THRU 170 VOLTS
1SMC50A CENTRAL-1SMC50A Datasheet
144Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
1SMB50A CENTRAL-1SMB50A Datasheet
90Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMC5.0A CENTRAL-1SMC5.0A_09 Datasheet
666Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
1SMB5.0A CENTRAL-1SMB5.0A_09 Datasheet
678Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
1.5SMC6.8A CENTRAL-1.5SMC6.8A_09 Datasheet
662Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
3SMC5.0A CENTRAL-3SMC5.0A_09 Datasheet
663Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS
P6SMB6.8A CENTRAL-P6SMB6.8A_10 Datasheet
840Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com