Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT3604AHV4-T2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT3604AHV4-T2
Description  4-Channel Regulated Charge Pump White LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3604AHV4-T2 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT3604AHV4-T2 Datasheet HTML 1Page - ON Semiconductor CAT3604AHV4-T2 Datasheet HTML 2Page - ON Semiconductor CAT3604AHV4-T2 Datasheet HTML 3Page - ON Semiconductor CAT3604AHV4-T2 Datasheet HTML 4Page - ON Semiconductor CAT3604AHV4-T2 Datasheet HTML 5Page - ON Semiconductor CAT3604AHV4-T2 Datasheet HTML 6Page - ON Semiconductor CAT3604AHV4-T2 Datasheet HTML 7Page - ON Semiconductor CAT3604AHV4-T2 Datasheet HTML 8Page - ON Semiconductor CAT3604AHV4-T2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CAT3604A
http://onsemi.com
2
Figure 1. Typical Application Circuit
GND
Battery
20 mA
LED2
LED3
LED1
LED4
RSET
CAT3604A
VIN
VOUT
C1−
C1+
C2−
C2+
1 μF
EN
EN
CTR0
Control 0
Control 1
Control 2
CTR1
CTR2
COUT
VOUT
1 μF
1 μF
RSET
24 kW
1 μF
CIN
VIN
+
3 V to 4.2 V
Table 1. PIN DESCRIPTION
Pin #
Name
Function
1
EN
Enable input, active HIGH
2
CTR0
Digital control input 0
3
CTR1
Digital control input 1
4
CTR2
Digital control input 2
5
RSET
The LED output current is set by the current sourced out of the RSET pin
6
VOUT
Charge pump output connected to the LED anodes
7
VIN
Supply voltage
8
C1+
Bucket capacitor 1 terminal
9
C1
Bucket capacitor 1 terminal
10
C2
Bucket capacitor 2 terminal
11
C2+
Bucket capacitor 2 terminal
12
GND
Ground reference
13
LED4
LED 4 cathode terminal
14
LED3
LED 3 cathode terminal
15
LED2
LED 2 cathode terminal
16
LED1
LED 1 cathode terminal
Pad
GND Pad
Ground reference


Similar Part No. - CAT3604AHV4-T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT3604AHV4-T2 ONSEMI-CAT3604AHV4-T2 Datasheet
229Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
More results

Similar Description - CAT3604AHV4-T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT3604HV4-T2 ONSEMI-CAT3604HV4-T2 Datasheet
388Kb / 12P
   4-Channel Regulated Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
logo
Catalyst Semiconductor
CAT3604 CATALYST-CAT3604_08 Datasheet
411Kb / 12P
   4-Channel Regulated Charge Pump White LED Driver
logo
Power Analog Micoelectr...
PAM2701 PAM-PAM2701 Datasheet
387Kb / 14P
   4-Channel Regulated Charge Pump White LED Driver
logo
Catalyst Semiconductor
CAT3604 CATALYST-CAT3604 Datasheet
616Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
logo
ON Semiconductor
CAT3604AHV4-T2 ONSEMI-CAT3604AHV4-T2 Datasheet
229Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
logo
Seaward Electronics Inc...
SE3362 SEAWARD-SE3362 Datasheet
329Kb / 8P
   4-Channel Regulated Charge Pump White LED Driver
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
   4 Channel Charge Pump White LED Driver
logo
ON Semiconductor
CAT3604 ONSEMI-CAT3604 Datasheet
238Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver TQFN-16 HV4 SUFFIX
February, 2010 ??Rev. 1
logo
Exar Corporation
SP6887 EXAR-SP6887 Datasheet
745Kb / 10P
   4 CHANNEL REGULATED CHARGE PUMP WLED DRIVER
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com