Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T529P476M006AAE200 Datasheet(PDF) 2 Page - Kemet Corporation

Part # T529P476M006AAE200
Description  KEMET Organic Capacitor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T529P476M006AAE200 Datasheet(HTML) 2 Page - Kemet Corporation

  T529P476M006AAE200 Datasheet HTML 1Page - Kemet Corporation T529P476M006AAE200 Datasheet HTML 2Page - Kemet Corporation T529P476M006AAE200 Datasheet HTML 3Page - Kemet Corporation T529P476M006AAE200 Datasheet HTML 4Page - Kemet Corporation T529P476M006AAE200 Datasheet HTML 5Page - Kemet Corporation T529P476M006AAE200 Datasheet HTML 6Page - Kemet Corporation T529P476M006AAE200 Datasheet HTML 7Page - Kemet Corporation T529P476M006AAE200 Datasheet HTML 8Page - Kemet Corporation T529P476M006AAE200 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2070_T529 • 12/6/2013
22
KEMET Organic Capacitor (KO-CAP) – T529 Series Small Case Size Substrate Terminal Polymer Tantalum
Ordering Information
T
529
P
476
M
006
A
A
E200
Capacitor
Class
Series
Case Size
Capacitance
Code (pF)
Capacitance
Tolerance
Voltage
Failure Rate/
Design
Lead Material
ESR Code
T =
Tantalum
529 =
Substrate
Terminal
Polymer
P = 2012-10
I = 3216-10
First two digits
representsignificant
figures.Thirddigit
specifiesnumberof
zeros.
e.g., 476 = 47 µF
M = ±20%
006 = 6.3 V
010 = 10 V
A = N/A
A = Ni - Au
E = ESR
Last three digits
specifyESRinmΩ
(200=200mΩ)
Performance Characteristics
Item
Specifications
Operating Temperature
-55°C to 105°C
Rated Capacitance Range
22 µF to 150 µF @ 120 Hz/25°C
Capacitance Tolerance
M Tolerance (20%)
Rated Voltage Range
6.3 V and 10 V
DF (120 Hz)
RefertoPartNumberElectricalSpecificationTable
ESR (100 kHz)
RefertoPartNumberElectricalSpecificationTable
Leakage Current
RefertoPartNumberElectricalSpecificationTable


Similar Part No. - T529P476M006AAE200

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T529P476M006AAE200 KEMET-T529P476M006AAE200 Datasheet
91Kb / 1P
   Capacitor, Tantalum, 47 uF, 2012, /-20% Tol, 6.3V@85C
T529P476M006AAE200 KEMET-T529P476M006AAE200 Datasheet
89Kb / 1P
   Tantalum, Polymer Tantalum, Reduced Volume, T529, 47 uF, 20%, 6.3 V, 2012, SMD, Polymer, Substrate, 200 mOhms, 1mm
T529P476M006AAE200 KEMET-T529P476M006AAE200_17 Datasheet
89Kb / 1P
   Tantalum, Polymer Tantalum, Reduced Volume, T529, 47 uF, 20%, 6.3 V, 2012, SMD, Polymer, Substrate, 200 mOhms, 1mm
More results

Similar Description - T529P476M006AAE200

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T527I107M004ATE200 KEMET-T527I107M004ATE200 Datasheet
840Kb / 15P
   KEMET Organic Capacitor
T520D337M006ATE025 KEMET-T520D337M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V337M004ATE009 KEMET-T520V337M004ATE009 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520C157M010ATE055 KEMET-T520C157M010ATE055 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V107M010ATE045 KEMET-T520V107M010ATE045 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B107M006ATE025 KEMET-T520B107M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B476M006ATE025 KEMET-T520B476M006ATE025 Datasheet
1Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T495X476M025AHE080 KEMET-T495X476M025AHE080 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V156M025ATE090 KEMET-T520V156M025ATE090 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520B227M006ATE035 KEMET-T520B227M006ATE035 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com