Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S02AT5006R016AU808 Datasheet(PDF) 1 Page - Kemet Corporation

Part # S02AT5006R016AU808
Description  Modules with Cells in Extruded Metal Holder
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

S02AT5006R016AU808 Datasheet(HTML) 1 Page - Kemet Corporation

  S02AT5006R016AU808 Datasheet HTML 1Page - Kemet Corporation S02AT5006R016AU808 Datasheet HTML 2Page - Kemet Corporation S02AT5006R016AU808 Datasheet HTML 3Page - Kemet Corporation S02AT5006R016AU808 Datasheet HTML 4Page - Kemet Corporation S02AT5006R016AU808 Datasheet HTML 5Page - Kemet Corporation S02AT5006R016AU808 Datasheet HTML 6Page - Kemet Corporation S02AT5006R016AU808 Datasheet HTML 7Page - Kemet Corporation S02AT5006R016AU808 Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
S6009_S02 • 12/11/2013
One world. One KEMET
Benefits
• 16 – 48 V rated voltage
• Individually balanced cells
• IP–65 rated, (IP–67 optional)
• Threaded, protected terminals
• Operatingtemperaturerangeof-40˚Cto+65˚C
• Optional state of charge indicator
• Cycle life > 500,000 cycles
• RoHS Compliant
• Made in USA
Overview
KEMET S02 Series Supercapacitors are bank modules with cells
in extruded metal holder.
Applications
Renewable energy systems
Starting systems
Automotive subsystems
Backup power/UPS
Ride through/power conditioning
Hybrid drive systems
Bank Module Supercapacitors
S02 Series, Modules with Cells in Extruded Metal Holder
Part Number System
S02
A
T
5006
R
016
A
U808
Series
Configuration
Code Balancing
ConfigurationCode
Capacitor Type
Capacitance Code (µF) Capacitance
Tolerance
Rated Voltage
(VDC)
Termination
Code
C-Spec
Supercapacitor,
Bank Modules
with cells in
extruded metal
holder
A = Analog with
clamping
T =Array, 2
dimensions
D = Array, 3
dimensions
Digits 6 to 8 indicate the
firstthreedigitsofthe
capacitance value.
Digit 9 indicates the
number of zeros to be
added.
R = -0%
016 = 16 V
048 = 48 V
A=Thefirst
mechanical
configuration
of a
particular
part number
Blank = No monitor
U808 = Digital Overvoltage
and analog over
temperature monitor


Similar Part No. - S02AT5006R016AU808

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
S02-01-R MACOM-S02-01-R Datasheet
107Kb / 1P
   SOLDERSLEEVE* SHIELD TERMINATOR, IMMERSION RESISTANT, MIL-S-83519/2
S02-02-R MACOM-S02-02-R Datasheet
107Kb / 1P
   SOLDERSLEEVE* SHIELD TERMINATOR, IMMERSION RESISTANT, MIL-S-83519/2
S02-03-R MACOM-S02-03-R Datasheet
107Kb / 1P
   SOLDERSLEEVE* SHIELD TERMINATOR, IMMERSION RESISTANT, MIL-S-83519/2
S02-04-R MACOM-S02-04-R Datasheet
107Kb / 1P
   SOLDERSLEEVE* SHIELD TERMINATOR, IMMERSION RESISTANT, MIL-S-83519/2
S02-05-R MACOM-S02-05-R Datasheet
107Kb / 1P
   SOLDERSLEEVE* SHIELD TERMINATOR, IMMERSION RESISTANT, MIL-S-83519/2
More results

Similar Description - S02AT5006R016AU808

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12BH220-GR ETC2-12BH220-GR Datasheet
79Kb / 1P
   Battery Holder 2 C Cells
12BH242-GR ETC2-12BH242-GR Datasheet
151Kb / 2P
   Battery Holder 4 C Cells
logo
Adam Technologies, Inc.
BH-102B-5 ADAM-TECH-BH-102B-5 Datasheet
162Kb / 1P
   BATTERY HOLDER, FOR TWO "AAA" CELLS, SMT
logo
Eaton All Rights Reserv...
XT3550-3R0287-R EATON-XT3550-3R0287-R Datasheet
276Kb / 4P
   Snap-in cylindrical cells
logo
Adam Technologies, Inc.
BH-02-1 ADAM-TECH-BH-02-1 Datasheet
79Kb / 1P
   BATTERY HOLDER, PCB TERMINALS FOR TWO AA CELLS
logo
Texas Instruments
TPS65090RVNR TI-TPS65090RVNR Datasheet
2Mb / 67P
[Old version datasheet]   Frontend PMU With Switchmode Charger for 2-3 Cells In
logo
Ultralife Corporation.
CH0004 ULTRALIFE-CH0004 Datasheet
441Kb / 1P
   Smart charge modules that detect open or shorted cells.
01 MAY 14 Rev: J
logo
Siemens Semiconductor G...
3SB3500-0AA21 SIEMENS-3SB3500-0AA21 Datasheet
133Kb / 3P
   22MM METAL ROUND ACTUATOR: PUSHBUTTON WITH FLAT BUTTON WITH HOLDER RED
logo
P-tec Corporation
PL524-1R12-2V P-TEC-PL524-1R12-2V Datasheet
77Kb / 1P
   5mm LED Panel Mount Metal Holder
PL321-1Y01 P-TEC-PL321-1Y01 Datasheet
30Kb / 1P
   3mm LED Panel Mount Metal Holder
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com