Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S01PM1205R080A Datasheet(PDF) 7 Page - Kemet Corporation

Part # S01PM1205R080A
Description  Molded Plastic Cell Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

S01PM1205R080A Datasheet(HTML) 7 Page - Kemet Corporation

  S01PM1205R080A Datasheet HTML 1Page - Kemet Corporation S01PM1205R080A Datasheet HTML 2Page - Kemet Corporation S01PM1205R080A Datasheet HTML 3Page - Kemet Corporation S01PM1205R080A Datasheet HTML 4Page - Kemet Corporation S01PM1205R080A Datasheet HTML 5Page - Kemet Corporation S01PM1205R080A Datasheet HTML 6Page - Kemet Corporation S01PM1205R080A Datasheet HTML 7Page - Kemet Corporation S01PM1205R080A Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
S6005_S01 • 11/19/2013
Bank Module Supercapacitors – S01 Series, Molded Plastic Cell Module
Other KEMET Resources
Tools
Resource
Location
Configure A Part: CapEdge
http://capacitoredge.kemet.com
SPICE & FIT Software
http://www.kemet.com/spice
Search Our FAQs: KnowledgeEdge
http://www.kemet.com/keask
Electrolytic LifeCalculator
http://www.kemet.com:8080/elc
Product Information
Resource
Location
Products
http://www.kemet.com/products
Technical Resources (Including Soldering Techniques)
http://www.kemet.com/technicalpapers
RoHS Statement
http://www.kemet.com/rohs
Quality Documents
http://www.kemet.com/qualitydocuments
Product Request
Resource
Location
Sample Request
http://www.kemet.com/sample
Engineering Kit Request
http://www.kemet.com/kits
Contact
Resource
Location
Website
www.kemet.com
Contact Us
http://www.kemet.com/contact
Investor Relations
http://www.kemet.com/ir
Call Us
1-877-MyKEMET
Twitter
http://twitter.com/kemetcapacitors
Disclaimer
All product specifications, statements, information and data (collectively, the “Information”) in this datasheet are subject to change. The customer is responsible for checking and
verifying the extent to which the Information contained in this publication is applicable to an order at the time the order is placed.
All Information given herein is believed to be accurate and reliable, but it is presented without guarantee, warranty, or responsibility of any kind, expressed or implied.
Statements of suitability for certain applications are based on KEMET Electronics Corporation’s (“KEMET”) knowledge of typical operating conditions for such applications, but are
not intended to constitute – and KEMET specifically disclaims – any warranty concerning suitability for a specific customer application or use. The Information is intended for use only
by customers who have the requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise
provided by KEMET with reference to the use of KEMET’s products is given gratis, and KEMET assumes no obligation or liability for the advice given or results obtained.
Although KEMET designs and manufactures its products to the most stringent quality and safety standards, given the current state of the art, isolated component failures may still
occur. Accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective
circuitry or redundancies) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage.
Although all product–related warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indicted or that other measures may not
be required.


Similar Part No. - S01PM1205R080A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
S01PM5805K16AUXXX KEMET-S01PM5805K16AUXXX Datasheet
458Kb / 7P
   S01 Series, Molded Plastic Cell Module
More results

Similar Description - S01PM1205R080A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
S01PM5805K16AUXXX KEMET-S01PM5805K16AUXXX Datasheet
458Kb / 7P
   S01 Series, Molded Plastic Cell Module
logo
Inchange Semiconductor ...
2P4M ISC-2P4M Datasheet
122Kb / 1P
   PLASTIC MOLDED THYRISTOR
logo
KODENSHI_AUK CORP.
KSSC2-45P0X22P0 KODENSHI-KSSC2-45P0X22P0 Datasheet
63Kb / 1P
   Solar Cell Module
KSSC12-37P5X4P55 KODENSHI-KSSC12-37P5X4P55 Datasheet
66Kb / 1P
   Solar Cell Module
logo
List of Unclassifed Man...
400-1542-GR ETC2-400-1542-GR Datasheet
46Kb / 2P
   Molded ABS Plastic Cases
logo
NEC
2P5M NEC-2P5M Datasheet
396Kb / 6P
   2A PLASTIC MOLDED THYRISTOR
2P4M NEC-2P4M Datasheet
396Kb / 1P
   2A PLASTIC MOLDED THYRISTOR
logo
List of Unclassifed Man...
400-1541-GR ETC2-400-1541-GR Datasheet
206Kb / 2P
   Molded ABS Plastic Cases
logo
Maxwell Technologies
BMOD0058E016 MAXWELL-BMOD0058E016 Datasheet
1,023Kb / 5P
   16V SMALL CELL MODULE
BMOD0058E016B02 MAXWELL-BMOD0058E016B02 Datasheet
1,023Kb / 5P
   16V SMALL CELL MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com