Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5330 Datasheet(PDF) 24 Page - Analog Devices

Part # AD5330
Description  2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5330 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5330 Datasheet HTML 16Page - Analog Devices AD5330 Datasheet HTML 17Page - Analog Devices AD5330 Datasheet HTML 18Page - Analog Devices AD5330 Datasheet HTML 19Page - Analog Devices AD5330 Datasheet HTML 20Page - Analog Devices AD5330 Datasheet HTML 21Page - Analog Devices AD5330 Datasheet HTML 22Page - Analog Devices AD5330 Datasheet HTML 23Page - Analog Devices AD5330 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
AD5346/AD5347/AD5348
Rev. 0 | Page 24 of 24
ORDERING GUIDES
Table 11. AD5346 Ordering Guide
Model
Temperature Range
Package Description
Package Option
AD5346BRU
–40°C to +105°C
TSSOP (Thin Shrink Small Outline Package)
RU-38
AD5346BRU-REEL
–40°C to +105°C
TSSOP (Thin Shrink Small Outline Package)
RU-38
AD5346BRU-REEL7
–40°C to +105°C
TSSOP (Thin Shrink Small Outline Package)
RU-38
AD5346BCP
–40°C to +105°C
LFCSP (Lead Frame Chip Scale Package)
CP-40
AD5346BCP-REEL
–40°C to +105°C
LFCSP (Lead Frame Chip Scale Package)
CP-40
AD5346BCP-REEL7
–40°C to +105°C
LFCSP (Lead Frame Chip Scale Package)
CP-40
Table 12. AD5347 Ordering Guide
Model
Temperature Range
Package Description
Package Option
AD5347BRU
–40°C to +105°C
TSSOP (Thin Shrink Small Outline Package)
RU-38
AD5347BRU-REEL
–40°C to +105°C
TSSOP (Thin Shrink Small Outline Package)
RU-38
AD5347BRU-REEL7
–40°C to +105°C
TSSOP (Thin Shrink Small Outline Package)
RU-38
AD5347BCP
–40°C to +105°C
LFCSP (Lead Frame Chip Scale Package)
CP-40
AD5347BCP-REEL
–40°C to +105°C
LFCSP (Lead Frame Chip Scale Package)
CP-40
AD5347BCP-REEL7
–40°C to +105°C
LFCSP (Lead Frame Chip Scale Package)
CP-40
Table 13. AD5348 Ordering Guide
Model
Temperature Range
Package Description
Package Option
AD5348BRU
–40°C to +105°C
TSSOP (Thin Shrink Small Outline Package)
RU-38
AD5348BRU-REEL
–40°C to +105°C
TSSOP (Thin Shrink Small Outline Package)
RU-38
AD5348BRU-REEL7
–40°C to +105°C
TSSOP (Thin Shrink Small Outline Package)
RU-38
AD5348BCP
–40°C to +105°C
LFCSP (Lead Frame Chip Scale Package)
CP-40
AD5348BCP-REEL
–40°C to +105°C
LFCSP (Lead Frame Chip Scale Package)
CP-40
AD5348BCP-REEL7
–40°C to +105°C
LFCSP (Lead Frame Chip Scale Package)
CP-40
© 2003 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C03331–0–11/03(0)


Similar Part No. - AD5330

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5330 AD-AD5330 Datasheet
359Kb / 20P
   2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5330 AD-AD5330 Datasheet
274Kb / 20P
   2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5330 AD-AD5330 Datasheet
324Kb / 20P
   2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5330 AD-AD5330 Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5330 AD-AD5330 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 關A, 2-Wire Interface Interface
Rev. G
More results

Similar Description - AD5330

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5347 AD-AD5347_15 Datasheet
476Kb / 24P
   2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5346 AD-AD5346_15 Datasheet
476Kb / 24P
   2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5348 AD-AD5348_15 Datasheet
476Kb / 24P
   2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5336 AD-AD5336_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5343 AD-AD5343_15 Datasheet
327Kb / 20P
   2.5 V to 5.5 V, 230A, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5335 AD-AD5335_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5332 AD-AD5332 Datasheet
274Kb / 20P
   2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5342 AD-AD5342_15 Datasheet
327Kb / 20P
   2.5 V to 5.5 V, 230A, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5332 AD-AD5332_15 Datasheet
327Kb / 20P
   2.5 V to 5.5 V, 230 A, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5334 AD-AD5334 Datasheet
324Kb / 20P
   2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com