Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5346 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5346
Description  2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5346 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5346 Datasheet HTML 6Page - Analog Devices AD5346 Datasheet HTML 7Page - Analog Devices AD5346 Datasheet HTML 8Page - Analog Devices AD5346 Datasheet HTML 9Page - Analog Devices AD5346 Datasheet HTML 10Page - Analog Devices AD5346 Datasheet HTML 11Page - Analog Devices AD5346 Datasheet HTML 12Page - Analog Devices AD5346 Datasheet HTML 13Page - Analog Devices AD5346 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD5346/AD5347/AD5348
Rev. 0 | Page 10 of 24
TERMINOLOGY
Relative Accuracy
For the DAC, relative accuracy or integral nonlinearity (INL) is
a measure of the maximum deviation, in LSBs, from a straight
line passing through the actual endpoints of the DAC transfer
function. Typical INL versus code plots can be seen in Figure 14,
Figure 15, and Figure 16.
Differential Nonlinearity
Differential nonlinearity (DNL) is the difference between the
measured change and the ideal 1 LSB change between any two
adjacent codes. A specified differential nonlinearity of ± 1 LSB
maximum ensures monotonicity. This DAC is guaranteed
monotonic by design. Typical DNL versus code plots can be
seen in Figure 17, Figure 18, and Figure 19.
Gain Error
This is a measure of the span error of the DAC, including any
error in the gain of the buffer amplifier. It is the deviation in
slope of the actual DAC transfer characteristic from the ideal
and is expressed as a percentage of the full-scale range. This is
illustrated in Figure 11.
Offset Error
This is a measure of the offset error of the DAC and the output
amplifier. It is expressed as a percentage of the full-scale range.
If the offset voltage is positive, the output voltage still positive at
zero input code. This is shown in Figure 12. Because the DACs
operate from a single supply, a negative offset cannot appear at
the output of the buffer amplifier. Instead, there is a code close
to zero at which the amplifier output saturates (amplifier
footroom). Below this code there is a dead band over which the
output voltage does not change. This is illustrated in Figure 13.
OUTPUT
VOLTAGE
DAC CODE
POSITIVE
GAIN ERROR
NEGATIVE
GAIN ERROR
ACTUAL
IDEAL
Figure 11. Gain Error
OUTPUT
VOLTAGE
DAC CODE
POSITIVE
OFFSET
GAIN ERROR
AND
OFFSET
ERROR
ACTUAL
IDEAL
Figure 12. Positive Offset Error and Gain Error
AMPLIFIER
FOOTROOM
(~1mV)
NEGATIVE
OFFSET
OUTPUT
VOLTAGE
DAC CODE
GAIN ERROR
AND
OFFSET
ERROR
DEADBAND CODES
ACTUAL
IDEAL
NEGATIVE
OFFSET
Figure 13. Negative Offset Error and Gain Error


Similar Part No. - AD5346

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5346 AD-AD5346 Datasheet
949Kb / 24P
   2.5 V to 5.5 V, Parallel Interface 2.5 V to 5.5 V, Parallel Interface
REV. 0
AD5346BCP AD-AD5346BCP Datasheet
949Kb / 24P
   2.5 V to 5.5 V, Parallel Interface 2.5 V to 5.5 V, Parallel Interface
REV. 0
AD5346BCP-REEL AD-AD5346BCP-REEL Datasheet
949Kb / 24P
   2.5 V to 5.5 V, Parallel Interface 2.5 V to 5.5 V, Parallel Interface
REV. 0
AD5346BCP-REEL7 AD-AD5346BCP-REEL7 Datasheet
949Kb / 24P
   2.5 V to 5.5 V, Parallel Interface 2.5 V to 5.5 V, Parallel Interface
REV. 0
AD5346BRU AD-AD5346BRU Datasheet
949Kb / 24P
   2.5 V to 5.5 V, Parallel Interface 2.5 V to 5.5 V, Parallel Interface
REV. 0
More results

Similar Description - AD5346

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5347 AD-AD5347_15 Datasheet
476Kb / 24P
   2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5346 AD-AD5346_15 Datasheet
476Kb / 24P
   2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5348 AD-AD5348_15 Datasheet
476Kb / 24P
   2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5336 AD-AD5336_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5343 AD-AD5343_15 Datasheet
327Kb / 20P
   2.5 V to 5.5 V, 230A, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5335 AD-AD5335_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5332 AD-AD5332 Datasheet
274Kb / 20P
   2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5342 AD-AD5342_15 Datasheet
327Kb / 20P
   2.5 V to 5.5 V, 230A, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5332 AD-AD5332_15 Datasheet
327Kb / 20P
   2.5 V to 5.5 V, 230 A, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5334 AD-AD5334 Datasheet
324Kb / 20P
   2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com