Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12101C474KAT2A Datasheet(PDF) 70 Page - AVX Corporation

Part # 12101C474KAT2A
Description  AVX Surface Mount Ceramic Capacitor Products
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

12101C474KAT2A Datasheet(HTML) 70 Page - AVX Corporation

Back Button 12101C474KAT2A Datasheet HTML 66Page - AVX Corporation 12101C474KAT2A Datasheet HTML 67Page - AVX Corporation 12101C474KAT2A Datasheet HTML 68Page - AVX Corporation 12101C474KAT2A Datasheet HTML 69Page - AVX Corporation 12101C474KAT2A Datasheet HTML 70Page - AVX Corporation 12101C474KAT2A Datasheet HTML 71Page - AVX Corporation 12101C474KAT2A Datasheet HTML 72Page - AVX Corporation 12101C474KAT2A Datasheet HTML 73Page - AVX Corporation 12101C474KAT2A Datasheet HTML 74Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 99 page
background image
69
LGA Low Inductance Capacitors
0204/0306/0805 Land Grid Arrays
Land Grid Array (LGA) capacitors are the latest family of low inductance MLCCs from AVX.
These new LGA products are the third low inductance family developed by AVX. The in-
novative LGA technology sets a new standard for low inductance MLCC performance.
Electronic Products awarded its 2006 Product of the Year Award to the LGA Decoupling
capacitor.
Our initial 2 terminal versions of LGA technology deliver the performance of an 8 terminal
IDC low inductance MLCC with a number of advantages including:
• Simplified layout of 2 large solder pads compared to 8 small pads for IDCs
• Opportunity to reduce PCB or substrate contribution to system ESL by using multi-
ple parallel vias in solder pads
• Advanced FCT manufacturing process used to create uniformly flat terminations on
the capacitor that resist “tombstoning”
• Better solder joint reliability
APPLICATIONS
Semiconductor Packages
• Microprocessors/CPUs
• Graphics Processors/GPUs
• Chipsets
• FPGAs
• ASICs
Board Level Device Decoupling
• Frequencies of 300 MHz or more
• ICs drawing 15W or more
• Low voltages
• High speed buses
0306 2 TERMINAL LGA COMPARISON WITH 0306 8 TERMINAL IDC
0.001
0.01
0.1
1
1
10
100
1000
Frequency (MHz)


Similar Part No. - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12101C473KAZ2A AVX-12101C473KAZ2A Datasheet
225Kb / 6P
   MLCC with FLEXITERM General Specifications
More results

Similar Description - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06034D475KAT2A AVX-06034D475KAT2A Datasheet
2Mb / 99P
   AVX Surface Mount Ceramic Capacitor Products
logo
Kemet Corporation
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
LB-1608-T4R7MK KEMET-LB-1608-T4R7MK Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
logo
Littelfuse
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
   Varistor Products - Surface Mount Varistors
logo
Vishay Siliconix
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
logo
AVX Corporation
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC040205X150WP AVX-VC040205X150WP Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
MG042S05X150 AVX-MG042S05X150 Datasheet
126Kb / 4P
   AVX Multilayer Ceramic Transient Voltage Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com