Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

06034D475KAT2A Datasheet(PDF) 36 Page - AVX Corporation

Part # 06034D475KAT2A
Description  AVX Surface Mount Ceramic Capacitor Products
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

06034D475KAT2A Datasheet(HTML) 36 Page - AVX Corporation

Back Button 06034D475KAT2A Datasheet HTML 32Page - AVX Corporation 06034D475KAT2A Datasheet HTML 33Page - AVX Corporation 06034D475KAT2A Datasheet HTML 34Page - AVX Corporation 06034D475KAT2A Datasheet HTML 35Page - AVX Corporation 06034D475KAT2A Datasheet HTML 36Page - AVX Corporation 06034D475KAT2A Datasheet HTML 37Page - AVX Corporation 06034D475KAT2A Datasheet HTML 38Page - AVX Corporation 06034D475KAT2A Datasheet HTML 39Page - AVX Corporation 06034D475KAT2A Datasheet HTML 40Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 99 page
background image
35
MLCC Tin/Lead Termination “B”
Capacitance Range (X5R Dielectric)
PREFERRED SIZES ARE SHADED
SIZE
LD02
LD03
LD05
LD06
LD10
LD12
Soldering
Reflow/Wave
Reflow/Wave
Reflow/Wave
Reflow/Wave
Reflow/Wave
Packaging
All Paper
All Paper
Paper/Embossed
Paper/Embossed
Paper/Embossed
(L) Length
mm
1.00 ± 0.10
1.60 ± 0.15
2.01 ± 0.20
3.20 ± 0.20
3.20 ± 0.20
(in.)
(0.040 ± 0.004)
(0.063 ± 0.006)
(0.079 ± 0.008)
(0.126 ± 0.008)
(0.126 ± 0.008)
(W) Width
mm
0.50 ± 0.10
0.81 ± 0.15
1.25 ± 0.20
1.60 ± 0.20
2.50 ± 0.20
(in.)
(0.020 ± 0.004)
(0.032 ± 0.006)
(0.049 ± 0.008)
(0.063 ± 0.008)
(0.098 ± 0.008)
(t)
Terminal
mm
0.25 ± 0.15
0.35 ± 0.15
0.50 ± 0.25
0.50 ± 0.25
0.50 ± 0.25
(in.)
(0.010 ± 0.006)
(0.014 ± 0.006)
(0.020 ± 0.010)
(0.020 ± 0.010)
(0.020 ± 0.010)
WVDC
4 6.3 10 16
25
50
4
6.3 10
16 25
35 50
6.3 10 16
25
35 50 6.3 10
16 25
35 50
4
6.3 10
16
25
35 50 6.3 10
25
50
Cap
100
(pF)
150
220
C
330
C
470
C
680
C
1000
C
1500
C
2200
C
3300
C
4700
C
G
6800
C
G
Cap
0.010
C
G
(µF)
0.015
C
G
G
G
0.022
C
C
G
G
G
N
0.033
C
G
G
G
N
0.047
C
C
G
G
G
N
0.068
C
G
G
N
0.10
C
C
C
G
G
N
N
0.15
G
N
N
0.22
C*
G
G
N
N
Q
0.33
G
G
N
0.47
C* C*
G
N
Q
Q
X
0.68
G
N
1.0
C* C*
C*
G
G
G
J*
N
N
P*
Q
Q
X
X
X
1.5
2.2
C* C*
G*
G*
J*
J*
N
N
N
Q
Q
Z
X
3.3
J*
J*
J*
J*
N
N
Q
Q
4.7
E*
J*
J*
J*
N
N
N*
N*
Q
Q
Q
Q
Q
Z
10
K*
J*
N* N*
N*
*
Q
Q
Q
Q*
X
Z
Z
Z
22
P*
*
Q* Q* Q*
Z
Z
Z
Z
47
Q*
Z*
100
Z*
Z*
WVDC
4 6.3 10 16
25
50
4
6.3 10
16 25
35 50
6.3 10 16
25
35 50 6.3 10
16 25
35 50
4
6.3 10
16
25
35 50 6.3 10
25
50
SIZE
LD02
LD03
LD05
LD06
LD10
LD12
L
W
T
t
Letter
A
C
E
G
J
K
M
N
P
Q
X
Y
Z
Max.
0.33
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
= Under Development
= *Optional Specifications – Contact factory
NOTE: Contact factory for non-specified capacitance values


Similar Part No. - 06034D475KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06034D100CA72A AVX-06034D100CA72A Datasheet
2Mb / 99P
   Ceramic Chip Capacitors
06034D107KAT2A AVX-06034D107KAT2A Datasheet
787Kb / 4P
   General Specifications
06034D107KAT4A AVX-06034D107KAT4A Datasheet
787Kb / 4P
   General Specifications
06034D107KATUA AVX-06034D107KATUA Datasheet
787Kb / 4P
   General Specifications
06034D107MAT2A AVX-06034D107MAT2A Datasheet
787Kb / 4P
   General Specifications
More results

Similar Description - 06034D475KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12101C474KAT2A AVX-12101C474KAT2A Datasheet
2Mb / 99P
   AVX Surface Mount Ceramic Capacitor Products
logo
Kemet Corporation
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
LB-1608-T4R7MK KEMET-LB-1608-T4R7MK Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
logo
Littelfuse
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
   Varistor Products - Surface Mount Varistors
logo
Vishay Siliconix
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
logo
AVX Corporation
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC040205X150WP AVX-VC040205X150WP Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
MG042S05X150 AVX-MG042S05X150 Datasheet
126Kb / 4P
   AVX Multilayer Ceramic Transient Voltage Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com