Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2936HVMA-5.0 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2936HVMA-5.0
Description  LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2936HVMA-5.0 Datasheet(HTML) 1 Page - Texas Instruments

  LM2936HVMA-5.0 Datasheet HTML 1Page - Texas Instruments LM2936HVMA-5.0 Datasheet HTML 2Page - Texas Instruments LM2936HVMA-5.0 Datasheet HTML 3Page - Texas Instruments LM2936HVMA-5.0 Datasheet HTML 4Page - Texas Instruments LM2936HVMA-5.0 Datasheet HTML 5Page - Texas Instruments LM2936HVMA-5.0 Datasheet HTML 6Page - Texas Instruments LM2936HVMA-5.0 Datasheet HTML 7Page - Texas Instruments LM2936HVMA-5.0 Datasheet HTML 8Page - Texas Instruments LM2936HVMA-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LM2936
www.ti.com
SNOSC48N – JUNE 2000 – REVISED MARCH 2013
LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
Check for Samples: LM2936
1
FEATURES
DESCRIPTION
The LM2936 ultra-low quiescent current regulator
2
Ultra Low Quiescent Current (IQ ≤ 15 μA for
features low dropout voltage and low current in the
IO = 100 μA)
standby mode. With less than 15
μA quiescent
Fixed 3.0V, 3.3V or 5.0V with 50 mA Output
current at a 100
μA load, the LM2936 is ideally suited
±2% Initial Output Tolerance
for automotive and other battery operated systems.
The LM2936 retains all of the features that are
±3% Output Tolerance Over Line, Load, and
common to low dropout regulators including a low
Temperature
dropout PNP pass device, short circuit protection,
Dropout Voltage Typically 200 mV @ IO = 50
reverse battery protection, and thermal shutdown.
mA
The LM2936 has a 40V maximum operating voltage
limit, a
−40°C to +125°C operating temperature
Reverse Battery Protection
range, and ±3% output voltage tolerance over the
−50V Reverse Transient Protection
entire output current, input voltage, and temperature
Internal Short Circuit Current Limit
range. The LM2936 is available in a TO-92 package,
Internal Thermal Shutdown Protection
SOIC-8 and SOT–223 surface mount packages, and
a PFM surface mount power package.
40V Operating Voltage Limit
60V Operating Voltage Limit for LM2936HV
Shutdown Pin Available with LM2936BM
Package
Typical Application
* Required if regulator is located more than 2
″ from power supply filter capacitor.
** Required for stability. See Electrical Characteristics for required values. Must be rated over intended operating
temperature range. Effective series resistance (ESR) is critical, see curve. Locate capacitor as close as possible to
the regulator output and ground pins. Capacitance may be increased without bound.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2936HVMA-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2936HVMA-5.0 NSC-LM2936HVMA-5.0 Datasheet
414Kb / 10P
   Ultra-Low Quiescent Current 5V Regulator
LM2936HVMA-5.0 NSC-LM2936HVMA-5.0 Datasheet
853Kb / 15P
   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
LM2936HVMA-5.0 TI-LM2936HVMA-5.0 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936HVMA-5.0 TI-LM2936HVMA-5.0 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936HVMA-5.0/NOPB TI-LM2936HVMA-5.0/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
More results

Similar Description - LM2936HVMA-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2936MP-5.0 TI-LM2936MP-5.0 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
logo
National Semiconductor ...
LM2936 NSC-LM2936 Datasheet
853Kb / 15P
   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
LM2936 TI-LM2936_15 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
SM74501 TI1-SM74501 Datasheet
428Kb / 14P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936Q TI1-LM2936Q Datasheet
420Kb / 17P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Rohm
BD7XXL2EFJ-C ROHM-BD7XXL2EFJ-C Datasheet
1Mb / 33P
   Ultra Low Quiescent Current LDO Regulator
19.Nov.2021 Rev.008
logo
Texas Instruments
LM2936Q-Q1 TI-LM2936Q-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   LM2936Q Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Rohm
BD733L5FP-CE2 ROHM-BD733L5FP-CE2 Datasheet
614Kb / 21P
   Ultra Low Quiescent Current LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com