Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2936DT-5.0 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM2936DT-5.0
Description  LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2936DT-5.0 Datasheet(HTML) 3 Page - Texas Instruments

  LM2936DT-5.0 Datasheet HTML 1Page - Texas Instruments LM2936DT-5.0 Datasheet HTML 2Page - Texas Instruments LM2936DT-5.0 Datasheet HTML 3Page - Texas Instruments LM2936DT-5.0 Datasheet HTML 4Page - Texas Instruments LM2936DT-5.0 Datasheet HTML 5Page - Texas Instruments LM2936DT-5.0 Datasheet HTML 6Page - Texas Instruments LM2936DT-5.0 Datasheet HTML 7Page - Texas Instruments LM2936DT-5.0 Datasheet HTML 8Page - Texas Instruments LM2936DT-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LM2936
www.ti.com
SNOSC48N – JUNE 2000 – REVISED MARCH 2013
Operating Ratings
Operating Temperature Range
−40°C to +125°C
Maximum Operating Input Voltage - LM2936
+40V
Maximum Operating Input Voltage - LM2936HV only
+60V
Maximum Shutdown Pin Voltage - LM2936BM only
0V to 40V
TO-92 (LP0003A)
θJA
195°C/W
VSSOP-8 (DGK0008A)
θJA
200°C/W
SOIC-8 (D0008A)
θJA
140°C/W
SOIC-8 (D0008A)
θJC
45°C/W
PFM (NDP0003B)
θJA
136°C/W
PFM (NDP0003B)
θJC
6°C/W
SOT-223 (DCY0004A)
θJA
149°C/W
SOT-223 (DCY0004A)
θJC
36°C/W
Electrical Characteristics for LM2936–3.0
VIN = 14V, IO = 10 mA, TJ = 25°C, unless otherwise specified. Boldface limits apply over entire operating temperature range
Min
Typical
Max
Parameter
Conditions
Units
(1)
(2)
(1)
LM2936HV–3.0 Only
Output Voltage
5.5V
≤ VIN ≤ 48V,
2.910
3.000
3.090
V
100 µA
≤ IO ≤ 50 mA
(3)
Line Regulation
6V
≤ VIN ≤ 60V, IO = 1mA
10
30
mV
All LM2936–3.0
2.940
3.000
3.060
Output Voltage
V
4.0V
≤ VIN ≤ 26V,
2.910
3.000
3.090
100 µA
≤ IO ≤ 50 mA
(3)
Quiescent Current
IO = 100 μA, 8V ≤ VIN ≤ 24V
15
20
μA
IO = 10 mA, 8V ≤ VIN ≤ 24V
0.20
0.50
mA
IO = 50 mA, 8V ≤ VIN ≤ 24V
1.5
2.5
mA
Line Regulation
9V
≤ VIN ≤ 16V
5
10
mV
6V
≤ VIN ≤ 40V, IO = 1 mA
10
30
Load Regulation
100
μA ≤ IO ≤ 5 mA
10
30
mV
5 mA
≤ IO ≤ 50 mA
10
30
Dropout Voltage
IO = 100 μA
0.05
0.10
V
IO = 50 mA
0.20
0.40
V
Short Circuit Current
VO = 0V
65
120
250
mA
Output Impedance
IO = 30 mAdc and 10 mArms,
450
m
Ω
f = 1000 Hz
Output Noise Voltage
10 Hz–100 kHz
500
μV
Long Term Stability
20
mV/1000 Hr
Ripple Rejection
Vripple = 1Vrms, fripple = 120 Hz
−40
−60
dB
Reverse Polarity
RL = 500Ω, T = 1 ms
−50
−80
V
Transient Input Voltage
Output Voltage with
VIN = −15V, RL = 500Ω
0.00
−0.30
V
Reverse Polarity Input
Maximum Line Transient
RL = 500Ω, VO ≤ 3.30V, T = 40ms
60
V
Output Bypass
COUT = 22µF
0.3
8
Ω
Capacitance (COUT) ESR
0.1mA
≤ IOUT ≤ 50mA
Shutdown Input
− LM2936BM–3.0 Only
(1)
Datasheet min/max specification limits are ensured by design, test, or statistical analysis.
(2)
Typicals are at 25°C (unless otherwise specified) and represent the most likely parametric norm.
(3)
To ensure constant junction temperature, pulse testing is used.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2936


Similar Part No. - LM2936DT-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2936DT-5.0 NSC-LM2936DT-5.0 Datasheet
331Kb / 9P
   Ultra-Low Quiescent Current 5V Regulator
LM2936DT-5.0 NSC-LM2936DT-5.0 Datasheet
414Kb / 10P
   Ultra-Low Quiescent Current 5V Regulator
LM2936DT-5.0 NSC-LM2936DT-5.0 Datasheet
853Kb / 15P
   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
LM2936DT-5.0 TI-LM2936DT-5.0 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936DT-5.0 TI-LM2936DT-5.0 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
More results

Similar Description - LM2936DT-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2936MP-5.0 TI-LM2936MP-5.0 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
logo
National Semiconductor ...
LM2936 NSC-LM2936 Datasheet
853Kb / 15P
   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
LM2936 TI-LM2936_15 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
SM74501 TI1-SM74501 Datasheet
428Kb / 14P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936Q TI1-LM2936Q Datasheet
420Kb / 17P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Rohm
BD7XXL2EFJ-C ROHM-BD7XXL2EFJ-C Datasheet
1Mb / 33P
   Ultra Low Quiescent Current LDO Regulator
19.Nov.2021 Rev.008
logo
Texas Instruments
LM2936Q-Q1 TI-LM2936Q-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   LM2936Q Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Rohm
BD733L5FP-CE2 ROHM-BD733L5FP-CE2 Datasheet
614Kb / 21P
   Ultra Low Quiescent Current LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com