Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3900DR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3900DR
Description  QUADRUPLE NORTON OPERATIONAL AMPLIFIERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3900DR Datasheet(HTML) 2 Page - Texas Instruments

  LM3900DR Datasheet HTML 1Page - Texas Instruments LM3900DR Datasheet HTML 2Page - Texas Instruments LM3900DR Datasheet HTML 3Page - Texas Instruments LM3900DR Datasheet HTML 4Page - Texas Instruments LM3900DR Datasheet HTML 5Page - Texas Instruments LM3900DR Datasheet HTML 6Page - Texas Instruments LM3900DR Datasheet HTML 7Page - Texas Instruments LM3900DR Datasheet HTML 8Page - Texas Instruments LM3900DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LM2900, LM3900
QUADRUPLE NORTON OPERATIONAL AMPLIFIERS
SLOS059 – JULY 1979 – REVISED SEPTEMBER 1990
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
LM2900
LM3900
UNIT
Supply voltage, VCC (see Note 1)
36
36
V
Input current
20
20
mA
Duration of output short circuit (one amplifier) to ground at (or below) 25
°C free-air temperature
(see Note 2)
unlimited
unlimited
Continuous total dissipation
See Dissipation Rating Table
Operating free-air temperature range
– 40 to 85
0 to 70
°C
Storage temperature range
– 65 to 150
– 65 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
260
°C
NOTES:
1. All voltage values, except differential voltages, are with respect to the network ground terminal.
2. Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
DISSIPATION RATING TABLE
PACKAGE
TA 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
N
1150 mW
9.2 mW/
°C
736 mW
598 mW
recommended operating conditions
LM2900
LM3900
UNIT
MIN
MAX
MIN
MAX
UNIT
Supply voltage, VCC (single supply)
4.5
32
4.5
32
V
Supply voltage, VCC + (dual supply)
2.2
16
2.2
16
V
Supply voltage, VCC – (dual supply)
– 2.2
–16
– 2.2
–16
V
Input current (see Note 3)
–1
–1
mA
Operating free-air temperature, TA
–40
85
0
70
°C
NOTE 3: Clamp transistors are included that prevent the input voltages from swinging below ground more than approximately – 0.3 V. The
negative input currents that may result from large signal overdrive with capacitive input coupling must be limited externally to values
of approximately – 1 mA. Negative input currents in excess of – 4 mA causes the output voltage to drop to a low voltage. These
values apply for any one of the input terminals. If more than one of the input terminals are simultaneously driven negative, maximum
currents are reduced. Common-mode current biasing can be used to prevent negative input voltages.


Similar Part No. - LM3900DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3900DR TI-LM3900DR Datasheet
618Kb / 16P
[Old version datasheet]   QUADRUPLE NORTON OPERATIONAL AMPLIFIERS
LM3900DRE4 TI-LM3900DRE4 Datasheet
618Kb / 16P
[Old version datasheet]   QUADRUPLE NORTON OPERATIONAL AMPLIFIERS
LM3900DRG4 TI-LM3900DRG4 Datasheet
618Kb / 16P
[Old version datasheet]   QUADRUPLE NORTON OPERATIONAL AMPLIFIERS
More results

Similar Description - LM3900DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2900J TI-LM2900J Datasheet
618Kb / 16P
[Old version datasheet]   QUADRUPLE NORTON OPERATIONAL AMPLIFIERS
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
   Quadruple Operational Amplifiers
logo
Guangdong Youtai Semico...
LM124 UMW-LM124 Datasheet
1Mb / 10P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM324NE3 TI1-LM324NE3 Datasheet
1Mb / 35P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED MARCH 2010
logo
Shenzhen Luguang Electr...
LM324 LUGUANG-LM324 Datasheet
484Kb / 4P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM148 TI-LM148_06 Datasheet
399Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Panasonic Semiconductor
AN1324 PANASONIC-AN1324 Datasheet
34Kb / 3P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM148 TI1-LM148_16 Datasheet
766Kb / 15P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com