Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL895-122K-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # RL895-122K-RC
Description  Radial Lead RF Choke
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RL895-122K-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  RL895-122K-RC Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
Formerly
model
Current rating up to 2.6 A
Inductance range: 10 µH to 47,000 µH
RoHS compliant*
Applications
DC/DC converters
Power supplies
Desktop notebooks
Output chokes
RL895 Series - Radial Lead RF Choke
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
Electrical Specifications (@ 25 °C)
Test Frequency
SRF
DCR
Part
Inductance
Q
(MHz)
(
Ω)
I dc
Number
(µH)
Tol.
(Min.)
L
Q
Typ.
Max.
(mA)
RL895-100M-RC
10
±20 %
40
2.52 MHz 2.52 MHz
14
0.04
2600
RL895-120M-RC
12
±20 %
40
2.52 MHz 2.52 MHz
13
0.04
2600
RL895-150K-RC
15
±10 %
40
2.52 MHz 2.52 MHz
11
0.05
2100
RL895-180K-RC
18
±10 %
40
2.52 MHz 2.52 MHz
10
0.05
2000
RL895-220K-RC
22
±10 %
40
2.52 MHz 2.52 MHz
9.0
0.06
1700
RL895-270K-RC
27
±10 %
40
2.52 MHz 2.52 MHz
8.0
0.06
1600
RL895-330K-RC
33
±10 %
40
2.52 MHz 2.52 MHz
7.0
0.07
1400
RL895-390K-RC
39
±10 %
40
2.52 MHz 2.52 MHz
6.5
0.08
1400
RL895-470K-RC
47
±10 %
40
2.52 MHz 2.52 MHz
6.0
0.10
1300
RL895-560K-RC
56
±10 %
30
2.52 MHz 2.52 MHz
5.5
0.11
1200
RL895-680K-RC
68
±10 %
30
2.52 MHz 2.52 MHz
5.0
0.14
1100
RL895-820K-RC
82
±10 %
30
2.52 MHz 2.52 MHz
4.5
0.16
1000
RL895-101K-RC
100
±10 %
25
1.0 KHz
796 KHz
4.0
0.19
900
RL895-121K-RC
120
±10 %
25
1.0 KHz
796 KHz
3.8
0.22
820
RL895-151K-RC
150
±10 %
25
1.0 KHz
796 KHz
3.5
0.27
740
RL895-181K-RC
180
±10 %
25
1.0 KHz
796 KHz
3.0
0.31
710
RL895-221K-RC
220
±10 %
25
1.0 KHz
796 KHz
2.8
0.38
640
RL895-271K-RC
270
±10 %
25
1.0 KHz
796 KHz
2.4
0.53
570
RL895-331K-RC
330
±10 %
20
1.0 KHz
796 KHz
2.2
0.61
510
RL895-391K-RC
390
±10 %
20
1.0 KHz
796 KHz
2.1
0.69
480
RL895-471K-RC
470
±10 %
15
1.0 KHz
796 KHz
2.0
0.89
430
RL895-561K-RC
560
±10 %
15
1.0 KHz
796 KHz
1.8
1.01
400
RL895-681K-RC
680
±10 %
15
1.0 KHz
796 KHz
1.5
1.18
350
RL895-821K-RC
820
±10 %
15
1.0 KHz
796 KHz
1.4
1.57
320
RL895-102K-RC
1000
±10 %
40
1.0 KHz
252 KHz
1.3
1.84
300
RL895-122K-RC
1200
±10 %
40
1.0 KHz
252 KHz
1.2
2.10
270
RL895-152K-RC
1500
±10 %
45
1.0 KHz
252 KHz
1.0
2.80
230
RL895-182K-RC
1800
±10 %
45
1.0 KHz
252 KHz
0.90
3.21
210
RL895-222K-RC
2200
±10 %
45
1.0 KHz
252 KHz
0.80
4.21
190
RL895-272K-RC
2700
±10 %
45
1.0 KHz
252 KHz
0.78
4.94
170
RL895-332K-RC
3300
±10 %
45
1.0 KHz
252 KHz
0.70
6.16
150
RL895-392K-RC
3900
±10 %
45
1.0 KHz
252 KHz
0.65
6.84
140
RL895-472K-RC
4700
±10 %
45
1.0 KHz
252 KHz
0.60
7.89
130
RL895-562K-RC
5600
±10 %
50
1.0 KHz
252 KHz
0.55
11.5
120
RL895-682K-RC
6800
±10 %
50
1.0 KHz
252 KHz
0.48
13.2
110
RL895-822K-RC
8200
±10 %
50
1.0 KHz
252 KHz
0.45
15.3
100
RL895-103K-RC
10,000
±10 %
80
1.0 KHz
79.6 KHz
0.40
22.0
89
RL895-123K-RC
12,000
±10 %
80
1.0 KHz
79.6 KHz
0.39
25.0
73
RL895-153K-RC
15,000
±10 %
80
1.0 KHz
79.6 KHz
0.33
29.1
68
RL895-183K-RC
18,000
±10 %
80
1.0 KHz
79.6 KHz
0.29
38.9
66
RL895-223K-RC
22,000
±10 %
70
1.0 KHz
79.6 KHz
0.27
44.9
59
RL895-273K-RC
27,000
±10 %
70
1.0 KHz
79.6 KHz
0.24
55.2
52
RL895-333K-RC
33,000
±10 %
70
1.0 KHz
79.6 KHz
0.21
64.2
48
RL895-393K-RC
39,000
±10 %
60
1.0 KHz
79.6 KHz
0.20
74.2
42
RL895-473K-RC
47,000
±10 %
60
1.0 KHz
79.6 KHz
0.17
96.4
38
DIMENSIONS:
MM
(INCHES)
General Specifications
Rated Current ..... Inductance drop 10 %,
Operating Temperature
................................-30 °C to +100 °C
Storage Temperature
................................-30 °C to +100 °C
Materials
Core Material ................................Ferrite
Wire ...........................Enameled copper
Terminal Coating............. Sn/Ag/Cu alloy
Marking
............. Value code on top of inductor
Packaging
Standard ...................... 100 pcs. per bag
Product Dimensions
How To Order
RL895 - 102K - RC
Model
Value/Tolerance Code (see table)
Compliance Code
RC = RoHS Compliant
Example:
RL895-102K-RC = 1000 µH, ±10 %
REV. 02/11
Electrical Schematic
5.0 ± 0.3
(.197 ± .012)
7.8 ± 0.5
(.307 ± .020)
0.7
(.028)
DIA.
9.5
(.374)
MAX.
5.0
(.197)


Similar Part No. - RL895-122K-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
RL895 BOURNS-RL895 Datasheet
245Kb / 1P
   RADIAL INDUCTOR
More results

Similar Description - RL895-122K-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
RL110-100M-RC BOURNS-RL110-100M-RC Datasheet
883Kb / 1P
   Radial Lead RF Choke
RL181S-102J-RC BOURNS-RL181S-102J-RC Datasheet
147Kb / 1P
   Radial Lead RF Choke
RL262-101J-RC BOURNS-RL262-101J-RC Datasheet
170Kb / 1P
   Radial Lead RF Choke
RL855-100M-RC BOURNS-RL855-100M-RC Datasheet
857Kb / 1P
   Radial Lead RF Choke
RL824-100K-RC BOURNS-RL824-100K-RC Datasheet
182Kb / 1P
   Radial Lead RF Choke
RL875S-100L-RC BOURNS-RL875S-100L-RC Datasheet
154Kb / 1P
   Radial Lead RF Choke
RL187-101J-RC BOURNS-RL187-101J-RC Datasheet
170Kb / 1P
   Radial Lead RF Choke
6100-100K-RC BOURNS-6100-100K-RC Datasheet
216Kb / 1P
   Radial Lead RF Choke
RL110S-100M-RC BOURNS-RL110S-100M-RC Datasheet
170Kb / 1P
   Radial Lead RF Choke
RL875-100M-RC BOURNS-RL875-100M-RC Datasheet
1Mb / 1P
   Radial Lead RF Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com